Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC102S085CISDX Datasheet(PDF) 4 Page - Texas Instruments

Part # DAC102S085CISDX
Description  DAC102S085 10-Bit Micro Power DUAL Digital-to-Analog Converter with Rail-to-Rail
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC102S085CISDX Datasheet(HTML) 4 Page - Texas Instruments

  DAC102S085CISDX Datasheet HTML 1Page - Texas Instruments DAC102S085CISDX Datasheet HTML 2Page - Texas Instruments DAC102S085CISDX Datasheet HTML 3Page - Texas Instruments DAC102S085CISDX Datasheet HTML 4Page - Texas Instruments DAC102S085CISDX Datasheet HTML 5Page - Texas Instruments DAC102S085CISDX Datasheet HTML 6Page - Texas Instruments DAC102S085CISDX Datasheet HTML 7Page - Texas Instruments DAC102S085CISDX Datasheet HTML 8Page - Texas Instruments DAC102S085CISDX Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
DAC102S085
SNAS364E – MAY 2006 – REVISED MARCH 2013
www.ti.com
Electrical Characteristics
(1)
The following specifications apply for VA = +2.7V to +5.5V, VREFIN = VA, CL = 200 pF to GND, fSCLK = 30 MHz, input code
range 12 to 1011. Boldface limits apply for TMIN ≤ TA ≤ TMAX and all other limits are at TA = 25°C, unless otherwise
specified.
Units
Symbol
Parameter
Conditions
Typical(2)
Limits(2)
(Limits)
STATIC PERFORMANCE
Resolution
10
Bits (min)
Monotonicity
10
Bits (min)
INL
Integral Non-Linearity
±0.7
±2
LSB (max)
+0.08
+0.35
LSB (max)
DNL
Differential Non-Linearity
VA = 2.7V to 5.5V
−0.03
−0.25
LSB (min)
ZE
Zero Code Error
IOUT = 0
+5
+15
mV (max)
FSE
Full-Scale Error
IOUT = 0
−0.1
−0.75
%FSR (max)
GE
Gain Error
All ones Loaded to DAC register
−0.2
−1.0
%FSR
ZCED
Zero Code Error Drift
−20
µV/°C
VA = 3V
−0.7
ppm/°C
TC GE
Gain Error Tempco
VA = 5V
−1.0
ppm/°C
OUTPUT CHARACTERISTICS
0
V (min)
Output Voltage Range
See(3)
VREFIN
V (max)
High-Impedance Output Leakage
IOZ
±1
µA (max)
Current(3)
VA = 3V, IOUT = 200 µA
1.3
mV
VA = 3V, IOUT = 1 mA
6.0
mV
ZCO
Zero Code Output
VA = 5V, IOUT = 200 µA
7.0
mV
VA = 5V, IOUT = 1 mA
10.0
mV
VA = 3V, IOUT = 200 µA
2.984
V
VA = 3V, IOUT = 1 mA
2.934
V
FSO
Full Scale Output
VA = 5V, IOUT = 200 µA
4.989
V
VA = 5V, IOUT = 1 mA
4.958
V
VA = 3V, VOUT = 0V, Input Code = 3FFh
-56
mA
Output Short Circuit Current
IOS
(source)
VA = 5V, VOUT = 0V, Input Code = 3FFh
-69
mA
VA = 3V, VOUT = 3V, Input Code = 000h
52
mA
IOS
Output Short Circuit Current (sink)
VA = 5V, VOUT = 5V, Input Code = 000h
75
mA
IO
Continuous Output Current(3)
Available on each DAC output
11
mA (max)
RL = ∞
1500
pF
CL
Maximum Load Capacitance
RL = 2kΩ
1500
pF
ZOUT
DC Output Impedance
7.5
REFERENCE INPUT CHARACTERISTICS
Input Range Minimum
0.2
1.0
V (min)
VREFIN
Input Range Maximum
VA
V (max)
Input Impedance
60
k
(1)
To ensure accuracy, it is required that VA and VREFIN be well bypassed.
(2)
Typical figures are at TJ = 25°C, and represent most likely parametric norms. Test limits are specified to AOQL (Average Outgoing
Quality Level).
(3)
This parameter is specified by design and/or characterization and is not tested in production.
4
Submit Documentation Feedback
Copyright © 2006–2013, Texas Instruments Incorporated
Product Folder Links: DAC102S085


Similar Part No. - DAC102S085CISDX

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC102S085CISDX/NOPB TI1-DAC102S085CISDX/NOPB Datasheet
1Mb / 32P
[Old version datasheet]   DAC102S085 10-Bit Micro Power DUAL Digital-to-Analog Converter With Rail-to-Rail Output
More results

Similar Description - DAC102S085CISDX

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC102S085 TI1-DAC102S085_16 Datasheet
1Mb / 32P
[Old version datasheet]   DAC102S085 10-Bit Micro Power DUAL Digital-to-Analog Converter With Rail-to-Rail Output
logo
National Semiconductor ...
DAC102S085 NSC-DAC102S085 Datasheet
821Kb / 18P
   10-Bit Micro Power DUAL Digital-to-Analog Converter with Rail-to-Rail Output
DAC101S101 NSC-DAC101S101 Datasheet
905Kb / 19P
   10-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
DAC104S085 NSC-DAC104S085 Datasheet
832Kb / 18P
   10-Bit Micro Power QUAD Digital-to-Analog Converter with Rail-to-Rail Output
DAC108S085 NSC-DAC108S085 Datasheet
521Kb / 24P
   10-Bit Micro Power OCTAL Digital-to-Analog Converter with Rail-to-Rail Outputs
logo
Texas Instruments
DAC104S085 TI-DAC104S085 Datasheet
1Mb / 29P
[Old version datasheet]   10-Bit Micro Power QUAD Digital-to-Analog Converter with Rail-to-Rail Output
logo
National Semiconductor ...
DAC122S085 NSC-DAC122S085 Datasheet
821Kb / 18P
   12-Bit Micro Power DUAL Digital-to-Analog Converter with Rail-to-Rail Output
DAC082S085 NSC-DAC082S085 Datasheet
870Kb / 19P
   8-Bit Micro Power DUAL Digital-to-Analog Converter with Rail-to-Rail Output
logo
Texas Instruments
DAC108S085 TI1-DAC108S085_15 Datasheet
1Mb / 36P
[Old version datasheet]   DAC108S085 10-Bit Micro Power OCTAL Digital-to-Analog Converter with Rail-to-Rail Outputs
11696 TI-11696 Datasheet
913Kb / 19P
[Old version datasheet]   12-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com