Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC5687 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # DAC5687
Description  16-BIT, 500 MSPS 2?? INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER (DAC)
Download  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC5687 Datasheet(HTML) 10 Page - Texas Instruments

Back Button DAC5687 Datasheet HTML 6Page - Texas Instruments DAC5687 Datasheet HTML 7Page - Texas Instruments DAC5687 Datasheet HTML 8Page - Texas Instruments DAC5687 Datasheet HTML 9Page - Texas Instruments DAC5687 Datasheet HTML 10Page - Texas Instruments DAC5687 Datasheet HTML 11Page - Texas Instruments DAC5687 Datasheet HTML 12Page - Texas Instruments DAC5687 Datasheet HTML 13Page - Texas Instruments DAC5687 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 79 page
background image
www.ti.com
CLK 2
1
0.5
2f
-
DAC5687
SLWS164E – FEBRUARY 2005 – REVISED SEPTEMBER 2006
ELECTRICAL CHARACTERISTICS (DIGITAL SPECIFICATIONS) (continued)
over recommended operating free-air temperature range, AVDD = 3.3 V, CLKVDD = 3.3 V, PLLVDD = 3.3 V, IOVDD = 3.3 V,
DVDD = 1.8 V, IOUTFS = 19.2 mA (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
PLL
At 600-kHz offset, measured at DAC output,
25-MHz, 0-dBFS tone, fDATA = 125 MSPS,
133
4
× interpolation, pll_freq = 1, pll_kv = 0
Phase noise
dBc/Hz
At 6-MHz offset, measured at DAC output,
25 MHz 0-dBFS tone, 125 MSPS,
148.5
4
× interpolation, pll_freq = 1, pll_kv = 0
pll_freq = 0, pll_kv = 1
370
pll_freq = 0, pll_kv = 0
480
VCO maximum frequency
MHz
pll_freq = 1, pll_kv = 1
495
pll_freq = 1, pll_kv = 0
520
pll_freq = 0, pll_kv = 1
225
pll_freq = 0, pll_kv = 0
200
VCO minimum frequency
MHz
pll_freq = 1, pll_kv = 1
480
pll_freq = 1, pll_kv = 0
480
NCO and QMC BLOCKS
QMC clock rate
320
MHz
NCO clock rate
320
MHz
SERIAL PORT TIMING
ts(SDENB)
Setup time, SDENB to rising edge of SCLK
20
ns
Setup time, SDIO valid to rising edge of
ts(SDIO)
10
ns
SCLK
Hold time, SDIO valid to rising edge of
th(SDIO)
5
ns
SCLK
tSCLK
Period of SCLK
100
ns
tSCLKH
High time of SCLK
40
ns
tSCLK
Low time of SCLK
40
ns
Data output delay after falling edge of
td(Data)
10
ns
SCLK
CLOCK INPUT (CLK1/CLK1C, CLK2/CLK2C)
Duty cycle
40%
60%
Differential voltage
0.4
1
V
TIMING PARALLEL DATA INPUT: CLK1 LATCHING MODES
(PLL Mode – See Figure 45, Dual Clock Mode FIFO Disabled – See Figure 47, Dual Clock Mode With FIFO Enabled – See Figure 48)
Setup time, DATA valid to rising edge of
ts(DATA)
0.5
ns
CLK1
Hold time, DATA valid after rising edge of
th(DATA)
1.5
ns
CLK1
Maximum offset between CLK1 and CLK2
t_align
rising edges – dual clock mode with FIFO
ns
disabled
Timing Parallel Data Input (External Clock Mode, Latch on PLLLOCK Rising Edge, CLK2 Clock Input, See Figure 43 )
Setup time, DATA valid to rising edge of
ts(DATA)
72-
Ω load on PLLLOCK
0.5
ns
PLLLOCK
Hold time, DATA valid after rising edge of
th(DATA)
72-
Ω load on PLLLOCK
1.5
ns
PLLLOCK
Delay from CLK2 rising edge to PLLLOCK
72-
Ω load on PLLLOCK. Note that PLLLOCK
tdelay(Plllock)
4.5
ns
rising edge
delay increases with a lower-impedance load.
Timing Parallel Data Input (External Clock Mode, Latch on PLLLOCK Falling Edge, CLK2 Clock Input, See Figure 44)
Setup time, DATA valid to falling edge of
ts(DATA)
High-impedance load on PLLLOCK
0.5
ns
PLLLOCK
Hold time, DATA valid after falling edge of
th(DATA)
High-impedance load on PLLLOCK
1.5
ns
PLLLOCK
High-impedance load on PLLLOCK. Note that
Delay from CLK2 rising edge to PLLLOCK
tdelay(Plllock)
PLLLOCK delay increases with a
4.5
ns
rising edge
lower-impedance load.
10
Submit Documentation Feedback
Copyright © 2005–2006, Texas Instruments Incorporated
Product Folder Link(s): DAC5687


Similar Part No. - DAC5687

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC5687 TI-DAC5687 Datasheet
2Mb / 72P
[Old version datasheet]   16-BIT, 500 MSPS 2x-8x INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER (DAC)
DAC5687-EP TI1-DAC5687-EP Datasheet
2Mb / 75P
[Old version datasheet]   16-BIT 500-MSPS 2쨈??쨈 INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER (DAC)
DAC5687-EP TI-DAC5687-EP_15 Datasheet
2Mb / 76P
[Old version datasheet]   16-BIT 500-MSPS 2쨈??쨈 INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER (DAC)
DAC5687IPZP TI-DAC5687IPZP Datasheet
2Mb / 72P
[Old version datasheet]   16-BIT, 500 MSPS 2x-8x INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER (DAC)
DAC5687MPZPEP TI1-DAC5687MPZPEP Datasheet
2Mb / 75P
[Old version datasheet]   16-BIT 500-MSPS 2쨈??쨈 INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER (DAC)
More results

Similar Description - DAC5687

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC5687-EP TI-DAC5687-EP_15 Datasheet
2Mb / 76P
[Old version datasheet]   16-BIT 500-MSPS 2쨈??쨈 INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER (DAC)
DAC5687 TI-DAC5687 Datasheet
2Mb / 72P
[Old version datasheet]   16-BIT, 500 MSPS 2x-8x INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER (DAC)
DAC5687-EP TI1-DAC5687-EP Datasheet
2Mb / 75P
[Old version datasheet]   16-BIT 500-MSPS 2쨈??쨈 INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER (DAC)
DAC5687 TI-DAC5687_15 Datasheet
2Mb / 80P
[Old version datasheet]   16-BIT, 500 MSPS 2쨈??쨈 INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER (DAC)
DAC5686 TI1-DAC5686_16 Datasheet
822Kb / 53P
[Old version datasheet]   16-BIT, 500-MSPS, 216 INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER
DAC5686 TI-DAC5686 Datasheet
1Mb / 46P
[Old version datasheet]   16-BIT, 500-MSPS, 2X16X INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER
DAC3282 TI-DAC3282 Datasheet
1Mb / 49P
[Old version datasheet]   16-Bit, 625 MSPS, 2x Interpolating, Dual-Channel Digital-to-Analog Converter (DAC)
DAC3282 TI-DAC3282_10 Datasheet
1Mb / 51P
[Old version datasheet]   16-Bit, 625 MSPS, 2x Interpolating, Dual-Channel Digital-to-Analog Converter (DAC)
DAC3282_101 TI-DAC3282_101 Datasheet
1Mb / 53P
[Old version datasheet]   16-Bit, 625 MSPS, 2x Interpolating, Dual-Channel Digital-to-Analog Converter (DAC)
DAC5686 TI-DAC5686_15 Datasheet
706Kb / 53P
[Old version datasheet]   16-BIT, 500-MSPS, 2횞??6횞 INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com