Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC702BH Datasheet(PDF) 7 Page - Texas Instruments

Part # DAC702BH
Description  Monolithic 16-Bit DIGITAL-TO-ANALOG CONVERTERS
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC702BH Datasheet(HTML) 7 Page - Texas Instruments

Back Button DAC702BH Datasheet HTML 3Page - Texas Instruments DAC702BH Datasheet HTML 4Page - Texas Instruments DAC702BH Datasheet HTML 5Page - Texas Instruments DAC702BH Datasheet HTML 6Page - Texas Instruments DAC702BH Datasheet HTML 7Page - Texas Instruments DAC702BH Datasheet HTML 8Page - Texas Instruments DAC702BH Datasheet HTML 9Page - Texas Instruments DAC702BH Datasheet HTML 10Page - Texas Instruments DAC702BH Datasheet HTML 11Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
7
®
DAC701, 702, 703
POWER SUPPLY SENSITIVITY
Power supply sensitivity is a measure of the effect of a
change in a power supply voltage on the D/A converter
output. It is defined as a percent of FSR change in the output
per percent of change in either the positive supply (+VCC),
negative supply (–V
CC) or logic supply (VDD) about the
nominal power supply voltages (see Figure 2).
It is specified for DC or low frequency changes. The typical
performance curve in Figure 2 shows the effect of high
frequency changes in power supply voltages.
FIGURE 2. Power Supply Rejection vs Power Supply Ripple
Frequency.
Power Supply Ripple Frequency (Hz)
1
10
100
1k
10k
100k
0.030
0.025
0.020
0.015
0.01
0.005
0
–15V Supply
+15V
Supply
+5V
Supply
REFERENCE SUPPLY
All models have an internal low-noise +6.3V reference
voltage derived from an on-chip buried zener diode. This
reference voltage, available to the user, has a tolerance of
±5% (KH models) and ±1% (BH models). A minimum of
1.5mA is available for external loads. Since the output
impedance of the reference output is typically 1W, the
external load should remain constant.
If a varying load is to be driven by the reference supply, an
external buffer amplifier is recommended to drive the load
in order to isolate the bipolar offset (connected internally to
the reference) from load variations.
OPERATING INSTRUCTIONS
POWER SUPPLY CONNECTIONS
For optimum performance and noise rejection, power sup-
ply decoupling capacitors should be added as shown in the
Connection Diagram. 1
µF tantalum capacitors should be
located close to the D/A converter.
EXTERNAL ZERO AND GAIN ADJUSTMENT
Zero and gain may be trimmed by installing external zero
and gain potentiometers. Connect these potentiometers as
shown in the Connection Diagram and adjust as described
below. TCR of the potentiometers should be 100ppm/
°C or
less. The 3.9M
Ω and 270kΩ resistors (±20% carbon or
better) should be located close to the D/A converter to
prevent noise pickup. If it is not convenient to use these
high-value resistors, an equivalent “T” network, as shown in
Figure 3, may be substituted in place of the 3.9M
Ω part. A
0.001
µF to 0.01µF ceramic capacitor should be connected
from Gain Adjust to Common to prevent noise pickup. Refer
to Figures 4 and 5 for the relationship of zero and gain
adjustments to unipolar and bipolar D/A converters.
FIGURE 3. Equivalent Resistances.
180k
180k
3.9M
10k
Digital Input
H
Input =
0000
H
Input =
FFFF
Gain Adjust
Rotates
the Line
Range
of Gain
Adjust
1LSB
+ Full
Scale
Range of
Zero Adjust
Zero Adjust
Translates
the Line
FIGURE 4. Relationship of Zero and Gain Adjustments for
Unipolar D/A Converters, DAC701.
Digital Input
H
Input =
FFFF
Gain
Adjust
Rotates
the Line
Range
of Gain
Adjust
1LSB
+ Full
Scale
– Full
Scale
Range
and
Offset
Adjust
Offset
Adjust
Translates
the Line
H
Input =
0000
MSB on All
Others Off 7FFFH
FIGURE 5. Relationship of Zero and Gain Adjustments for
Bipolar D/A Converters, DAC702 and DAC703.


Similar Part No. - DAC702BH

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DAC702BH BURR-BROWN-DAC702BH Datasheet
301Kb / 12P
   Monolithic 16-Bit DIGITAL-TO-ANALOG CONVERTERS
More results

Similar Description - DAC702BH

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
PCM54 BURR-BROWN-PCM54 Datasheet
83Kb / 7P
   16-Bit Monolithic DIGITAL-TO-ANALOG CONVERTERS
DAC701 BURR-BROWN-DAC701 Datasheet
301Kb / 12P
   Monolithic 16-Bit DIGITAL-TO-ANALOG CONVERTERS
DAC80 BURR-BROWN-DAC80 Datasheet
211Kb / 9P
   Monolithic 12-Bit DIGITAL-TO-ANALOG CONVERTERS
logo
Texas Instruments
DAC80P TI-DAC80P Datasheet
190Kb / 10P
[Old version datasheet]   Monolithic 12-Bit DIGITAL-TO-ANALOG CONVERTERS
logo
Burr-Brown (TI)
DAC70 BURR-BROWN-DAC70 Datasheet
481Kb / 10P
   Monlithic 16-bit digital-to-analog converters
logo
Texas Instruments
DAC707KH TI-DAC707KH Datasheet
121Kb / 13P
[Old version datasheet]   Microprocessor-Compatible 16-BIT DIGITAL-TO-ANALOG CONVERTERS
logo
Maxim Integrated Produc...
MAX1167BE MAXIM-MAX1167BE Datasheet
348Kb / 30P
   Multichannel, 16-Bit, 200ksps Analog-to-Digital Converters
Rev 1; 10/09
logo
List of Unclassifed Man...
DAC-HP ETC-DAC-HP Datasheet
136Kb / 4P
   16-Bit, High-Performance Digital-to-Analog Converters
logo
Burr-Brown (TI)
DAC707 BURR-BROWN-DAC707 Datasheet
149Kb / 11P
   Microprocessor-Compatible 16-BIT DIGITAL-TO-ANALOG CONVERTERS
logo
Murata Power Solutions ...
DAC-HP16BGC MURATA-PS-DAC-HP16BGC Datasheet
139Kb / 4P
   16-Bit, High-Performance Digital-to-Analog Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com