Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B3F-1020 Datasheet(PDF) 3 Page - Omron Electronics LLC

Part # B3F-1020
Description  Tactile Switch
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

B3F-1020 Datasheet(HTML) 3 Page - Omron Electronics LLC

  B3F-1020 Datasheet HTML 1Page - Omron Electronics LLC B3F-1020 Datasheet HTML 2Page - Omron Electronics LLC B3F-1020 Datasheet HTML 3Page - Omron Electronics LLC B3F-1020 Datasheet HTML 4Page - Omron Electronics LLC B3F-1020 Datasheet HTML 5Page - Omron Electronics LLC B3F-1020 Datasheet HTML 6Page - Omron Electronics LLC B3F-1020 Datasheet HTML 7Page - Omron Electronics LLC B3F-1020 Datasheet HTML 8Page - Omron Electronics LLC B3F-1020 Datasheet HTML 9Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
B3F
B3F
Ratings/Characteristics
Operating Characteristics
Ratings
1 to 50 mA, 5 to 24 VDC (resistive load) (B3F-G: 100
μA to 50 mA, 5 to 24 VDC)
Ambient operating temperature
-25
°C to +70°C at 60%RH max. (with no icing or condensation)
Ambient operating humidity
35% to 85% (at +5 to +35
°C)
Contact form
SPST-NO
Contact resistance
100 m
Ω max. (initial value) (rated: 1 mA, 5 VDC) B3F-G: (rated: 100 μA, 5 VDC)
Insulation resistance
100 M
Ω min. (at 250 VDC)
Dielectric strength
500 VAC, 50/60 Hz for 1 min
Bounce time
5 ms max.
Vibration resistance
Malfunction: 10 to 55 Hz, 1.5 mm double amplitude
Shock resistance
Destruction: 1,000 m/s2 {approx. 100G} max.
Malfunction: 100 m/s2 {approx. 10G} max.
Durability
B3F-1000, B3F-3000, B3F-6000:
1,000,000 operations min (OF: 0.98 N {100 gf}) (B3F-1070: 500,000 operations min)
300,000 operations min (OF: 1.47 N {150 gf})
100,000 operations min (OF: 2.55 N {260 gf})
50,000 operations min (OF: 4.9 N {500 gf})
B3F-4000:
3,000,000 operations min (OF: 1.27 N {131 gf})
1,000,000 operations min (OF: 2.55 N {260 gf})
B3F-5000:
10,000,000 operations min.
B3F-G:
300,000 operations min.
Weight
6
× 6 mm models: approx. 0.25 g
12
× 12 mm models (standard types): approx. 0.85 g
Radial models: approx. 0.25 g
B3F-1000, B3F-3000, B3F-6000
B3F-4000, B3F-5000
B3F-G
Operating force
(OF)
0.98 N
1.47 N
2.55 N
4.9 N
1.27 N
2.55 N
1.76 N
Item
B3F-1
@@0
B3F-3
@@0
B3F-6
@@0
B3F-1
@@2
B3F-3
@@2
B3F-6
@@2
B3F-1
@@5
B3F-3
@@5
B3F-10
@6
B3F-4
@@0
B3F-5
@@0
B3F-5
@@1
B3F-4
@@5
B3F-1
@@2-G
B3F-3
@@2-G
Operating force
(OF)
0.98
±0.29 N
{100
±30 gf}
1.47
±0.49 N
{150
±50 gf}
2.55
±0.69 N
{260
±70 gf}
4.9
±1.47 N
{500
±150 gf}
1.27
±0.49 N
{130
±50 gf}
2.55
±0.69 N
{260
±70 gf}
1.76
±0.49 N
{180
±50 gf}
Releasing force
(RF)
0.2 N {20 gf}
min.
0.49 N {50 gf}
min.
0.49 N {50 gf}
min.
0.7 N {70 gf}
min.
0.29 N {30 gf}
min.
0.49 N {50 gf}
min.
0.49 N {50 gf}
min.
Pretravel (PT)
0.25+0.2/–0.1 mm
0.3+0.2/–0.1 mm
0.25+0.2/–0.1 mm


Similar Part No. - B3F-1020

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
B3F-1020 OMRON-B3F-1020 Datasheet
328Kb / 5P
   Mechanical Key Switch
B3F-1020 OMRON-B3F-1020 Datasheet
1Mb / 12P
   Tactile Switch
B3F-1020 OMRON-B3F-1020 Datasheet
1Mb / 12P
   Tactile Switch
B3F-1020S OMRON-B3F-1020S Datasheet
328Kb / 5P
   Mechanical Key Switch
More results

Similar Description - B3F-1020

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
B3M OMRON-B3M Datasheet
261Kb / 4P
   Tactile Switch
B3W OMRON-B3W Datasheet
800Kb / 6P
   Tactile Switch
logo
CUI INC
TS04 CUI-TS04 Datasheet
429Kb / 5P
   TACTILE SWITCH
11/03/2021
TS16 CUI-TS16 Datasheet
389Kb / 5P
   TACTILE SWITCH
04/13/2022
TS02 CUI-TS02 Datasheet
467Kb / 5P
   TACTILE SWITCH
logo
Omron Electronics LLC
B3F OMRON-B3F_1 Datasheet
1Mb / 12P
   Tactile Switch
B3F OMRON-B3F_11 Datasheet
1Mb / 12P
   Tactile Switch
logo
CUI INC
TS13 CUI-TS13 Datasheet
345Kb / 4P
   TACTILE SWITCH
04/13/2022
TS12 CUI-TS12 Datasheet
971Kb / 6P
   TACTILE SWITCH
04/14/2022
TS19 CUI-TS19 Datasheet
424Kb / 4P
   TACTILE SWITCH
05/10/2022
TS05 CUI-TS05 Datasheet
470Kb / 4P
   TACTILE SWITCH
09/20/2021
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com