Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CP1E-E40DR-A Datasheet(PDF) 7 Page - Omron Electronics LLC

Part # CP1E-E40DR-A
Description  The CP1E Package PLCs: Economical, Easy to use, and Efficient
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

CP1E-E40DR-A Datasheet(HTML) 7 Page - Omron Electronics LLC

Back Button CP1E-E40DR-A Datasheet HTML 3Page - Omron Electronics LLC CP1E-E40DR-A Datasheet HTML 4Page - Omron Electronics LLC CP1E-E40DR-A Datasheet HTML 5Page - Omron Electronics LLC CP1E-E40DR-A Datasheet HTML 6Page - Omron Electronics LLC CP1E-E40DR-A Datasheet HTML 7Page - Omron Electronics LLC CP1E-E40DR-A Datasheet HTML 8Page - Omron Electronics LLC CP1E-E40DR-A Datasheet HTML 9Page - Omron Electronics LLC CP1E-E40DR-A Datasheet HTML 10Page - Omron Electronics LLC CP1E-E40DR-A Datasheet HTML 11Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 44 page
background image
CP1E-E
@@D@-@ CP1E-N@@D@-@/NA20D@-@
7
Expansion I/O Units and Expansion Units (for CP1E E30/40, N30/40/60, or NA20 CPU Units)
CP1E E10/14/20 or N14/20 CPU Units do not support Expansion I/O Units and Expansion Units.
I/O Connecting Cable
Note:
An I/O Connecting Cable (approx. 6 cm) for horizontal connection is provided with CP1W Expansion I/O Units and Expansion Units.
Unit type
Product name
Specifications
Current
consumption (A)
Model
Standards
Inputs
Outputs
Output type
5 V
24 V
CP1W
Expansion I/O
Units
Input Unit
8--
--
0.018
--
CP1W-8ED
U, C, N, L, CE
Output Units
--
8
Relay
0.026
0.044
CP1W-8ER
Transistor
(sinking)
0.075
--
CP1W-8ET
Transistor
(sourcing)
0.075
--
CP1W-8ET1
--
16
Relay
0.042
0.090
CP1W-16ER
N, L, CE
Transistor
(sinking)
0.076
--
CP1W-16ET
Transistor
(sourcing)
0.076
--
CP1W-16ET1
--
32
Relay
0.049
0.131
CP1W-32ER
N, L, CE
Transistor
(sinking)
0.113
--
CP1W-32ET
Transistor
(sourcing)
0.113
--
CP1W-32ET1
I/O Units
12
8
Relay
0.103
0.044
CP1W-20EDR1
U, C, N, L, CE
Transistor
(sinking)
0.130
--
CP1W-20EDT
Transistor
(sourcing)
0.130
--
CP1W-20EDT1
24
16
Relay
0.080
0.090
CP1W-40EDR
N, L, CE
Transistor
(sinking)
0.160
--
CP1W-40EDT
Transistor
(sourcing)
0.160
--
CP1W-40EDT1
CP1W
Expansion
Units
Analog Input Unit
4 analog inputs
Input range: 0 to 5 V, 1 to 5 V, 0 to 10 V,
±10 V,
0 to 20 mA, or 4 to 20 mA.
Resolution: 1/6000
0.100
0.090
CP1W-AD041
UC1, N, L, CE
Analog Output Unit
2 analog outputs
Output range: 1 to 5 V, 0 to 10 V,
±10 V,
0 to 20 mA, or 4 to 20 mA.
Resolution: 1/6000
0.040
0.095
CP1W-DA021
UC1, CE
4 analog outputs
Output range: 1 to 5 V, 0 to 10 V,
±10 V,
0 to 20 mA, or 4 to 20 mA.
Resolution: 1/6000
0.080
0.124
CP1W-DA041
UC1, N, L, CE
Analog I/O Unit
2 analog inputs and 1 analog output
Input range: 0 to 5 V, 1 to 5 V, 0 to 10 V,
±10 V,
0 to 20 mA, or 4 to 20 mA.
Output range: 1 to 5 V, 0 to 10 V,
±10 V,
0 to 20 mA, or 4 to 20 mA.
Resolution: 1/6000
0.083
0.110
CP1W-MAD11
U, C, N, L, CE
Temperature
Sensor Unit
2 temperature sensor inputs
Sensor type: Thermocouple (J or K)
0.040
0.059
CP1W-TS001
4 temperature sensor inputs
Sensor type: Thermocouple (J or K)
0.040
0.059
CP1W-TS002
2 temperature sensor inputs
Sensor type: Platinum resistance thermometer
(Pt100 or JPt100)
0.054
0.073
CP1W-TS101
4 temperature sensor inputs
Sensor type: Platinum resistance thermometer
(Pt100 or JPt100)
0.054
0.073
CP1W-TS102
CompoBus/S
I/O Link Unit
CompoBus/S slave
8 inputs and 8 outputs
0.029
--
CP1W-SRT21
Product name
Specifications
Model
Standards
I/O Connecting Cable
80 cm (for CP1W Expansion I/O Units and Expansion Units)
Only one I/O Connecting Cable can be used in each PLC.
CP1W-CN811
UC1, N, L, CE


Similar Part No. - CP1E-E40DR-A

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
CP1E-E40DR-A OMRON-CP1E-E40DR-A Datasheet
7Mb / 54P
   The CP1E Programmable Controller: Economical, Easy to use, and Efficient
More results

Similar Description - CP1E-E40DR-A

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
CP1E OMRON-CP1E Datasheet
7Mb / 54P
   The CP1E Programmable Controller: Economical, Easy to use, and Efficient
logo
International Rectifier
IRDC3838 IRF-IRDC3838 Datasheet
1Mb / 16P
   The IR3838 SupIRBuckTM is an easy-to-use, fully integrated and highly efficient DC/DCregulator.
IRDC3839 IRF-IRDC3839 Datasheet
1Mb / 16P
   The IR3839 SupIRBuckTM is an easy-to-use,fully integrated and highly efficient DC/DCregulator.
IRDC3837 IRF-IRDC3837 Datasheet
1Mb / 16P
   The IR3837 SupIRBuckTM is an easy-to-use, fully integrated and highly efficient DC/DC regulator.
IRDC3871 IRF-IRDC3871 Datasheet
1Mb / 15P
   The IR3871 SupIRBuckTM is an easy-to-use, fully integrated and highly efficient DC/DC voltage regulator.
IRDC3876 IRF-IRDC3876 Datasheet
1Mb / 15P
   The IR3876 SupIRBuckTM is an easy-to-use, fully integrated and highly efficient DC/DC voltage regulator.
IRDC3865 IRF-IRDC3865 Datasheet
986Kb / 15P
   The IR3865 SupIRBuckTM is an easy-to-use, fully integrated and highly efficient DC/DC voltage regulator.
IRDC3863 IRF-IRDC3863 Datasheet
1,006Kb / 15P
   The IR3863 SupIRBuckTM is an easy-to-use, fully integrated and highly efficient DC/DC voltage regulator
logo
Microchip Technology
RN4678 MICROCHIP-RN4678 Datasheet
854Kb / 2P
   The Easy-to-Use, Flexible Solution for BLE and Bluetooth Classic Connectivity
10/16
logo
Generalplus Technology ...
GPES216B2 GENERALPLUS-GPES216B2 Datasheet
423Kb / 14P
   Easy-to-use SOUNDPLUS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com