Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CP1E-E40DR-A Datasheet(PDF) 5 Page - Omron Electronics LLC

Part # CP1E-E40DR-A
Description  The CP1E Package PLCs: Economical, Easy to use, and Efficient
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

CP1E-E40DR-A Datasheet(HTML) 5 Page - Omron Electronics LLC

  CP1E-E40DR-A Datasheet HTML 1Page - Omron Electronics LLC CP1E-E40DR-A Datasheet HTML 2Page - Omron Electronics LLC CP1E-E40DR-A Datasheet HTML 3Page - Omron Electronics LLC CP1E-E40DR-A Datasheet HTML 4Page - Omron Electronics LLC CP1E-E40DR-A Datasheet HTML 5Page - Omron Electronics LLC CP1E-E40DR-A Datasheet HTML 6Page - Omron Electronics LLC CP1E-E40DR-A Datasheet HTML 7Page - Omron Electronics LLC CP1E-E40DR-A Datasheet HTML 8Page - Omron Electronics LLC CP1E-E40DR-A Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 44 page
background image
CP1E-E
@@D@-@ CP1E-N@@D@-@/NA20D@-@
5
Note: There are no accessories included with N/NA-type CP1E CPU Units. RS-232C connectors for the built-in RS-232C port and the Battery
(CP1W-BAT01) are not included.
NA-type
CPU Units
with 20 I/O
Points
(Built-in
analog)
100 to 240
VAC
12
(Built-in
analog
inputs: 2)
8
(Built-in
analog
outputs: 1)
Relay
8K
steps
8K
words
0.30
0.18
0.11
CP1E-NA20DR-A
UC1, N,
L, CE
24 VDC
Transistor
(sinking)
--
0.23
0.09
CP1E-NA20DT-D
Transistor
(sourcing)
--
0.23
0.09
CP1E-NA20DT1-D
Battery Set For N/NA-type CP1E CPU Units
Note: Mount a Battery to an N/NA-type CPU Unit if the data in the following areas must be
backed up for power interruptions.
• DM Area (D) (except backed up words in the DM Area), Holding Area (H), Counter Completion Flags (C),
Counter Present Values (C), Auxiliary Area (A), and Clock Function
(Use batteries within two years of manufacture.)
CP1W-BAT01
--
Product
name
Specifications
External
power
supply
(24 VDC)
(A)
Current
consumption (A)
Model
Standards
Power
Supply
Inputs
Outputs
Output
type
Program
capacity
Data
memory
capacity
5 V
24 V


Similar Part No. - CP1E-E40DR-A

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
CP1E-E40DR-A OMRON-CP1E-E40DR-A Datasheet
7Mb / 54P
   The CP1E Programmable Controller: Economical, Easy to use, and Efficient
More results

Similar Description - CP1E-E40DR-A

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
CP1E OMRON-CP1E Datasheet
7Mb / 54P
   The CP1E Programmable Controller: Economical, Easy to use, and Efficient
logo
International Rectifier
IRDC3838 IRF-IRDC3838 Datasheet
1Mb / 16P
   The IR3838 SupIRBuckTM is an easy-to-use, fully integrated and highly efficient DC/DCregulator.
IRDC3839 IRF-IRDC3839 Datasheet
1Mb / 16P
   The IR3839 SupIRBuckTM is an easy-to-use,fully integrated and highly efficient DC/DCregulator.
IRDC3837 IRF-IRDC3837 Datasheet
1Mb / 16P
   The IR3837 SupIRBuckTM is an easy-to-use, fully integrated and highly efficient DC/DC regulator.
IRDC3871 IRF-IRDC3871 Datasheet
1Mb / 15P
   The IR3871 SupIRBuckTM is an easy-to-use, fully integrated and highly efficient DC/DC voltage regulator.
IRDC3876 IRF-IRDC3876 Datasheet
1Mb / 15P
   The IR3876 SupIRBuckTM is an easy-to-use, fully integrated and highly efficient DC/DC voltage regulator.
IRDC3865 IRF-IRDC3865 Datasheet
986Kb / 15P
   The IR3865 SupIRBuckTM is an easy-to-use, fully integrated and highly efficient DC/DC voltage regulator.
IRDC3863 IRF-IRDC3863 Datasheet
1,006Kb / 15P
   The IR3863 SupIRBuckTM is an easy-to-use, fully integrated and highly efficient DC/DC voltage regulator
logo
Microchip Technology
RN4678 MICROCHIP-RN4678 Datasheet
854Kb / 2P
   The Easy-to-Use, Flexible Solution for BLE and Bluetooth Classic Connectivity
10/16
logo
Generalplus Technology ...
GPES216B2 GENERALPLUS-GPES216B2 Datasheet
423Kb / 14P
   Easy-to-use SOUNDPLUS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com