Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E3Z-G61-M3J0.3M Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # E3Z-G61-M3J0.3M
Description  Grooved-type Photoelectric Sensor with Built-in Amplifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E3Z-G61-M3J0.3M Datasheet(HTML) 2 Page - Omron Electronics LLC

  E3Z-G61-M3J0.3M Datasheet HTML 1Page - Omron Electronics LLC E3Z-G61-M3J0.3M Datasheet HTML 2Page - Omron Electronics LLC E3Z-G61-M3J0.3M Datasheet HTML 3Page - Omron Electronics LLC E3Z-G61-M3J0.3M Datasheet HTML 4Page - Omron Electronics LLC E3Z-G61-M3J0.3M Datasheet HTML 5Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
E3Z-G
Ratings and Specifications
Number of optical axes
1
2
Model
NPN output
E3Z-G61/E3Z-G61-M3J
E3Z-G62/E3Z-G62-M3J
Item
PNP output
E3Z-G81/E3Z-G81-M3J
E3Z-G82/E3Z-G82-M3J
Sensing distance
(distance between arms of groove)
25 mm
Standard sensing object
Opaque, 1.5-mm dia. min.
Light source (wavelength)
Infrared LED (940 nm)
Power supply voltage
12 to 24 VDC
±10%, ripple (p-p): 10% max.
Current consumption
25 mA max.
40 mA max.
Control output
Load power supply voltage: 26.4 VDC max.
Load current: 100 mA max. (Residual voltage: 1 V max.)
Open collector output (NPN or PNP depending on model)
Light-ON/Dark-ON selectable
Protection circuits
Reversed power supply polarity protection, Output short-circuit protection, and Mutual interference pre-
vention
Response time
Operate or reset: 1 ms max.
Ambient illumination
(Receiver side)
Incandescent lamp: 3,000 lx max.
Sunlight: 10,000 lx max.
Ambient temperature range
Operating:
−25 to 55°C, Storage: −40 to 70°C (with no icing or condensation)
Ambient humidity range
Operating: 35% to 85%, Storage: 35% to 95% (with no condensation)
Insulation resistance
20 M
Ω min. at 500 VDC between lead wires and case
Dielectric strength
1,000 VAC, 50/60 Hz for 1 min between lead wires and case
Vibration resistance
Destruction: 10 to 55 Hz, 1.5-mm double amplitude for 2 hours each in X, Y, and Z directions
Shock resistance
Destruction: 500 m/s2 3 times each in X, Y, and Z directions
Degree of protection
IP64 (IEC 60529)
Connection method
Pre-wired cable (standard length: 2 m and 0.5 m)/Pre-wired Connector (standard length: 300 mm)
Indicator
Operation indicator (orange)
Weight
(packed
state)
Pre-wired
(with 2-m cable)
Approx. 65 g
Pre-wired Connectors
Approx. 30 g
Material
Case
ABS (Acrylonitril Butadiene Styrene)
Accessories
Instruction manual


Similar Part No. - E3Z-G61-M3J0.3M

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E3Z-G61-M3J OMRON-E3Z-G61-M3J Datasheet
2Mb / 19P
   Compact Photoelectric Sensor with Built-in Amplifier
More results

Similar Description - E3Z-G61-M3J0.3M

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E3Z-D62 OMRON-E3Z-D62 Datasheet
486Kb / 15P
   Photoelectric Sensor with Built-in Amplifier
E3S OMRON-E3S Datasheet
1Mb / 15P
   Photoelectric Sensor with Built-in Amplifier
E3Z-T66A OMRON-E3Z-T66A Datasheet
486Kb / 15P
   Photoelectric Sensor with Built-in Amplifier
E3S-2B41 OMRON-E3S-2B41 Datasheet
1Mb / 15P
   Photoelectric Sensor with Built-in Amplifier
E3Z-T61A OMRON-E3Z-T61A Datasheet
2Mb / 19P
   Compact Photoelectric Sensor with Built-in Amplifier
E3Z-D81 OMRON-E3Z-D81 Datasheet
2Mb / 19P
   Compact Photoelectric Sensor with Built-in Amplifier
E3Z-R61 OMRON-E3Z-R61 Datasheet
2Mb / 19P
   Compact Photoelectric Sensor with Built-in Amplifier
E3Z OMRON-E3Z Datasheet
3Mb / 17P
   Compact Photoelectric Sensor with Built-in Amplifier
2019.6
E3T OMRON-E3T Datasheet
2Mb / 21P
   Photoelectric Sensor with Built-in Amplifier (Ultracompact and Thin Type)
E3G-L77 OMRON-E3G-L77 Datasheet
909Kb / 12P
   Long-distance Photoelectric Sensor with Built-in Amplifier
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com