Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E3T-FT13 Datasheet(PDF) 7 Page - Omron Electronics LLC

Part # E3T-FT13
Description  Subminiature Photoelectric Sensor
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E3T-FT13 Datasheet(HTML) 7 Page - Omron Electronics LLC

Back Button E3T-FT13 Datasheet HTML 3Page - Omron Electronics LLC E3T-FT13 Datasheet HTML 4Page - Omron Electronics LLC E3T-FT13 Datasheet HTML 5Page - Omron Electronics LLC E3T-FT13 Datasheet HTML 6Page - Omron Electronics LLC E3T-FT13 Datasheet HTML 7Page - Omron Electronics LLC E3T-FT13 Datasheet HTML 8Page - Omron Electronics LLC E3T-FT13 Datasheet HTML 9Page - Omron Electronics LLC E3T-FT13 Datasheet HTML 10Page - Omron Electronics LLC E3T-FT13 Datasheet HTML 11Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
E3T
E3T
7
J
SENSING DISTANCE CHARACTERISTICS OF ADJUSTABLE APERTURE
(WHEN COMPLETING OPTICAL AXIS ADJUSTMENT)
E3T-SL1j with E39-E10
Sensitivity adjustment level
Operation
J
OUTPUT CIRCUITS
NPN models
E3T-jjj1
E3T-jjj2
Operation mode
Light-ON
Dark-ON
Output circuit
Operation
indicator
(Orange)
Stability
indicator
(Green)
Photo-
electric
Sensor
main
circuit
Brown
Black
Blue
12 to 24 VDC
50 mA
max.
Load
0V
PNP models
E3T-jjj3
E3T-jjj4
Operation mode
Light-ON
Dark-ON
Output circuit
Operation
indicator
(Orange)
Stability
indicator
(Green)
Photo-
electric
Sensor
main
circuit
Brown
Black
Blue
12 to 24 VDC
50 mA
max.
Receiver (through-beam models),
Retroreflective, diffuse reflective, and convergent beam models
Load
Internal circuit
Emitter (through-beam models)
Brown
Blue
12 to 24 VDC
Photo-
electric
Sensor
main
circuit


Similar Part No. - E3T-FT13

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E3T-FT13 OMRON-E3T-FT13 Datasheet
2Mb / 21P
   Photoelectric Sensor with Built-in Amplifier (Ultracompact and Thin Type)
E3T-FT132M OMRON-E3T-FT132M Datasheet
2Mb / 21P
   Photoelectric Sensor with Built-in Amplifier (Ultracompact and Thin Type)
E3T-FT132M OMRON-E3T-FT132M Datasheet
3Mb / 24P
   The Improved E3T Series with Easier, Smoother Mounting and Installation
More results

Similar Description - E3T-FT13

ManufacturerPart #DatasheetDescription
logo
SICK AG
WTB250-2N1131 SICK-WTB250-2N1131 Datasheet
551Kb / 7P
   Photoelectric proximity sensor, Photoelectric proximity sensor,
WTB250-2N1151 SICK-WTB250-2N1151 Datasheet
556Kb / 7P
   Photoelectric proximity sensor, Photoelectric proximity sensor,
WTB250-2N1251 SICK-WTB250-2N1251 Datasheet
556Kb / 7P
   Photoelectric proximity sensor, Photoelectric proximity sensor,
logo
Omron Electronics LLC
E3S-5LE41 OMRON-E3S-5LE41 Datasheet
256Kb / 12P
   Photoelectric Sensor
logo
SICK AG
GRSE18S-N2421V SICK-GRSE18S-N2421V Datasheet
332Kb / 6P
   PHOTOELECTRIC SENSOR
logo
Contrinex AG Industrial...
LRR-M18PA-NMS-101 CONTRINEX-LRR-M18PA-NMS-101 Datasheet
482Kb / 6P
   PHOTOELECTRIC SENSOR
logo
Omron Electronics LLC
E3S-LS3C1D OMRON-E3S-LS3C1D Datasheet
186Kb / 8P
   Photoelectric Sensor
E3SLS10XE4 OMRON-E3SLS10XE4 Datasheet
186Kb / 8P
   Photoelectric Sensor
E3S-R2E41 OMRON-E3S-R2E41 Datasheet
256Kb / 12P
   Photoelectric Sensor
logo
SICK AG
GRSE18S-F2336 SICK-GRSE18S-F2336 Datasheet
1Mb / 7P
   PHOTOELECTRIC SENSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com