Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CP1E-N20DT1-D Datasheet(PDF) 6 Page - Omron Electronics LLC

Part # CP1E-N20DT1-D
Description  The CP1E Package PLCs: Economical, Easy to use, and Efficient
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

CP1E-N20DT1-D Datasheet(HTML) 6 Page - Omron Electronics LLC

Back Button CP1E-N20DT1-D Datasheet HTML 2Page - Omron Electronics LLC CP1E-N20DT1-D Datasheet HTML 3Page - Omron Electronics LLC CP1E-N20DT1-D Datasheet HTML 4Page - Omron Electronics LLC CP1E-N20DT1-D Datasheet HTML 5Page - Omron Electronics LLC CP1E-N20DT1-D Datasheet HTML 6Page - Omron Electronics LLC CP1E-N20DT1-D Datasheet HTML 7Page - Omron Electronics LLC CP1E-N20DT1-D Datasheet HTML 8Page - Omron Electronics LLC CP1E-N20DT1-D Datasheet HTML 9Page - Omron Electronics LLC CP1E-N20DT1-D Datasheet HTML 10Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 44 page
background image
CP1E-E
@@D@-@ CP1E-N@@D@-@/NA20D@-@
6
Options (for CP1E N30/40/60 or NA20 CPU Units)
The Options cannot be used for CP1E N14/20 CPU Units and all E-type CPU Units.
Note: It is not possible to use a CP-series Ethernet Option Board version 1.0 (CP1W-CIF41), LCD Option Board (CP1W-DAM01), or Memory Card
(CP1W-ME05M) with a CP1E CPU Unit.
Programming Devices
Note: 1. The E20, E30, E40, N20, N30 and N40 CPU Units are supported by CX-Programmer version 8.2 or higher.
The E10, E14, N14, N60, and NA20 CPU Units are supported by CX-Programmer version 9.03 or higher.
When Micro PLC Edition CX-Programmer is used, you need version 9.03 or higher.
2. The CX-One and CX-One Lite cannot be simultaneously installed on the same computer.
* 1 Multi licenses are available for the CX-One (3, 10, 30 or 50 licenses).
* 2 The CX-One is also available on CD (CXONE-AL@@C-V4).
The following tables lists the Support Software that can be installed from CX-One
Note: For details, refer to the CX-One Catalog (Cat. No. R134).
Product name
Specifications
Model
Standards
RS-232C Option Board
One RS-232C Option Board can be mounted to the Option Board slot.
For CP1E N30/40/60 or NA20 CPU Units only.
One RS-232C connector is included.
CP1W-CIF01
UC1, N,
L, CE
RS-422A/485 Option Board
One RS-422A/485 Option Board can be mounted to the Option Board slot.
For CP1E N30/40/60 or NA20 CPU Units only.
CP1W-CIF11
RS-422A/485 Isolated-type
Option Board
CP1W-CIF12
UC1, N,
L, CE
Ethernet Option Board
One Ethernet Option Board can be mounted to the Option Board slot.
CP1E CPU Units are supported by CP1W-CIF41 version 2.0 or higher.
For CP1E N30/40/60 or NA20 CPU Units only.
When using CP1W-CIF41, CX-Programmer version 9.12 or higher is required.
CP1W-CIF41
UC1, N,
L, CE
Product name
Specifications
Model
Standards
Number of
licenses
Media
FA Integrated Tool Package
CX-One Lite
Ver.4.
@
CX-One Lite is a subset of the complete CX-One package that
provides only the Support Software required for micro PLC
applications.
CX-One Lite runs on the following OS.
OS: Windows XP (Service Pack 3 or higher), Vista or 7
Note: Except for Windows XP 64-bit version.
CX-One Lite Ver. 4.
@ includes Micro PLC Edition CX-
Programmer Ver.9.
@.
1 license
CD
CXONE-LT01C-V4
--
FA Integrated Tool Package
CX-One
Package Ver. 4.
@
CX-One is a comprehensive software package that integrates
Support Software for OMRON PLCs and components. CX-
One runs on the following OS.
OS: Windows XP (Service Pack 3 or higher), Vista or 7
Note: Except for Windows XP 64-bit version.
CX-One Ver. 4.
@ includes CX-Programmer Ver. 9.@.
1 license
*1 DVD *2
CXONE-AL01D-V4
--
Support Software in CX-One
CX-One Lite
Ver.4.
@
CX-One
Ver.4.
@
Support Software in CX-One
CX-One Lite
Ver.4.
@
CX-One
Ver.4.
@
Micro PLC Edition CX-Programmer
Ver.9.
@
Yes
No
CX-Drive
Ver.2.
@
Yes
Yes
CX-Programmer
Ver.9.
@
No
Yes
CX-Process Tool
Ver.5.
@
No
Yes
CX-Integrator
Ver.2.
@
Yes
Yes
Faceplate Auto-Builder for NS
Ver.3.
@
No
Yes
Switch Box Utility
Ver.1.
@
Yes
Yes
CX-Designer
Ver.3.
@
Yes
Yes
CX-Protocol
Ver.1.
@
No
Yes
NV-Designer
Ver.1.
@
Yes
Yes
CX-Simulator
Ver.1.
@
Yes
Yes
CX-Thermo
Ver.4.
@
Yes
Yes
CX-Position
Ver.2.
@
No
Yes
CX-ConfiguratorFDT
Ver.1.
@
Yes
Yes
CX-Motion-NCF
Ver.1.
@
No
Yes
CX-FLnet
Ver.1.
@
No
Yes
CX-Motion-MCH
Ver.2.
@
No
Yes
Network Configurator
Ver.3.
@
Yes
Yes
CX-Motion
Ver.2.
@
No
Yes
CX-Server
Ver.4.
@
Yes
Yes


Similar Part No. - CP1E-N20DT1-D

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
CP1E-N20DT1-D OMRON-CP1E-N20DT1-D Datasheet
7Mb / 54P
   The CP1E Programmable Controller: Economical, Easy to use, and Efficient
More results

Similar Description - CP1E-N20DT1-D

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
CP1E OMRON-CP1E Datasheet
7Mb / 54P
   The CP1E Programmable Controller: Economical, Easy to use, and Efficient
logo
International Rectifier
IRDC3838 IRF-IRDC3838 Datasheet
1Mb / 16P
   The IR3838 SupIRBuckTM is an easy-to-use, fully integrated and highly efficient DC/DCregulator.
IRDC3839 IRF-IRDC3839 Datasheet
1Mb / 16P
   The IR3839 SupIRBuckTM is an easy-to-use,fully integrated and highly efficient DC/DCregulator.
IRDC3837 IRF-IRDC3837 Datasheet
1Mb / 16P
   The IR3837 SupIRBuckTM is an easy-to-use, fully integrated and highly efficient DC/DC regulator.
IRDC3871 IRF-IRDC3871 Datasheet
1Mb / 15P
   The IR3871 SupIRBuckTM is an easy-to-use, fully integrated and highly efficient DC/DC voltage regulator.
IRDC3876 IRF-IRDC3876 Datasheet
1Mb / 15P
   The IR3876 SupIRBuckTM is an easy-to-use, fully integrated and highly efficient DC/DC voltage regulator.
IRDC3865 IRF-IRDC3865 Datasheet
986Kb / 15P
   The IR3865 SupIRBuckTM is an easy-to-use, fully integrated and highly efficient DC/DC voltage regulator.
IRDC3863 IRF-IRDC3863 Datasheet
1,006Kb / 15P
   The IR3863 SupIRBuckTM is an easy-to-use, fully integrated and highly efficient DC/DC voltage regulator
logo
Microchip Technology
RN4678 MICROCHIP-RN4678 Datasheet
854Kb / 2P
   The Easy-to-Use, Flexible Solution for BLE and Bluetooth Classic Connectivity
10/16
logo
Generalplus Technology ...
GPES216B2 GENERALPLUS-GPES216B2 Datasheet
423Kb / 14P
   Easy-to-use SOUNDPLUS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com