Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E3T-FD11N Datasheet(PDF) 5 Page - Omron Electronics LLC

Part # E3T-FD11N
Description  Subminiature Photoelectric Sensor
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E3T-FD11N Datasheet(HTML) 5 Page - Omron Electronics LLC

  E3T-FD11N Datasheet HTML 1Page - Omron Electronics LLC E3T-FD11N Datasheet HTML 2Page - Omron Electronics LLC E3T-FD11N Datasheet HTML 3Page - Omron Electronics LLC E3T-FD11N Datasheet HTML 4Page - Omron Electronics LLC E3T-FD11N Datasheet HTML 5Page - Omron Electronics LLC E3T-FD11N Datasheet HTML 6Page - Omron Electronics LLC E3T-FD11N Datasheet HTML 7Page - Omron Electronics LLC E3T-FD11N Datasheet HTML 8Page - Omron Electronics LLC E3T-FD11N Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
E3T
E3T
5
J
PARALLEL OPERATING RANGE (TYPICAL)
E3T-ST1j with Slit (Aperture)
(Through-Beam)
Distance X (mm)
1-dia. Slit
0.5-dia. Slit
Distance X (mm)
0.5-dia.
Slit
1-dia. Slit
Without Slit
Distance X (mm)
400
800
1,200
1,600
2,000
E3T-SR1j with E39-R4
(Retroreflective)
E3T-ST1j with Slit (Enlarged graph)
(Through-Beam)
E3T-FT1j with Slit (Through-Beam)
E3T-FT1j with Slit (Enlarged graph)
(Through-Beam)
1-dia. Slit
0.5-dia. Slit
Distance X (mm)
Distance X (mm)
1-dia. Slit
0.5-dia. Slit
Without Slit
400
800
600
200
1,000
J
ANGLE CHARACTERISTICS (TYPICAL)
E3T-SL1j
(Up and Down)
E3T-SL1j
(Left and Right)
Angle θ (°)
Angle θ (°)
Sensing target:
100 x 100 mm white paper
Sensing target:
100 x 100 mm white paper


Similar Part No. - E3T-FD11N

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E3T-FD11 OMRON-E3T-FD11 Datasheet
2Mb / 21P
   Photoelectric Sensor with Built-in Amplifier (Ultracompact and Thin Type)
E3T-FD11 OMRON-E3T-FD11 Datasheet
3Mb / 24P
   The Improved E3T Series with Easier, Smoother Mounting and Installation
E3T-FD112M OMRON-E3T-FD112M Datasheet
2Mb / 21P
   Photoelectric Sensor with Built-in Amplifier (Ultracompact and Thin Type)
E3T-FD112M OMRON-E3T-FD112M Datasheet
3Mb / 24P
   The Improved E3T Series with Easier, Smoother Mounting and Installation
E3T-FD11M OMRON-E3T-FD11M Datasheet
3Mb / 24P
   The Improved E3T Series with Easier, Smoother Mounting and Installation
More results

Similar Description - E3T-FD11N

ManufacturerPart #DatasheetDescription
logo
SICK AG
WTB250-2N1131 SICK-WTB250-2N1131 Datasheet
551Kb / 7P
   Photoelectric proximity sensor, Photoelectric proximity sensor,
WTB250-2N1151 SICK-WTB250-2N1151 Datasheet
556Kb / 7P
   Photoelectric proximity sensor, Photoelectric proximity sensor,
WTB250-2N1251 SICK-WTB250-2N1251 Datasheet
556Kb / 7P
   Photoelectric proximity sensor, Photoelectric proximity sensor,
logo
Omron Electronics LLC
E3S-5LE41 OMRON-E3S-5LE41 Datasheet
256Kb / 12P
   Photoelectric Sensor
logo
SICK AG
GRSE18S-N2421V SICK-GRSE18S-N2421V Datasheet
332Kb / 6P
   PHOTOELECTRIC SENSOR
logo
Contrinex AG Industrial...
LRR-M18PA-NMS-101 CONTRINEX-LRR-M18PA-NMS-101 Datasheet
482Kb / 6P
   PHOTOELECTRIC SENSOR
logo
Omron Electronics LLC
E3S-LS3C1D OMRON-E3S-LS3C1D Datasheet
186Kb / 8P
   Photoelectric Sensor
E3SLS10XE4 OMRON-E3SLS10XE4 Datasheet
186Kb / 8P
   Photoelectric Sensor
E3S-R2E41 OMRON-E3S-R2E41 Datasheet
256Kb / 12P
   Photoelectric Sensor
logo
SICK AG
GRSE18S-F2336 SICK-GRSE18S-F2336 Datasheet
1Mb / 7P
   PHOTOELECTRIC SENSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com