Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E3T-SL14 Datasheet(PDF) 10 Page - Omron Electronics LLC

Part # E3T-SL14
Description  Subminiature Photoelectric Sensor
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E3T-SL14 Datasheet(HTML) 10 Page - Omron Electronics LLC

Back Button E3T-SL14 Datasheet HTML 6Page - Omron Electronics LLC E3T-SL14 Datasheet HTML 7Page - Omron Electronics LLC E3T-SL14 Datasheet HTML 8Page - Omron Electronics LLC E3T-SL14 Datasheet HTML 9Page - Omron Electronics LLC E3T-SL14 Datasheet HTML 10Page - Omron Electronics LLC E3T-SL14 Datasheet HTML 11Page - Omron Electronics LLC E3T-SL14 Datasheet HTML 12Page - Omron Electronics LLC E3T-SL14 Datasheet HTML 13Page - Omron Electronics LLC E3T-SL14 Datasheet HTML 14Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
E3T
E3T
10
Unit: mm (inch)
J
FLAT THIN SENSORS
Through-Beam Emitter and Receiver Models
E3T-FT11
E3T-FT12
E3T-FT13
E3T-FT14
Two, M2
Two, 2.2 dia.
Optical axis
Two, R2
Mounting Holes
Operation indicator
(See Note below)
Stability indicator
(See Note.)
Lens 1.3 dia.
Polyvinyl chloride-covered cable
2.4-mm dia. (7/0.127 dia.),
Robotic cable (20/0, 0.08-mm dia.)
3 conductor
Standard length: 2 m
Note: For E3T-FT11 and E3T-FT12 Receivers only.
19
(0.75)
15.8
(0.62)
12
(0.47)
0.2
(0.008)
3.5
(0.13)
(0.31)
Diffuse Reflective Models
E3T-FD11-N
E3T-FD12-N
E3T-FD13-N
E3T-FD14-N
Two, M2
Emitter
Optical axis
Two, 2.2 dia.
0.2
Lens 1.5 dia.
Receiver
Mounting Holes
Operation
indicator
Stability
indicator
Lens 3.1 dia.
Polyvinyl chloride-covered cable,
2.4-mm dia. (7/0.127 dia.),
Robotic cable (20/0, 0.08-mm dia.)
3 conductor
Standard length: 2 m
Two, R2
24
(0.94)
3.5
(0.14)
20.8
(0.82)
(0.31)
12
(0.47)
1.75
J
REFLECTORS
Retroreflector
E39-R4 (Providedwiththe E3T-SR1j)
Two, 2.2 dia.
23
(0.91)
4.9
(0.19)
13.7
(0.54)


Similar Part No. - E3T-SL14

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E3T-SL14 OMRON-E3T-SL14 Datasheet
2Mb / 21P
   Photoelectric Sensor with Built-in Amplifier (Ultracompact and Thin Type)
E3T-SL142M OMRON-E3T-SL142M Datasheet
2Mb / 21P
   Photoelectric Sensor with Built-in Amplifier (Ultracompact and Thin Type)
E3T-SL142M OMRON-E3T-SL142M Datasheet
3Mb / 24P
   The Improved E3T Series with Easier, Smoother Mounting and Installation
E3T-SL14M2M OMRON-E3T-SL14M2M Datasheet
3Mb / 24P
   The Improved E3T Series with Easier, Smoother Mounting and Installation
More results

Similar Description - E3T-SL14

ManufacturerPart #DatasheetDescription
logo
SICK AG
WTB250-2N1131 SICK-WTB250-2N1131 Datasheet
551Kb / 7P
   Photoelectric proximity sensor, Photoelectric proximity sensor,
WTB250-2N1151 SICK-WTB250-2N1151 Datasheet
556Kb / 7P
   Photoelectric proximity sensor, Photoelectric proximity sensor,
WTB250-2N1251 SICK-WTB250-2N1251 Datasheet
556Kb / 7P
   Photoelectric proximity sensor, Photoelectric proximity sensor,
logo
Omron Electronics LLC
E3S-5LE41 OMRON-E3S-5LE41 Datasheet
256Kb / 12P
   Photoelectric Sensor
logo
SICK AG
GRSE18S-N2421V SICK-GRSE18S-N2421V Datasheet
332Kb / 6P
   PHOTOELECTRIC SENSOR
logo
Contrinex AG Industrial...
LRR-M18PA-NMS-101 CONTRINEX-LRR-M18PA-NMS-101 Datasheet
482Kb / 6P
   PHOTOELECTRIC SENSOR
logo
Omron Electronics LLC
E3S-LS3C1D OMRON-E3S-LS3C1D Datasheet
186Kb / 8P
   Photoelectric Sensor
E3SLS10XE4 OMRON-E3SLS10XE4 Datasheet
186Kb / 8P
   Photoelectric Sensor
E3S-R2E41 OMRON-E3S-R2E41 Datasheet
256Kb / 12P
   Photoelectric Sensor
logo
SICK AG
GRSE18S-F2336 SICK-GRSE18S-F2336 Datasheet
1Mb / 7P
   PHOTOELECTRIC SENSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com