Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CP1E-N40DT1-D Datasheet(PDF) 3 Page - Omron Electronics LLC

Part # CP1E-N40DT1-D
Description  The CP1E Package PLCs: Economical, Easy to use, and Efficient
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

CP1E-N40DT1-D Datasheet(HTML) 3 Page - Omron Electronics LLC

  CP1E-N40DT1-D Datasheet HTML 1Page - Omron Electronics LLC CP1E-N40DT1-D Datasheet HTML 2Page - Omron Electronics LLC CP1E-N40DT1-D Datasheet HTML 3Page - Omron Electronics LLC CP1E-N40DT1-D Datasheet HTML 4Page - Omron Electronics LLC CP1E-N40DT1-D Datasheet HTML 5Page - Omron Electronics LLC CP1E-N40DT1-D Datasheet HTML 6Page - Omron Electronics LLC CP1E-N40DT1-D Datasheet HTML 7Page - Omron Electronics LLC CP1E-N40DT1-D Datasheet HTML 8Page - Omron Electronics LLC CP1E-N40DT1-D Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 44 page
background image
CP1E-E
@@D@-@ CP1E-N@@D@-@/NA20D@-@
3
Ordering Information
International Standards
• The standards are abbreviated as follows: U: UL, U1: UL (Class I Division 2 Products for Hazardous Locations), C: CSA, UC: cULus,
UC1: cULus (Class I Division 2 Products for Hazardous Locations), CU: cUL, N: NK, L: Lloyd, and CE: EC Directives.
• Contact your OMRON representative for further details and applicable conditions for these standards.
E-type CP1E CPU Units (Basic Models)
Note: There are no accessories included with E-type CP1E CPU Units. A Battery (CP1W-BAT01) cannot be used.
Product
name
Specifications
External
power
supply
(24 VDC)
(A)
Current
consumption (A)
Model
Standards
Power
Supply
Inputs
Outputs
Output
type
Program
capacity
Data
memory
capacity
5 V
24 V
E-type
CPU Units
with 10 I/O
Points
100 to 240
VAC
64
Relay
2K
steps
2K
words
--
0.08
0.04
CP1E-E10DR-A
UC1, N,
L, CE
Transistor
(sinking)
--
0.11
--
CP1E-E10DT-A
Transistor
(sourcing)
--
0.11
--
CP1E-E10DT1-A
24 VDC
Relay
--
0.08
0.04
CP1E-E10DR-D
Transistor
(sinking)
--
0.11
--
CP1E-E10DT-D
Transistor
(sourcing)
--
0.11
--
CP1E-E10DT1-D
E-type
CPU Units
with 14 I/O
Points
100 to 240
VAC
8
6
Relay
2K steps
2K words
--
0.16
0.07
CP1E-E14DR-A
UC1, N,
L, CE
E-type
CPU Units
with 20 I/O
Points
100 to 240
VAC
12
8
Relay
2K steps
2K words
--
0.17
0.08
CP1E-E20DR-A
UC1, N,
L, CE
E-type
CPU Units
with 30 I/O
Points
100 to 240
VAC
18
12
Relay
2K steps
2K words
0.30
0.17
0.07
CP1E-E30DR-A
UC1, N,
L, CE
E-type
CPU Units
with 40 I/O
Points
100 to 240
VAC
24
16
Relay
2K steps
2K words
0.30
0.17
0.09
CP1E-E40DR-A
UC1, N,
L, CE


Similar Part No. - CP1E-N40DT1-D

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
CP1E-N40DT1-D OMRON-CP1E-N40DT1-D Datasheet
7Mb / 54P
   The CP1E Programmable Controller: Economical, Easy to use, and Efficient
More results

Similar Description - CP1E-N40DT1-D

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
CP1E OMRON-CP1E Datasheet
7Mb / 54P
   The CP1E Programmable Controller: Economical, Easy to use, and Efficient
logo
International Rectifier
IRDC3838 IRF-IRDC3838 Datasheet
1Mb / 16P
   The IR3838 SupIRBuckTM is an easy-to-use, fully integrated and highly efficient DC/DCregulator.
IRDC3839 IRF-IRDC3839 Datasheet
1Mb / 16P
   The IR3839 SupIRBuckTM is an easy-to-use,fully integrated and highly efficient DC/DCregulator.
IRDC3837 IRF-IRDC3837 Datasheet
1Mb / 16P
   The IR3837 SupIRBuckTM is an easy-to-use, fully integrated and highly efficient DC/DC regulator.
IRDC3871 IRF-IRDC3871 Datasheet
1Mb / 15P
   The IR3871 SupIRBuckTM is an easy-to-use, fully integrated and highly efficient DC/DC voltage regulator.
IRDC3876 IRF-IRDC3876 Datasheet
1Mb / 15P
   The IR3876 SupIRBuckTM is an easy-to-use, fully integrated and highly efficient DC/DC voltage regulator.
IRDC3865 IRF-IRDC3865 Datasheet
986Kb / 15P
   The IR3865 SupIRBuckTM is an easy-to-use, fully integrated and highly efficient DC/DC voltage regulator.
IRDC3863 IRF-IRDC3863 Datasheet
1,006Kb / 15P
   The IR3863 SupIRBuckTM is an easy-to-use, fully integrated and highly efficient DC/DC voltage regulator
logo
Microchip Technology
RN4678 MICROCHIP-RN4678 Datasheet
854Kb / 2P
   The Easy-to-Use, Flexible Solution for BLE and Bluetooth Classic Connectivity
10/16
logo
Generalplus Technology ...
GPES216B2 GENERALPLUS-GPES216B2 Datasheet
423Kb / 14P
   Easy-to-use SOUNDPLUS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com