Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A22Z-3443R-2 Datasheet(PDF) 5 Page - Omron Electronics LLC

Part # A22Z-3443R-2
Description  Specifications Common to All
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

A22Z-3443R-2 Datasheet(HTML) 5 Page - Omron Electronics LLC

  A22Z-3443R-2 Datasheet HTML 1Page - Omron Electronics LLC A22Z-3443R-2 Datasheet HTML 2Page - Omron Electronics LLC A22Z-3443R-2 Datasheet HTML 3Page - Omron Electronics LLC A22Z-3443R-2 Datasheet HTML 4Page - Omron Electronics LLC A22Z-3443R-2 Datasheet HTML 5Page - Omron Electronics LLC A22Z-3443R-2 Datasheet HTML 6Page - Omron Electronics LLC A22Z-3443R-2 Datasheet HTML 7Page - Omron Electronics LLC A22Z-3443R-2 Datasheet HTML 8Page - Omron Electronics LLC A22Z-3443R-2 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
All A22/M22 Assemblies
All A22/M22 Assemblies
34
(continued from previous page)
Item
Appearance
Classification
Remarks
Part number
Character films
No print (Round)
After printing on a film, affix to
h i di
l
f h Ill
i
A22Z-3460
Character
i (R
d)
|
p
g
,
the indicator plate of the Illumi-
nated Pushbutton Switch (The
A22Z-3460-1
print (Round)
f
nated Pushbutton Switch. (The
back is coated with adhesive.)
A22Z-3460-2
START
back is coated with adhesive.)
A22Z-3460-3
STOP
A22Z-3460-4
No print (Square)
A22Z-3480
Lamp extractor
Rubber tool used to easily
replace Lamps.
A22Z-3901
Tightening wrench
Tool used to tighten nuts from
the back of the panel.
A22Z-3905
Lens tightening tool
Used for replacing the cap of
the Half-guard Pushbutton
Switch.
A22Z-3908
Lens puller
Used for removing the lens
from the indicator of the
Square Illuminated Pushbutton
Switch.
A3PJ-5080
J
ENCLOSURES
Material
Hole size
Number of holes
Part number
Polyester
22.5 mm (0.88 in)
1
A22N-PENC-1
y
(
)
2
A22N-PENC-2
3
A22N-PENC-3
Metallic
22.5 mm (0.88 in)
1
A22N-MENC-1
(
)
2
A22N-MENC-2
3
A22N-MENC-3
4
A22N-MENC-4
6
A22N-MENC-6
9
A22N-MENC-9
12
A22N-MENC-12
16
A22N-MENC-16
Note: For more information on pushbutton enclosures refer to drawings in the Dimensions section.


Similar Part No. - A22Z-3443R-2

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
A22Z-3460 OMRON-A22Z-3460 Datasheet
796Kb / 19P
   The Following Pages Provide Information Common To Each Model of The A22/M22 Pushbutton Switch
A22Z-3460-1 OMRON-A22Z-3460-1 Datasheet
796Kb / 19P
   The Following Pages Provide Information Common To Each Model of The A22/M22 Pushbutton Switch
A22Z-3460-2 OMRON-A22Z-3460-2 Datasheet
796Kb / 19P
   The Following Pages Provide Information Common To Each Model of The A22/M22 Pushbutton Switch
A22Z-3460-3 OMRON-A22Z-3460-3 Datasheet
796Kb / 19P
   The Following Pages Provide Information Common To Each Model of The A22/M22 Pushbutton Switch
A22Z-3460-4 OMRON-A22Z-3460-4 Datasheet
796Kb / 19P
   The Following Pages Provide Information Common To Each Model of The A22/M22 Pushbutton Switch
More results

Similar Description - A22Z-3443R-2

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
A22N-PS112 OMRON-A22N-PS112 Datasheet
796Kb / 19P
   Specifications Common to All
A22N-PS183 OMRON-A22N-PS183 Datasheet
796Kb / 19P
   Specifications Common to All
A22N-PS188 OMRON-A22N-PS188 Datasheet
796Kb / 19P
   Specifications Common to All
A22N-PS116 OMRON-A22N-PS116 Datasheet
796Kb / 19P
   Specifications Common to All
logo
TDK Electronics
C1005X7R1C104K TDK-C1005X7R1C104K Datasheet
131Kb / 1P
   All specifications are subject to change without notice.
C3225X7R2E104K TDK-C3225X7R2E104K Datasheet
132Kb / 1P
   All specifications are subject to change without notice
CKG57NX5R1H226M TDK-CKG57NX5R1H226M Datasheet
133Kb / 1P
   All specifications are subject to change without notice
C2012X7R1E225K TDK-C2012X7R1E225K Datasheet
132Kb / 1P
   All specifications are subject to change without notice.
logo
Linear Technology
LTC2230 LINER-LTC2230 Datasheet
695Kb / 28P
   Electrical Specifications Subject to Change
logo
NEC
78K NEC-78K Datasheet
644Kb / 129P
   Common to 78K/0 Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com