Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A22Z-3443R-4 Datasheet(PDF) 1 Page - Omron Electronics LLC

Part # A22Z-3443R-4
Description  Specifications Common to All
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

A22Z-3443R-4 Datasheet(HTML) 1 Page - Omron Electronics LLC

  A22Z-3443R-4 Datasheet HTML 1Page - Omron Electronics LLC A22Z-3443R-4 Datasheet HTML 2Page - Omron Electronics LLC A22Z-3443R-4 Datasheet HTML 3Page - Omron Electronics LLC A22Z-3443R-4 Datasheet HTML 4Page - Omron Electronics LLC A22Z-3443R-4 Datasheet HTML 5Page - Omron Electronics LLC A22Z-3443R-4 Datasheet HTML 6Page - Omron Electronics LLC A22Z-3443R-4 Datasheet HTML 7Page - Omron Electronics LLC A22Z-3443R-4 Datasheet HTML 8Page - Omron Electronics LLC A22Z-3443R-4 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
Complete Assemblies
30
Specifications Common to All
A22/M22
The Following Pages Provide Information Common
To Each Model of The A22/M22 Pushbutton Switch
H
A22
H
A22S/W
H
A22K
H
M22
Specifications
J
APPROVED STANDARDS
Recognized organization
Standards
File No.
UL, cUL (See note)
UL508
E41515
ASTA
EN60947-5-1
Note: UL: CSA C22 No. 14
J
RATINGS
Contacts (General-purpose Load)
Rated carry
Rated
l
Rated current (A)
y
current
voltage
Utilization category
AC15 (inductive load)
AC12 (resistive load)
DC13 (inductive load)
DC12 (resistive load)
10 amps
24 VAC
10
10
p
110 VAC
5
10
220 VAC
3
6
380 VAC
2
3
440 VAC
1
2
24 VDC
1.5
10
110 VDC
0.5
2
220 VDC
0.2
0.6
380 VDC
0.1
0.2
Note: 1. Rated current values are determined according to the testing conditions specified by JIS C4520. The above ratings were
obtained by conducting tests under the following conditions as specified by JIS C4505.
(1) Ambient temperature: 20°±2°C
(2) Ambient humidity: 65±5%
(3) Operating frequency: 20 operations/min
2. Minimum applied load: 10 mA, 5 VDC
Contacts (Microload)
Rated applied load
Minimum applied load
50 mA, 5 VDC (Resistive load)
1mA, 5VDC
LED Indicators without Transformer
Rated voltage
Rated current
Operating voltage
6VDC
60 mA
6VDC±5%
6VAC
60 mA
6VAC/DC±5%
12 VAC/DC
30 mA
12 VAC/DC±5%
24 VAC/DC
15 mA
24 VAC/DC±5%


Similar Part No. - A22Z-3443R-4

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
A22Z-3460 OMRON-A22Z-3460 Datasheet
796Kb / 19P
   The Following Pages Provide Information Common To Each Model of The A22/M22 Pushbutton Switch
A22Z-3460-1 OMRON-A22Z-3460-1 Datasheet
796Kb / 19P
   The Following Pages Provide Information Common To Each Model of The A22/M22 Pushbutton Switch
A22Z-3460-2 OMRON-A22Z-3460-2 Datasheet
796Kb / 19P
   The Following Pages Provide Information Common To Each Model of The A22/M22 Pushbutton Switch
A22Z-3460-3 OMRON-A22Z-3460-3 Datasheet
796Kb / 19P
   The Following Pages Provide Information Common To Each Model of The A22/M22 Pushbutton Switch
A22Z-3460-4 OMRON-A22Z-3460-4 Datasheet
796Kb / 19P
   The Following Pages Provide Information Common To Each Model of The A22/M22 Pushbutton Switch
More results

Similar Description - A22Z-3443R-4

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
A22N-PS112 OMRON-A22N-PS112 Datasheet
796Kb / 19P
   Specifications Common to All
A22N-PS183 OMRON-A22N-PS183 Datasheet
796Kb / 19P
   Specifications Common to All
A22N-PS188 OMRON-A22N-PS188 Datasheet
796Kb / 19P
   Specifications Common to All
A22N-PS116 OMRON-A22N-PS116 Datasheet
796Kb / 19P
   Specifications Common to All
logo
TDK Electronics
C1005X7R1C104K TDK-C1005X7R1C104K Datasheet
131Kb / 1P
   All specifications are subject to change without notice.
C3225X7R2E104K TDK-C3225X7R2E104K Datasheet
132Kb / 1P
   All specifications are subject to change without notice
CKG57NX5R1H226M TDK-CKG57NX5R1H226M Datasheet
133Kb / 1P
   All specifications are subject to change without notice
C2012X7R1E225K TDK-C2012X7R1E225K Datasheet
132Kb / 1P
   All specifications are subject to change without notice.
logo
Linear Technology
LTC2230 LINER-LTC2230 Datasheet
695Kb / 28P
   Electrical Specifications Subject to Change
logo
NEC
78K NEC-78K Datasheet
644Kb / 129P
   Common to 78K/0 Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com