Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E32-T15Y Datasheet(PDF) 6 Page - Omron Electronics LLC

Part # E32-T15Y
Description  Fiber Sensors Best Selection Catalog
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E32-T15Y Datasheet(HTML) 6 Page - Omron Electronics LLC

Back Button E32-T15Y Datasheet HTML 2Page - Omron Electronics LLC E32-T15Y Datasheet HTML 3Page - Omron Electronics LLC E32-T15Y Datasheet HTML 4Page - Omron Electronics LLC E32-T15Y Datasheet HTML 5Page - Omron Electronics LLC E32-T15Y Datasheet HTML 6Page - Omron Electronics LLC E32-T15Y Datasheet HTML 7Page - Omron Electronics LLC E32-T15Y Datasheet HTML 8Page - Omron Electronics LLC E32-T15Y Datasheet HTML 9Page - Omron Electronics LLC E32-T15Y Datasheet HTML 10Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 68 page
background image
6
Features/Applications
■ Feature: Multicore (Flexible) Fibers
A large number of ultrafine cores are all surrounded by
cladding. As a result, the fiber is flexible and can be bent
without significantly reducing the light intensity. This
helps solve problems, such as fiber being broken by get-
ting caught on other objects.
■ Ratings/Characteristics
■ Feature: Flat Models
Flat models, which allow simple attachment and wiring,
have been added to the lineup. Choose the model to suit
the installation space from 3 sensing directions and 2
sizes, standard and small.
■ Ratings/Characteristics
*Depends on the fiber diameter.
■ Feature: Bundle Fibers
The Fiber Units contain a large number of independent
fine fibers, ensuring a high degree of flexibility.
■ Ratings/Characteristics
Standard Models
Flexible (New Standard)
R
Fewer problems
Light intensity affected by bends in fiber
Fiber broken by getting caught on sur-
rounding objects
• Perform wiring without worrying about the bending
radius.
• Choose the model to suit the installation space from
a variety of shapes.
Flexible fiber
Conventional fiber
Cladding
Cores
Min. sensing ob-
ject
0.005-mm dia.
Min. bending ra-
dius
1 mm
Ambient temper-
ature range
−40°C to 70°C (no icing or condensation)
Fiber material
Plastic
Standard
Equipped with sleeve
Cylindrical
Screw-shaped
Flat
• Choose the model to suit the installation space
from a variety of shapes.
• New flat models allow space savings and simple
installation.
Min. sensing ob-
ject
0.005-mm dia.
Min. bending ra-
dius
10 or 25 mm*
Ambient temper-
ature range
−40°C to 70°C (no icing or condensation)
Fiber material
Plastic
Break-resistant
B
• Bundle-fiber models can be used for moving parts.
• Capable of withstanding at least one million re-
peated bends (in typical applications).
Min. sensing ob-
ject
0.005-mm dia.
Min. bending ra-
dius
4 mm (withstands repeated bending)
Ambient temper-
ature range
−40°C to 70°C (no icing or condensation)
Fiber material
Plastic


Similar Part No. - E32-T15Y

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E32-T15Y OMRON-E32-T15Y Datasheet
17Mb / 67P
   Fiber Sensors Best Selection Catalog
E32-T15YR OMRON-E32-T15YR Datasheet
17Mb / 67P
   These Fibers Units can be used in a variety of applications, such as detecting the presence of workpieces and positioning.
E32-T15YR OMRON-E32-T15YR Datasheet
17Mb / 67P
   Fiber Sensors Best Selection Catalog
More results

Similar Description - E32-T15Y

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E32-M21 OMRON-E32-M21 Datasheet
17Mb / 67P
   Fiber Sensors Best Selection Catalog
logo
Tyco Electronics
504646-1 MACOM-504646-1 Datasheet
1Mb / 74P
   Fiber Optic Products Catalog
logo
Omron Electronics LLC
E32 OMRON-E32 Datasheet
1Mb / 108P
   An Extensive Selection of Fiber-Optic Cables
KS1AA1T OMRON-KS1AA1T Datasheet
6Mb / 25P
   Static Sensors and Ionizers Series Catalog
logo
AVAGO TECHNOLOGIES LIMI...
ADNB-6002 AVAGO-ADNB-6002 Datasheet
55Kb / 4P
   Agilent Optical Mouse Sensors (LED-based Sensors) Selection Guide
logo
Omron Electronics LLC
E32C312M OMRON-E32C312M Datasheet
17Mb / 67P
   Fiber Sensors
E32T24S OMRON-E32T24S Datasheet
17Mb / 67P
   Fiber Sensors
logo
SICK AG
LL3-DW01 SICK-LL3-DW01 Datasheet
208Kb / 4P
   FIBER-OPTIC SENSORS AND FIBER
logo
Omron Electronics LLC
E3X-DA41RM-S OMRON-E3X-DA41RM-S Datasheet
5Mb / 34P
   Digital Fiber Sensors
E3X-DA-S OMRON-E3X-DA-S Datasheet
1Mb / 28P
   Digital Fiber Sensors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com