Electronic Components Datasheet Search |
|
E32-T25X Datasheet(PDF) 7 Page - Omron Electronics LLC |
|
E32-T25X Datasheet(HTML) 7 Page - Omron Electronics LLC |
7 / 68 page 7 ì¡í²ÅEÉAÉvÉäÉPÅ[ÉVÉáÉì ■ Feature: Fluorine Coating Fluororesin is used as the sheath material to prevent fi- ber degradation resulting from oil adhesion. Note: The tip of the head is not chemical-resistant. ■ Ratings/Characteristics This customization/delivery service applies to standard models. It is aimed at reducing industrial waste and simplifying the installation procedure. ■ Fiber Length vs. Sensing Distance Through-beam Fiber Units (Fiber length of 2 m corresponds to 100%.) Fiber Units with Reflective Sensors (Fiber length of 2 m corresponds to 100%.) ■ Model Number Used When Changing Only the Sleeve Length ■ Model Number Used When Changing the Sleeve Length and Bends Standard Models Fluorine Coating U • Fiber degradation due to oil is prevented using a fluo- roresin coating. • Free cutting is possible with cutter provided. Oil is blocked! (Cross section) Fluororesin coating Min. sensing ob- ject 0.005-mm dia. Min. bending ra- dius 4 mm Ambient temper- ature range −40°C to 70°C (with no icing or condensation) Fiber material Plastic Fiber Customization Service (Fiber Length, Sleeve Length, and Bends) Fiber Length ■Applicable Models Standard models Flexible Break-resistant Models ■Model Number Used for Ordering Standard model number + Fiber length Fiber length: 0.3 m, 0.5 m, or any length from 1 to 20 m (in 1-m units) Sleeve Length and Bends ■Applicable Models E32-TC200B/E32-TC200F E32-DC200B/E32-DC200F The E32-DC200B cannot be bent. 100 80 60 40 20 2 0 5 10 15 20 Fiber length (m) 100 80 60 40 20 2 0 5 10 15 20 Fiber length (m) L Model: E32- *1 C200 *2 -S *3 R L1 L2 R Total length Total length Model Numbers Incorporating the Bending Radius, R, and Dimensions L1 and L2 *1: Insert "T" for Through-beam Fiber Units and "D" for Fiber Units with Reflective Sensors. *2: Insert the "B" or "F" that appears at the end of the original model number. *3: Insert "50" if the total length is 50 mm. The total length must not exceed 120 mm. Specifying L1 Only R5 R7.5 R10 R12.5 Model number L1 ( ±1) 10 15 12.5 17.5 15 20 17.5 22.5 E32- *1 C200 *2 -S *3 A1 E32- *1 C200 *2 -S *3 A2 E32- *1 C200 *2 -S *3 B1 E32- *1 C200 *2 -S *3 B2 E32- *1 C200 *2 -S *3 C1 E32- *1 C200 *2 -S *3 C2 E32- *1 C200 *2 -S *3 D1 E32- *1 C200 *2 -S *3 D2 (Units: mm) (Units: mm) Specifying L2 Only R5 R7.5 R10 R12.5 Bending radius Bending radius L2 ( ±1) 5 10 7.5 17.5 10 20 12.5 22.5 E32- *1 C200 *2 -S *3 A3 E32- *1 C200 *2 -S *3 A4 E32- *1 C200 *2 -S *3 B3 E32- *1 C200 *2 -S *3 B4 E32- *1 C200 *2 -S *3 C3 E32- *1 C200 *2 -S *3 C4 E32- *1 C200 *2 -S *3 D3 E32- *1 C200 *2 -S *3 D4 Model number |
Similar Part No. - E32-T25X |
|
Similar Description - E32-T25X |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |