Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLT2F15 Datasheet(PDF) 6 Page - Omron Electronics LLC

Part # TLT2F15
Description  Slim Proximity Sensor
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

TLT2F15 Datasheet(HTML) 6 Page - Omron Electronics LLC

Back Button TLT2F15 Datasheet HTML 2Page - Omron Electronics LLC TLT2F15 Datasheet HTML 3Page - Omron Electronics LLC TLT2F15 Datasheet HTML 4Page - Omron Electronics LLC TLT2F15 Datasheet HTML 5Page - Omron Electronics LLC TLT2F15 Datasheet HTML 6Page - Omron Electronics LLC TLT2F15 Datasheet HTML 7Page - Omron Electronics LLC TLT2F15 Datasheet HTML 8Page - Omron Electronics LLC TLT2F15 Datasheet HTML 9Page - Omron Electronics LLC TLT2F15 Datasheet HTML 10Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
Proximity Sensors Technical Guide
General Precautions
These products cannot be used in safety devices for
presses or other safety devices used to protect human
life.
These products are designed for use in applications
for sensing workpieces and workers that do not affect
safety.
To ensure safety, always observe the following precautions.
●Wiring Considerations
●Operating Environment
Do not use the Sensor in an environment where there are explosive or combustible gases.
For precautions on individual products, refer to the Safety Precautions
in individual product information.
WARNING
Precautions for Safe Use
Item
Typical examples
Power Supply Voltage
Do not use a voltage that exceeds the operat-
ing voltage range. Applying a voltage that is
higher than the operating voltage range, or us-
ing an AC power supply (100 VAC or higher)
for a Sensor that requires a DC power supply
may cause explosion or burning.
DC 3-Wire NPN Output Sensors
DC 2-Wire Sensors
Load short-circuiting
• Do not short-circuit the load. Explosion or
burning may result.
• The load short-circuit protection function op-
erates when the power supply is connected
with the correct polarity and the power is
within the rated voltage range.
DC 3-Wire NPN Output Sensors
• DC 2-Wire Sensors
• Even with the load short-circuit protection
function, protection will not be provided when
a load short circuit occurs if the power supply
polarity is not correct.
Incorrect Wiring
Be sure that the power supply polarity and oth-
er wiring is correct. Incorrect wiring may cause
explosion or burning.
DC 3-Wire NPN Output Sensors
Connection without a Load
If the power supply is connected directly with-
out a load, the internal elements may explode
or burn. Be sure to insert a load when connect-
ing the power supply.
• DC 2-Wire Sensors
• Even with the load short-circuit protection
function, protection will not be provided if
both the power supply polarity is incorrect
and no load is connected.
AC 2-Wire Sensors
Load
Sensor
Brown
Blue
Black
Load
Sensor
Brown
Blue
+
(Load short
circuit)
Load
Sensor
Brown
Blue
Black
(Load short circuit)
Load
Sensor
Brown
Blue
+
+
+
Load
Load
Sensor
Brown
Black
Blue
Sensor
Brown
Blue
Black
+
Sensor
Brown
Blue
Sensor
Brown
Blue
http://www.ia.omron.com/
C-1
(c)Copyright OMRON Corporation 2008 All Rights Reserved.


Similar Part No. - TLT2F15

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
TLT-13-6013 TELEDYNE-TLT-13-6013 Datasheet
893Kb / 2P
   Temperature Compensated Low Noise Amplifier 6 GHz - 13 GHz
TLT-13-6014 TELEDYNE-TLT-13-6014 Datasheet
891Kb / 2P
   Temperature Compensated Low Noise Amplifier 6 GHz - 13 GHz
TLT-13-6015 TELEDYNE-TLT-13-6015 Datasheet
891Kb / 2P
   Temperature Compensated Low Noise Amplifier 6 GHz - 13 GHz
TLT-13-6016 TELEDYNE-TLT-13-6016 Datasheet
891Kb / 2P
   Temperature Compensated Low Noise Amplifier 6 GHz - 13 GHz
TLT-18-2002 TELEDYNE-TLT-18-2002 Datasheet
889Kb / 2P
   Temperature Compensated Amplifier 2 GHz - 18 GHz
More results

Similar Description - TLT2F15

ManufacturerPart #DatasheetDescription
logo
SICK AG
WTB250-2N1151 SICK-WTB250-2N1151 Datasheet
556Kb / 7P
   Photoelectric proximity sensor, Photoelectric proximity sensor,
WTB250-2N1251 SICK-WTB250-2N1251 Datasheet
556Kb / 7P
   Photoelectric proximity sensor, Photoelectric proximity sensor,
WTB250-2N1131 SICK-WTB250-2N1131 Datasheet
551Kb / 7P
   Photoelectric proximity sensor, Photoelectric proximity sensor,
logo
OSRAM GmbH
SFH7741 OSRAM-SFH7741 Datasheet
334Kb / 17P
   Proximity Sensor
logo
Festo Corporation.
543876 FESTO-543876 Datasheet
82Kb / 2P
   Proximity sensor
546799 FESTO-546799 Datasheet
81Kb / 2P
   Proximity sensor
574380 FESTO-574380 Datasheet
85Kb / 2P
   Proximity sensor
2427615 FESTO-2427615 Datasheet
87Kb / 2P
   Proximity sensor
2427617 FESTO-2427617 Datasheet
81Kb / 2P
   Proximity sensor
2427618 FESTO-2427618 Datasheet
84Kb / 2P
   Proximity sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com