Electronic Components Datasheet Search |
|
E32-T25Y Datasheet(PDF) 6 Page - Omron Electronics LLC |
|
E32-T25Y Datasheet(HTML) 6 Page - Omron Electronics LLC |
6 / 67 page 6 Features/Applications ■ Feature: Multicore (Flexible) Fibers A large number of ultrafine cores are all surrounded by cladding. As a result, the fiber is flexible and can be bent without significantly reducing the light intensity. This helps solve problems, such as fiber being broken by get- ting caught on other objects. ■ Ratings/Characteristics ■ Feature: Flat Models Flat models, which allow simple attachment and wiring, have been added to the lineup. Choose the model to suit the installation space from 3 sensing directions and 2 sizes, standard and small. ■ Ratings/Characteristics *Depends on the fiber diameter. ■ Feature: Bundle Fibers The Fiber Units contain a large number of independent fine fibers, ensuring a high degree of flexibility. ■ Ratings/Characteristics Standard Models Flexible (New Standard) R Fewer problems Light intensity affected by bends in fiber Fiber broken by getting caught on sur- rounding objects • Perform wiring without worrying about the bending radius. • Choose the model to suit the installation space from a variety of shapes. Flexible fiber Conventional fiber Cladding Cores Min. sensing ob- ject 0.005-mm dia. Min. bending ra- dius 1 mm Ambient temper- ature range −40°C to 70°C (no icing or condensation) Fiber material Plastic Standard Equipped with sleeve Cylindrical Screw-shaped Flat • Choose the model to suit the installation space from a variety of shapes. • New flat models allow space savings and simple installation. Min. sensing ob- ject 0.005-mm dia. Min. bending ra- dius 10 or 25 mm* Ambient temper- ature range −40°C to 70°C (no icing or condensation) Fiber material Plastic Break-resistant B • Bundle-fiber models can be used for moving parts. • Capable of withstanding at least one million re- peated bends (in typical applications). Min. sensing ob- ject 0.005-mm dia. Min. bending ra- dius 4 mm (withstands repeated bending) Ambient temper- ature range −40°C to 70°C (no icing or condensation) Fiber material Plastic |
Similar Part No. - E32-T25Y |
|
Similar Description - E32-T25Y |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |