Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AC3FAH3-AU-B Datasheet(PDF) 11 Page - Amphenol Corporation

Part # AC3FAH3-AU-B
Description  AC SERIES - A AND B TYPE XLR PCB CHASSIS CONNECTORS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

AC3FAH3-AU-B Datasheet(HTML) 11 Page - Amphenol Corporation

Back Button AC3FAH3-AU-B Datasheet HTML 7Page - Amphenol Corporation AC3FAH3-AU-B Datasheet HTML 8Page - Amphenol Corporation AC3FAH3-AU-B Datasheet HTML 9Page - Amphenol Corporation AC3FAH3-AU-B Datasheet HTML 10Page - Amphenol Corporation AC3FAH3-AU-B Datasheet HTML 11Page - Amphenol Corporation AC3FAH3-AU-B Datasheet HTML 12Page - Amphenol Corporation AC3FAH3-AU-B Datasheet HTML 13Page - Amphenol Corporation AC3FAH3-AU-B Datasheet HTML 14Page - Amphenol Corporation AC3FAH3-AU-B Datasheet HTML 15Page - Amphenol Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
ENTERTAINMENT INTERCONNECT CATALOGUE - Amphenol Australia Pty Ltd Telephone 61 3 8796 8888 Fax 61 3 8796 8801
www.amphenolaudio.com
44
E. G . AC3MAVL3-AU B
AC (series prefix),3 contacts, Male, A Type, Vertical Printed Circuit Board, Latchless,
3 (Mating Shell to Pin 1 Grounding), - AU (Gold Plated Contacts), Bulk Packaged.
AC
3
Series Prefix
3 Contacts only
M
Male Pin Contacts
SERIES PREFIX
CONTACT LAYOUT
GENDER
SHELL SERIES
A
A Type
PART NUMBER BREAKDOWN
AC SERIES A AND B TYPE MALE - 3 CONTACT
AC
3 M B V B
-
L 3
AU
B
=
=
=
=
B
B Type
=
Blank
L
Latching
Latchless
LOCKING
MECHANISM
GROUNDING LINK
OPTIONS
AU
AG
Gold Plated Contacts
Silver Plated Contacts (Non-Standard)
CONTACT PLATING
PACKAGING
H
V
Horizontal Printed Circuit Board
Vertical Printed Circuit Board
TERMINATION
=
=
Blank
B
Nickel
Black
MOUNTING
FLANGE FINISH
(B TYPE ONLY)
=
=
=
=
Blank
No Ground Link
=
1
Pin 1 to Chassis to mating
connector shell
=
2
Mating connector shell to Chassis,
Pin 1 separate ground.
=
3
Mating connector to Pin 1
=
=
=
B
Bulk Packed
=
AC SERIES CHASSIS CONNECTORS
A AND B TYPE FLANGE


Similar Part No. - AC3FAH3-AU-B

ManufacturerPart #DatasheetDescription
logo
Applied Concepts Inc.
AC3-12-1410 ACIPOWER-AC3-12-1410 Datasheet
198Kb / 2P
   CCFL INVERTER
AC3-12-1415 ACIPOWER-AC3-12-1415 Datasheet
198Kb / 2P
   CCFL INVERTER
AC3-12-1462 ACIPOWER-AC3-12-1462 Datasheet
1Mb / 2P
   CCFL INVERTER
AC3-12-1505 ACIPOWER-AC3-12-1505 Datasheet
212Kb / 2P
   CCFL INVERTER
AC3-12-1506 ACIPOWER-AC3-12-1506 Datasheet
221Kb / 2P
   CCFL INVERTER
More results

Similar Description - AC3FAH3-AU-B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NC3MXX ETC2-NC3MXX Datasheet
3Mb / 29P
   XLR Connectors
logo
Maxim Integrated Produc...
MAX14502EVKIT MAXIM-MAX14502EVKIT Datasheet
630Kb / 15P
   On-Board SD Card Socket, USB Type-A, and USB Type-B Connectors
Rev 0; 11/08
logo
Amphenol Corporation
AX3M AMPHENOL-AX3M Datasheet
1Mb / 6P
   AX SERIES XLR CABLE CONNECTORS
logo
List of Unclassifed Man...
RT3FC-B ETC2-RT3FC-B Datasheet
1Mb / 24P
   TINY xlr Cable Connectors
logo
Bel Fuse Inc.
SS-52300-001 BEL-SS-52300-001 Datasheet
499Kb / 1P
   USB 2.0 Type-B Connectors
logo
List of Unclassifed Man...
NL4MP ETC2-NL4MP Datasheet
239Kb / 5P
   Chassis Connectors
logo
Advantech Co., Ltd.
EWM-W163M2 ADVANTECH-EWM-W163M2 Datasheet
275Kb / 1P
   802.11 ac/a/b/g/n
EWM-W162M2 ADVANTECH-EWM-W162M2 Datasheet
295Kb / 1P
   802.11 ac/a/b/g/n
logo
Suntsu Electronics, Inc...
SATPC-25A7AF-WFB2 SUNTSU-SATPC-25A7AF-WFB2 Datasheet
1Mb / 7P
   IEEE802.11 (a/b/g/n/ac)
SATPC-40A6AF-WFB2 SUNTSU-SATPC-40A6AF-WFB2 Datasheet
1Mb / 7P
   IEEE802.11 (a/b/g/n/ac)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com