Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CP1W-TS101 Datasheet(PDF) 9 Page - Omron Electronics LLC

Part # CP1W-TS101
Description  The CP1E Package PLCs: Economical, Easy to use, and Efficient
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

CP1W-TS101 Datasheet(HTML) 9 Page - Omron Electronics LLC

Back Button CP1W-TS101 Datasheet HTML 5Page - Omron Electronics LLC CP1W-TS101 Datasheet HTML 6Page - Omron Electronics LLC CP1W-TS101 Datasheet HTML 7Page - Omron Electronics LLC CP1W-TS101 Datasheet HTML 8Page - Omron Electronics LLC CP1W-TS101 Datasheet HTML 9Page - Omron Electronics LLC CP1W-TS101 Datasheet HTML 10Page - Omron Electronics LLC CP1W-TS101 Datasheet HTML 11Page - Omron Electronics LLC CP1W-TS101 Datasheet HTML 12Page - Omron Electronics LLC CP1W-TS101 Datasheet HTML 13Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 44 page
background image
CP1E-E
@@D@-@ CP1E-N@@D@-@/NA20D@-@
9
Performance Specifications
Item
CP1E-
@@D@-@
CP1E-N
@@D@-@
CP1E-NA
@@D@-@
Program capacity
2 K steps (8 Kbytes) including the symbol table,
comments, and program indices of the CX-Programmer
8 K steps (32 Kbytes) including the symbol table,
comments, and program indices of the CX-Programmer
Control method
Stored program method
I/O control method
Cyclic scan with immediate refreshing
Program language
Ladder diagram
Instructions
Approximately 200
Processing
speed
Overhead processing time
0.4 ms
Instruction execution times
Basic instructions (LD): 1.19 µs min.
Special instructions (MOV): 7.9 µs min.
Number of CP1W-series Expansion Units
connected
CP1E-E10D
@-@/@14D@-@/@20D@-@: None
CP1E-
@30D@-@/@40D@-@/N60D@-@/NA20D@-@: 3 units
Maximum number of I/O points
CP1E-E10D
@-@ : 10
CP1E-
@14D@-@ : 14
CP1E-
@20D@-@ : 20
CP1E-
@30D@-@ : 150 (30 built in, 40 × 3 expansion)
CP1E-
@40D@-@ : 160 (40 built in, 40 × 3 expansion)
CP1E-N60D
@-@ : 180 (60 built in, 40 × 3 expansion)
CP1E-NA20D
@-@: 140 (20 built in, 40 × 3 expansion)
Built-in I/O
CP1E-E10D
@-@ : 10 (6 inputs, 4 outputs)
CP1E-
@14D@-@ : 14 (8 inputs, 6 outputs)
CP1E-
@20D@-@ : 20 (12 inputs, 8 outputs)
CP1E-
@30D@-@ : 30 (18 inputs, 12 outputs)
CP1E-
@40D@-@ : 40 (24 inputs, 16 outputs)
CP1E-N60D
@-@ : 60 (36 inputs, 24 outputs)
CP1E-NA20D
@-@: 20 (12 inputs, 8 outputs)
Built-in input
functions
High-speed
counters
High-speed
counter mode/
maximum
frequency
Incremental Pulse Inputs
10 kHz: 6 counters
5 counters (only for 10 I/O points)
Up/Down Inputs
10 kHz: 2 counters
Pulse + Direction Inputs
10 kHz: 2 counters
Differential Phase Inputs (4x)
5 kHz: 2 counters
Incremental Pulse Inputs
100 kHz: 2 counters,10 kHz: 4 counters
Up/Down Inputs
100 kHz: 1 counters,10 kHz: 1 counters
Pulse + Direction Inputs
100 kHz: 2 counters
Differential Phase Inputs (4x)
50 kHz: 1 counter, 5 kHz: 1 counter
Counting
mode
Linear mode
Ring mode
Count value
32 bits
Counter reset
modes
Phase Z and software reset (excluding increment pulse input)
Software reset
Control
method
Target Matching
Range Comparison
Input interrupts
6 inputs (4 inputs only for 10 I/O points)
Interrupt input pulse width: 50 µs min.
Quick-response Inputs
6 inputs (4 inputs only for 10 I/O points)
Input pulse width: 50 µs min.
Normal input
Input
constants
Delays can be set in the PLC Setup (0 to 32 ms, default: 8 ms).
Set values: 0, 1, 2, 4, 8, 16, or 32 ms
Built-in output
functions
Pulse outputs
(Models with
transistor
outputs only)
Pulse output
method and
output
frequency
Pulse output function not included
Pulse + Direction Mode
1 Hz to 100 kHz: 2 outputs
Output mode
Continuous mode (for speed control)
Independent mode (for position control)
Number of
output pulses
Relative coordinates: 0000 0000 to 7FFF FFFF hex
(0 to 2147483647)
Absolute coordinates: 8000 0000 to 7FFF FFFF hex
(-2147483647 to 2147483647)
Acceleration/
deceleration
curves
Trapezoidal acceleration and deceleration
(Cannot perform S-curve acceleration and
deceleration.)
Changing SVs
during
instruction
execution
Only target position can be changed.
Origin
searches
Included
Pulse outputs
(Models with
transistor
outputs only)
Frequency
PWM output function not included
2.0 to 6,553.5 Hz (in increments of 0.1 Hz) with 1 output
or 2 Hz to 32,000 Hz (in increments of 1 Hz) with 1 output
Duty factor
0.0% to 100.0% (in increments of 0.1%)
Accuracy: +1%/-0% at 2 Hz to 10,000 Hz and
+5%/-0% at 10,000 Hz to 32,000 kHz
Output mode
Continuous Mode
Built-in analog
Analog input
Analog function not included
Setting range: 0 to 6,000 (2 channels only for NA-type)
Analog output
Setting range: 0 to 6,000 (1 channels only for NA-type)
Analog adjusters
2 adjusters (Setting range: 0 to 255)


Similar Part No. - CP1W-TS101

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
CP1W-TS101 OMRON-CP1W-TS101 Datasheet
1Mb / 9P
   Compact machine controllers
CP1W-TS101 OMRON-CP1W-TS101 Datasheet
3Mb / 36P
   High Performing Programmable Controller with Embedded Ethernet
CP1W-TS101 OMRON-CP1W-TS101 Datasheet
7Mb / 54P
   The CP1E Programmable Controller: Economical, Easy to use, and Efficient
More results

Similar Description - CP1W-TS101

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
CP1E OMRON-CP1E Datasheet
7Mb / 54P
   The CP1E Programmable Controller: Economical, Easy to use, and Efficient
logo
International Rectifier
IRDC3838 IRF-IRDC3838 Datasheet
1Mb / 16P
   The IR3838 SupIRBuckTM is an easy-to-use, fully integrated and highly efficient DC/DCregulator.
IRDC3839 IRF-IRDC3839 Datasheet
1Mb / 16P
   The IR3839 SupIRBuckTM is an easy-to-use,fully integrated and highly efficient DC/DCregulator.
IRDC3837 IRF-IRDC3837 Datasheet
1Mb / 16P
   The IR3837 SupIRBuckTM is an easy-to-use, fully integrated and highly efficient DC/DC regulator.
IRDC3871 IRF-IRDC3871 Datasheet
1Mb / 15P
   The IR3871 SupIRBuckTM is an easy-to-use, fully integrated and highly efficient DC/DC voltage regulator.
IRDC3876 IRF-IRDC3876 Datasheet
1Mb / 15P
   The IR3876 SupIRBuckTM is an easy-to-use, fully integrated and highly efficient DC/DC voltage regulator.
IRDC3865 IRF-IRDC3865 Datasheet
986Kb / 15P
   The IR3865 SupIRBuckTM is an easy-to-use, fully integrated and highly efficient DC/DC voltage regulator.
IRDC3863 IRF-IRDC3863 Datasheet
1,006Kb / 15P
   The IR3863 SupIRBuckTM is an easy-to-use, fully integrated and highly efficient DC/DC voltage regulator
logo
Microchip Technology
RN4678 MICROCHIP-RN4678 Datasheet
854Kb / 2P
   The Easy-to-Use, Flexible Solution for BLE and Bluetooth Classic Connectivity
10/16
logo
Generalplus Technology ...
GPES216B2 GENERALPLUS-GPES216B2 Datasheet
423Kb / 14P
   Easy-to-use SOUNDPLUS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com