Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A22L-FY-12A-01A Datasheet(PDF) 4 Page - Omron Electronics LLC

Part # A22L-FY-12A-01A
Description  Pushbutton Switch
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

A22L-FY-12A-01A Datasheet(HTML) 4 Page - Omron Electronics LLC

  A22L-FY-12A-01A Datasheet HTML 1Page - Omron Electronics LLC A22L-FY-12A-01A Datasheet HTML 2Page - Omron Electronics LLC A22L-FY-12A-01A Datasheet HTML 3Page - Omron Electronics LLC A22L-FY-12A-01A Datasheet HTML 4Page - Omron Electronics LLC A22L-FY-12A-01A Datasheet HTML 5Page - Omron Electronics LLC A22L-FY-12A-01A Datasheet HTML 6Page - Omron Electronics LLC A22L-FY-12A-01A Datasheet HTML 7Page - Omron Electronics LLC A22L-FY-12A-01A Datasheet HTML 8Page - Omron Electronics LLC A22L-FY-12A-01A Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
A22
A22
4
Appearance
Illumination
color
Latching operation
(self-holding)
Momentary
operation
(self-resetting)
Rated
voltage
Lighting
Output
Round/Projection
t
SPST-NO
LED
110 VAC
A22L-T
j-T1-10M
A22L-T
j-T1-10A
Insert one of
th f ll
i
ou d/
ojec o
type
SS
O
220 VAC
A22L-T
j-T2-10M
A22L-T
j-T2-10A
se o e o
the following
letters into the
LED transformer
lighting
SPST-NC
110 VAC
A22L-T
j-T1-01M
A22L-T
j-T1-01A
letters into the
box
j.
lighting
(With transformer)
SS
C
220 VAC
A22L-T
j-T2-01M
A22L-T
j-T2-01A
box
j.
R (red)
(With transformer)
SPST-NO +
SPST NC
110 VAC
A22L-T
j-T1-11M
A22L-T
j-T1-11A
R (red)
Y (yellow)
G (green)
SS
O
SPST-NC
220 VAC
A22L-T
j-T2-11M
A22L-T
j-T2-11A
(y
)
G (green)
W (white)
DPST-NO
110 VAC
A22L-T
j-T1-20M
A22L-T
j-T1-20A
W (white)
A (blue)
A22L-T
SO
220 VAC
A22L-T
j-T2-20M
A22L-T
j-T2-20A
A (blue)
DPST-NC
110 VAC
A22L-T
j-T1-02M
A22L-T
j-T1-02A
SC
220 VAC
A22L-T
j-T2-02M
A22L-T
j-T2-02A
Round/Half-guard
t
SPST-NO
6 VDC
A22L-H
j-6D-10M
A22L-H
j-6D-10A
ou d/ a gua d
type
SS
O
6 VAC
A22L-H
j-6A-10M
A22L-H
j-6A-10A
LED lighting
(Without
12 VAC/DC
A22L-H
j-12A-10M
A22L-H
j-12A-10A
(Without
transformer)
24 VAC/DC
A22L-H
j-24A-10M
A22L-H
j-24A-10A
transformer)
SPST-NC
6 VDC
A22L-H
j-6D-01M
A22L-H
j-6D-01A
SS
C
6 VAC
A22L-H
j-6A-01M
A22L-H
j-6A-01A
12 VAC/DC
A22L-H
j-12A-01M
A22L-H
j-12A-01A
A22L-H
24 VAC/DC
A22L-H
j-24A-01M
A22L-H
j-24A-01A
SPST-NO +
SPST NC
6 VDC
A22L-H
j-6D-11M
A22L-H
j-6D-11A
SS
O
SPST-NC
6 VAC
A22L-H
j-6A-11M
A22L-H
j-6A-11A
12 VAC/DC
A22L-H
j-12A-11M
A22L-H
j-12A-11A
24 VAC/DC
A22L-H
j-24A-11M
A22L-H
j-24A-11A
DPST-NO
6 VDC
A22L-H
j-6D-20M
A22L-H
j-6D-20A
SO
6 VAC
A22L-H
j-6A-20M
A22L-H
j-6A-20A
12 VAC/DC
A22L-H
j-12A-20M
A22L-H
j-12A-20A
24 VAC/DC
A22L-H
j-24A-20M
A22L-H
j-24A-20A
DPST-NC
6 VDC
A22L-H
j-6D-02M
A22L-H
j-6D-02A
SC
6 VAC
A22L-H
j-6A-02M
A22L-H
j-6A-02A
12 VAC/DC
A22L-H
j-12A-02M
A22L-H
j-12A-02A
24 VAC/DC
A22L-H
j-24A-02M
A22L-H
j-24A-02A


Similar Part No. - A22L-FY-12A-01A

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
A22L-01M OMRON-A22L-01M Datasheet
18Mb / 52P
   Emergency Stop Pushbutton Switches (22-dia. or 25-dia.)
A22L-01M-T1 OMRON-A22L-01M-T1 Datasheet
18Mb / 52P
   Emergency Stop Pushbutton Switches (22-dia. or 25-dia.)
A22L-01M-T2 OMRON-A22L-01M-T2 Datasheet
18Mb / 52P
   Emergency Stop Pushbutton Switches (22-dia. or 25-dia.)
A22L-02M OMRON-A22L-02M Datasheet
18Mb / 52P
   Emergency Stop Pushbutton Switches (22-dia. or 25-dia.)
A22L-02M-T1 OMRON-A22L-02M-T1 Datasheet
18Mb / 52P
   Emergency Stop Pushbutton Switches (22-dia. or 25-dia.)
More results

Similar Description - A22L-FY-12A-01A

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
A22-6DG OMRON-A22-6DG Datasheet
223Kb / 13P
   Pushbutton Switch
A226AR OMRON-A226AR Datasheet
223Kb / 13P
   Pushbutton Switch
A2201A OMRON-A2201A Datasheet
223Kb / 13P
   Pushbutton Switch
logo
List of Unclassifed Man...
AP2D000SZBE ETC2-AP2D000SZBE Datasheet
374Kb / 6P
   Industrial Pushbutton Switch
logo
C&K Components
APB CK-COMPONENTS-APB Datasheet
530Kb / 4P
   Backlit Pushbutton Switch
AP CK-COMPONENTS-AP_V02 Datasheet
1Mb / 10P
   Industrial Pushbutton Switch
28 Jul 21
logo
E-SWITCH
WBL E-SWITCH-WBL Datasheet
955Kb / 2P
   ILLUMINATED PUSHBUTTON SWITCH
logo
Honeywell Accelerometer...
2PB11-T2 HONEYWELL-ACC-2PB11-T2 Datasheet
71Kb / 1P
   ASSEMBLY-PUSHBUTTON SWITCH
4PB642 HONEYWELL-ACC-4PB642 Datasheet
186Kb / 1P
   ASSEMBLY, PUSHBUTTON SWITCH
logo
Honeywell Solid State E...
2PB732-T2 HONEYWELL-2PB732-T2 Datasheet
55Kb / 1P
   ASSEMBLY - PUSHBUTTON SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com