Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC3H4J00000F Datasheet(PDF) 1 Page - Sharp Corporation

Part # PC3H4J00000F
Description  Mini-flat Half Pitch Package, AC Input Photocoupler
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC3H4J00000F Datasheet(HTML) 1 Page - Sharp Corporation

  PC3H4J00000F Datasheet HTML 1Page - Sharp Corporation PC3H4J00000F Datasheet HTML 2Page - Sharp Corporation PC3H4J00000F Datasheet HTML 3Page - Sharp Corporation PC3H4J00000F Datasheet HTML 4Page - Sharp Corporation PC3H4J00000F Datasheet HTML 5Page - Sharp Corporation PC3H4J00000F Datasheet HTML 6Page - Sharp Corporation PC3H4J00000F Datasheet HTML 7Page - Sharp Corporation PC3H4J00000F Datasheet HTML 8Page - Sharp Corporation PC3H4J00000F Datasheet HTML 9Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
■ Features
Mini-flat Half Pitch Package,
AC Input Photocoupler
1. 4-pin Mini-flat Half pitch package (Lead pitch :
1.27mm)
2. Double transfer mold package (Ideal for Flow
Soldering)
3. AC input type
4. High collector-emitter voltage (VCE : 80V)
5. Isolation voltage between input and output (Viso(rms):
2.5kV)
6. Lead-free and RoHS directive compliant
■ Description
PC3H4J00000F Series contains an IRED optically
coupled to a phototransistor.
It is packaged in a 4-pin Mini-flat, half pitch type.
Input-output isolation voltage(rms) is 2.5kV.
Collector-emitter voltage is 80V and CTR is 20% to
400% at input current of
±1mA.
1
Sheet No.: D2-A01502EN
Date Jun. 30. 2005
© SHARP Corporation
Notice The content of data sheet is subject to change without prior notice.
In the absence of confirmation by device specification sheets, SHARP takes no responsibility for any defects that may occur in equipment using any SHARP
devices shown in catalogs, data books, etc. Contact SHARP in order to obtain the latest device specification sheets before using any SHARP device.
1. Recognized by UL1577 (Double protection isolation),
file No. E64380 (as model No. PC3H4)
2. Approved by VDE, DIN EN60747-5-2
(
*) (as an
option), file No. 40009162 (as model No. PC3H4)
3. Package resin : UL flammability grade (94V-0)
(
*)DIN EN60747-5-2 : successor standard of DIN VDE0884
■ Agency approvals/Compliance
PC3H4J00000F
Series
*4-channel package type is also available.
(model No. PC3Q64QJ000F)
PC3H4J00000F Series
1. Programmable controllers
■ Applications


Similar Part No. - PC3H4J00000F

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC3H4 SHARP-PC3H4 Datasheet
68Kb / 5P
   Mini-falt Package AC Input Type Half Pitch Photocoupler
PC3H4 SHARP-PC3H4 Datasheet
660Kb / 14P
   DEVICE SPECIFICATION FOR PHOTOCOUPLER
PC3H410NIP SHARP-PC3H410NIP Datasheet
74Kb / 5P
   AC Input, Low Input Current Type Photocoupler
PC3H410NIP SHARP-PC3H410NIP Datasheet
189Kb / 13P
   Mini-flat Half Pitch Package, High CMR, AC Input, Low Input Current Photocoupler
PC3H410NIP0F SHARP-PC3H410NIP0F Datasheet
199Kb / 13P
   Mini-flat Half Pitch Package, High CMR, AC Input, Low Input Current Photocoupler
More results

Similar Description - PC3H4J00000F

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC3H4KJ0000F SHARP-PC3H4KJ0000F Datasheet
200Kb / 13P
   Mini-flat Half Pitch Package, AC Input Photocoupler
PC3H4AJ0000F SHARP-PC3H4AJ0000F Datasheet
200Kb / 13P
   Mini-flat Half Pitch Package, AC Input Photocoupler
PC354NJ0000F SHARP-PC354NJ0000F Datasheet
232Kb / 14P
   Mini-flat Package, AC Input Photocoupler
PC354N1TJ00F SHARP-PC354N1TJ00F Datasheet
206Kb / 14P
   Mini-flat Package, AC Input Photocoupler
PC354NTJ000F SHARP-PC354NTJ000F Datasheet
206Kb / 14P
   Mini-flat Package, AC Input Photocoupler
PC3H411NIP SHARP-PC3H411NIP Datasheet
189Kb / 13P
   Mini-flat Half Pitch Package, High CMR, AC Input, Low Input Current Photocoupler
PC3H411NIP0F SHARP-PC3H411NIP0F Datasheet
396Kb / 13P
   Mini-flat Half Pitch Package, High CMR, AC Input, Low Input Current Photocoupler
PC3H410NIP0F SHARP-PC3H410NIP0F Datasheet
199Kb / 13P
   Mini-flat Half Pitch Package, High CMR, AC Input, Low Input Current Photocoupler
PC354NT SHARP-PC354NT Datasheet
59Kb / 5P
   Mini-flat Package, AC Input Type Photocoupler
PC3H4 SHARP-PC3H4 Datasheet
68Kb / 5P
   Mini-falt Package AC Input Type Half Pitch Photocoupler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com