Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC3H4J00000F Datasheet(PDF) 4 Page - Sharp Corporation

Part # PC3H4J00000F
Description  Mini-flat Half Pitch Package, AC Input Photocoupler
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC3H4J00000F Datasheet(HTML) 4 Page - Sharp Corporation

  PC3H4J00000F Datasheet HTML 1Page - Sharp Corporation PC3H4J00000F Datasheet HTML 2Page - Sharp Corporation PC3H4J00000F Datasheet HTML 3Page - Sharp Corporation PC3H4J00000F Datasheet HTML 4Page - Sharp Corporation PC3H4J00000F Datasheet HTML 5Page - Sharp Corporation PC3H4J00000F Datasheet HTML 6Page - Sharp Corporation PC3H4J00000F Datasheet HTML 7Page - Sharp Corporation PC3H4J00000F Datasheet HTML 8Page - Sharp Corporation PC3H4J00000F Datasheet HTML 9Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Sheet No.: D2-A01502EN
■ Electro-optical Characteristics
Parameter
Conditions
Forward voltage
Terminal capacitance
Collector dark current
Transfer
charac-
teristics
Emitter-collector breakdown voltage
Collector current
Collector-emitter breakdown voltage
Collector-emitter saturation voltage
Isolation resistance
Floating capacitance
MIN.
6
0.2
5
×10
10
TYP.
1.2
30
0.1
1
×10
11
0.6
4
3
MAX.
1.4
250
100
4.0
0.2
1.0
18
18
Unit
V
V
pF
nA
V
mA
V
pF
µs
µs
Symbol
VF
Ct
ICEO
BVCEO
BVECO
IC
VCE (sat)
Cf
tr
tf
RISO
Response time
Rise time
Fall time
Input
Output
IF
=±20mA
V
=0, f=1kHz
VCE
=50V, IF=0
IC
=0.1mA, IF=0
IE
=10µA, IF=0
IF
=±1mA, VCE=5V
DC500V, 40 to 60%RH
VCE
=2V, IC=2mA, RL=100Ω
V
=0, f=1MHz
IF
=±20mA, IC=1mA
80
(Ta
=25˚C)
■ Absolute Maximum Ratings
(Ta
=25˚C)
Parameter
Symbol
Unit
Forward current
mA
*1 Peak forward current
A
Power dissipation
mW
Collector-emitter voltage
V
Emitter-collector voltage
V
Collector current
mA
Collector power dissipation
mW
Total power dissipation
mW
*2 Isolation voltage
Operating temperature
˚C
Storage temperature
˚C
*3 Soldering temperature
IF
IFM
P
VCEO
VECO
IC
PC
Ptot
Viso (rms)
Topr
Tstg
Tsol
˚C
*1 Pulse width
≤100µs, Duty ratio : 0.001
*2 40 to 60%RH, AC for 1 minute
*3 For 10s
Rating
±50
±1
70
80
6
50
150
170
−30 to +100
−40 to +125
260
2.5
kV
4
PC3H4J00000F Series


Similar Part No. - PC3H4J00000F

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC3H4 SHARP-PC3H4 Datasheet
68Kb / 5P
   Mini-falt Package AC Input Type Half Pitch Photocoupler
PC3H4 SHARP-PC3H4 Datasheet
660Kb / 14P
   DEVICE SPECIFICATION FOR PHOTOCOUPLER
PC3H410NIP SHARP-PC3H410NIP Datasheet
74Kb / 5P
   AC Input, Low Input Current Type Photocoupler
PC3H410NIP SHARP-PC3H410NIP Datasheet
189Kb / 13P
   Mini-flat Half Pitch Package, High CMR, AC Input, Low Input Current Photocoupler
PC3H410NIP0F SHARP-PC3H410NIP0F Datasheet
199Kb / 13P
   Mini-flat Half Pitch Package, High CMR, AC Input, Low Input Current Photocoupler
More results

Similar Description - PC3H4J00000F

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC3H4KJ0000F SHARP-PC3H4KJ0000F Datasheet
200Kb / 13P
   Mini-flat Half Pitch Package, AC Input Photocoupler
PC3H4AJ0000F SHARP-PC3H4AJ0000F Datasheet
200Kb / 13P
   Mini-flat Half Pitch Package, AC Input Photocoupler
PC354NJ0000F SHARP-PC354NJ0000F Datasheet
232Kb / 14P
   Mini-flat Package, AC Input Photocoupler
PC354N1TJ00F SHARP-PC354N1TJ00F Datasheet
206Kb / 14P
   Mini-flat Package, AC Input Photocoupler
PC354NTJ000F SHARP-PC354NTJ000F Datasheet
206Kb / 14P
   Mini-flat Package, AC Input Photocoupler
PC3H411NIP SHARP-PC3H411NIP Datasheet
189Kb / 13P
   Mini-flat Half Pitch Package, High CMR, AC Input, Low Input Current Photocoupler
PC3H411NIP0F SHARP-PC3H411NIP0F Datasheet
396Kb / 13P
   Mini-flat Half Pitch Package, High CMR, AC Input, Low Input Current Photocoupler
PC3H410NIP0F SHARP-PC3H410NIP0F Datasheet
199Kb / 13P
   Mini-flat Half Pitch Package, High CMR, AC Input, Low Input Current Photocoupler
PC354NT SHARP-PC354NT Datasheet
59Kb / 5P
   Mini-flat Package, AC Input Type Photocoupler
PC3H4 SHARP-PC3H4 Datasheet
68Kb / 5P
   Mini-falt Package AC Input Type Half Pitch Photocoupler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com