Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD9775FV-E2 Datasheet(PDF) 5 Page - Rohm

Part # BD9775FV-E2
Description  Dual-output, high voltage, high-efficiency step-down Switching Regulator
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD9775FV-E2 Datasheet(HTML) 5 Page - Rohm

  BD9775FV-E2 Datasheet HTML 1Page - Rohm BD9775FV-E2 Datasheet HTML 2Page - Rohm BD9775FV-E2 Datasheet HTML 3Page - Rohm BD9775FV-E2 Datasheet HTML 4Page - Rohm BD9775FV-E2 Datasheet HTML 5Page - Rohm BD9775FV-E2 Datasheet HTML 6Page - Rohm BD9775FV-E2 Datasheet HTML 7Page - Rohm BD9775FV-E2 Datasheet HTML 8Page - Rohm BD9775FV-E2 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
5/28
40
41
42
43
44
45
46
47
48
36
35
34
33
32
31
30
29
28
1
2
3
4
5
6
7
8
9
10
11
12
21
20
19
18
17
16
15
14
13
24
23
22
FB1
N.C
VREG33
N.C
VREG5A
N.C
OUTL1
DGND1
SW1
DET1
SS1
COMP1
27
26
25
37
38
39
N.C
EXTVCC
N.C
N.C
VREG5
N.C
OUTL2
DGND2
SW2
SS2
COMP2
FB2
Pin configuration
Pin function table
BD9011KV(VQFP48C)
Fig-15
Block functional descriptions
Error amp
The error amp compares output feedback voltage to the 0.8V reference voltage and provides the comparison result as COMP voltage, which is
used to determine the switching Duty. COMP voltage is limited to the SS voltage, since soft start at power up is based on SS pin voltage.
Oscillator (OSC)
Oscillation frequency is determined by the switching frequency pin (RT) in this block. The frequency can be set between 250kHz and 550kHz.
SLOPE
The SLOPE block uses the clock produced by the oscillator to generate a triangular wave, and sends the wave to the PWM comparator.
PWM COMP
The PWM comparator determines switching Duty by comparing the COMP voltage, output from the error amp, with the triangular wave from the
SLOPE block. Switching duty is limited to a percentage of the internal maximum duty, and thus cannot be 100% of the maximum.
Reference voltage (5Vreg,33Vreg)
This block generates the internal reference voltages: 5V and 3.3V.
External synchronization (SYNC)
Determines the switching frequency, based on the external pulse applied.
Over current protection (OCP)
Over current protection is activated when the VCCCL-CL voltage reaches or exceeds 90mV. When over current protection is active, Duty is low,
and output voltage also decreases. When LOFF=L, the output voltage has fallen to 70% or below and output is latched OFF. The OFF latch
mode ends when the latch is set to STB, EN.
Sequence control (Sequence DET)
Compares FB voltage with reference voltage (0.56V) and outputs the result as DET.
Protection circuits (UVLO/TSD)
The UVLO lock out function is activated when VREG falls to about 2.8V, while TSD turns outputs OFF when the chip temperature reaches or
exceeds 150℃. Output is restored when temperature falls back below the threshold value.
Pin
No.
Pin name
Function
1
OUTH2
High side FET gate drive pin 2
2
BOOT2
OUTH2 driver power pin
3
CL2
Over current detection pin 2
4
N.C
Non-connect (unused) pin
5
VCCCL2
Over current detection VCC2
6
N.C
Non-connect (unused) pin
7
VCC
Input power pin
8
VCCCL1
Over current detection CC1
9
N.C
Non-connect (unused) pin
10
CL1
Over current detection setting pin 1
11
BOOT1
OUTH1 driver power pin
12
OUTH1
High side FET gate drive pin 1
13
SW1
High side FET source pin 1
14
DGND1
Low side FET source pin 1
15
OUTL1
Low side FET gate drive pin 1
16
N.C
Non-connect (unused) pin
17
VREG5A
FET drive REG input
18
N.C
Non-connect (unused) pin
19
VREG33
Reference input REG output
20
N.C
Non-connect (unused) pin
21
FB1
Error amp input 1
22
COMP1
Error amp output 1
23
SS1
Soft start setting pin 1
24
DET1
FB detector output 1
25
STB
Standby ON/OFF pin
26
EN1
Output 1 ON/OFF pin
27
EN2
Output 2 ON/OFF pin
28
N.C
Non-connect (unused) pin
29
GND
Ground
30
GNDS
Sense ground
31
LOFF
Over current protection OFF latch
function ON/OFF pin
32
N.C
Non-connect (unused) pin
33
RT
Switching frequency setting pin
34
SYNC
External synchronous pulse input pin
35
LLM
Built-in pull-down resistor pin
36
DET2
FB detector output 2
37
SS2
Soft start setting pin 2
38
COMP2
Error amp output 2
39
FB2
Error amp input 2
40
N.C
Non-connect (unused) pin
41
EXTVCC
External power input pin
42
N.C
Non-connect (unused) pin
43
N.C
Non-connect (unused) pin
44
VREG5
FET drive REG output
45
N.C
Non-connect (unused) pin
46
OUTL2
Low side FET gate drive pin 2
47
DGND2
Low side FET source pin 2
48
SW2
High side FET source pin 2


Similar Part No. - BD9775FV-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD9775FV-E2 ROHM-BD9775FV-E2 Datasheet
426Kb / 15P
   High Efficiency Step-down Switching Regulator Controller
More results

Similar Description - BD9775FV-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD9012KV ROHM-BD9012KV Datasheet
300Kb / 17P
   Dual-output, high voltage, high-efficiency step-down switching controller
BD9137MUV ROHM-BD9137MUV Datasheet
590Kb / 17P
   High Efficiency Step-down Switching Regulator
logo
Linear Technology
LTC1147-5 LINER-LTC1147-5_15 Datasheet
228Kb / 16P
   High Efficiency Step-Down Switching Regulator Controllers
logo
Analog Devices
ADP1147 AD-ADP1147 Datasheet
195Kb / 12P
   High Efficiency Step-Down Switching Regulator Controllers
REV. 0
ADP1147 AD-ADP1147_15 Datasheet
203Kb / 12P
   High Efficiency Step-Down Switching Regulator Controller
REV. 0
logo
Linear Technology
LTC1147-3.3 LINER-LTC1147-3.3_15 Datasheet
228Kb / 16P
   High Efficiency Step-Down Switching Regulator Controllers
LTC1735-1 LINER-LTC1735-1_15 Datasheet
353Kb / 28P
   High Efficiency Synchronous Step-Down Switching Regulator
LTC1735-1 LINER-LTC1735-1 Datasheet
332Kb / 28P
   High Efficiency Synchronous Step-Down Switching Regulator
logo
ON Semiconductor
LV5068V ONSEMI-LV5068V Datasheet
119Kb / 6P
   high efficiency Step-down Switching Regulator Controller
August, 2013
logo
Linear Technology
LTC1147L LINER-LTC1147L_15 Datasheet
228Kb / 16P
   High Efficiency Step-Down Switching Regulator Controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com