Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT25160-10PC-1.8 Datasheet(PDF) 12 Page - ATMEL Corporation

Part # AT25160-10PC-1.8
Description  SPI Serial EEPROMs
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT25160-10PC-1.8 Datasheet(HTML) 12 Page - ATMEL Corporation

Back Button AT25160-10PC-1.8 Datasheet HTML 8Page - ATMEL Corporation AT25160-10PC-1.8 Datasheet HTML 9Page - ATMEL Corporation AT25160-10PC-1.8 Datasheet HTML 10Page - ATMEL Corporation AT25160-10PC-1.8 Datasheet HTML 11Page - ATMEL Corporation AT25160-10PC-1.8 Datasheet HTML 12Page - ATMEL Corporation AT25160-10PC-1.8 Datasheet HTML 13Page - ATMEL Corporation AT25160-10PC-1.8 Datasheet HTML 14Page - ATMEL Corporation AT25160-10PC-1.8 Datasheet HTML 15Page - ATMEL Corporation AT25160-10PC-1.8 Datasheet HTML 16Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
AT25080/160/320/640
12
AT25080 Ordering Information
t
WC (max)
(ms)
I
CC (max)
(
µµµµA)
I
SB (max)
(
µµµµA)
f
MAX
(kHz)
Ordering Code
Package
Operation Range
5
5000
2.0
2100
AT25080-10PC
AT25080N-10SC
AT25080T1-10TC
8P3
8S1
14T
Commercial
(0
°C to 70°C)
10
3000
0.5
2100
AT25080-10PC-2.7
AT25080N-10SC-2.7
AT25080T1-10TC-2.7
8P3
8S1
14T
Commercial
(0
°C to 70°C)
20
3000
0.2
500
AT25080-10PC-1.8
AT25080N-10SC-1.8
AT25080T1-10TC-1.8
8P3
8S1
14T
Commercial
(0
°C to 70°C)
5
5000
2.0
2100
AT25080-10PI
AT25080N-10SI
AT25080T1-10TI
8P3
8S1
14T
Industrial
(-40
°C to 85°C)
10
3000
0.5
2100
AT25080-10PI-2.7
AT25080N-10SI-2.7
AT25080T1-10TI-2.7
8P3
8S1
14T
Industrial
(-40
°C to 85°C)
20
3000
0.2
500
AT25080-10PI-1.8
AT25080N-10SI-1.8
AT25080T1-10TI-1.8
8P3
8S1
14T
Industrial
(-40
°C to 85°C)
Package Type
8P3
8-Lead, 0.300" Wide, Plastic Dual Inline Package (PDIP)
8S1
8-Lead, 0.150" Wide, Plastic Gull Wing Small Outline (JEDEC SOIC)
14T
14-Lead, 0.170" Wide, Thin Shrink Small Outline Package (TSSOP)
Options
Blank
Standard Device (4.5V to 5.5V)
-2.7
Low Voltage (2.7V to 5.5V)
-1.8
Low Voltage (1.8V to 3.6V)


Similar Part No. - AT25160-10PC-1.8

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT25160-10PI-1.8 ATMEL-AT25160-10PI-1.8 Datasheet
331Kb / 21P
   SPI Serial EEPROMs
AT25160-10PI-2.7 ATMEL-AT25160-10PI-2.7 Datasheet
331Kb / 21P
   SPI Serial EEPROMs
More results

Similar Description - AT25160-10PC-1.8

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT25010 ATMEL-AT25010_03 Datasheet
155Kb / 17P
   SPI Serial EEPROMs
AT25HP256 ATMEL-AT25HP256_06 Datasheet
414Kb / 21P
   SPI Serial EEPROMs
AT25080A ATMEL-AT25080A_07 Datasheet
448Kb / 24P
   SPI Serial EEPROMs
AT25010 ATMEL-AT25010 Datasheet
165Kb / 15P
   SPI Serial EEPROMs
AT25128 ATMEL-AT25128 Datasheet
230Kb / 12P
   SPI Serial EEPROMs
AT25HP256 ATMEL-AT25HP256 Datasheet
178Kb / 15P
   SPI Serial EEPROMs
AT25128A ATMEL-AT25128A_05 Datasheet
437Kb / 21P
   SPI Serial EEPROMs
AT25640A ATMEL-AT25640A Datasheet
388Kb / 20P
   SPI Serial EEPROMs
AT25080 ATMEL-AT25080_03 Datasheet
331Kb / 21P
   SPI Serial EEPROMs
AT25128 ATMEL-AT25128_05 Datasheet
432Kb / 22P
   SPI Serial EEPROMs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com