Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI4484EY-T1-GE3 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # SI4484EY-T1-GE3
Description  N-Channel 100-V (D-S) MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI4484EY-T1-GE3 Datasheet(HTML) 1 Page - Vishay Siliconix

  SI4484EY-T1-GE3 Datasheet HTML 1Page - Vishay Siliconix SI4484EY-T1-GE3 Datasheet HTML 2Page - Vishay Siliconix SI4484EY-T1-GE3 Datasheet HTML 3Page - Vishay Siliconix SI4484EY-T1-GE3 Datasheet HTML 4Page - Vishay Siliconix SI4484EY-T1-GE3 Datasheet HTML 5Page - Vishay Siliconix SI4484EY-T1-GE3 Datasheet HTML 6Page - Vishay Siliconix SI4484EY-T1-GE3 Datasheet HTML 7Page - Vishay Siliconix SI4484EY-T1-GE3 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Vishay Siliconix
Si4484EY
Document Number: 71189
S09-1341-Rev. D, 13-Jul-09
www.vishay.com
1
N-Channel 100-V (D-S) MOSFET
FEATURES
Halogen-free According to IEC 61249-2-21
Definition
TrenchFET® Power MOSFETs
175 °C Maximum Junction Temperature
PWM Optimized
Compliant to RoHS Directive 2002/95/EC
PRODUCT SUMMARY
VDS (V)
RDS(on) (Ω)ID (A)
100
0.034 at VGS = 10 V
6.9
0.040 at VGS = 6.0 V
6.4
SO-8
D
D
D
D
S
S
S
G
5
6
7
8
Top View
2
3
4
1
Ordering Information: Si4484EY-T1-E3 (Lead (Pb)-free)
Si4484EY-T1-GE3 (Lead (Pb)-free and Halogen-free)
D
G
S
N-Channel MOSFET
Notes:
a. Surface Mounted on 1" x 1" FR4 board.
ABSOLUTE MAXIMUM RATINGS TA = 25 °C, unless otherwise noted
Parameter
Symbol
10 s
Steady State
Unit
Drain-Source Voltage
VDS
100
V
Gate-Source Voltage
VGS
± 20
Continuous Drain Current (TJ = 175 °C)
a
TA = 25 °C
ID
6.9
4.8
A
TA = 85 °C
5.4
3.7
Pulsed Drain Current
IDM
30
Avalanche Current
L = 0.1 mH
IAR
25
Repetitive Avalanche Energy (Duty Cycle
≤ 1 %)
EAR
31
mJ
Continuous Source Current (Diode Conduction)a
IS
3.1
1.5
A
Maximum Power Dissipationa
TA = 25 °C
PD
3.8
1.8
W
TA = 85 °C
2.3
1.1
Operating Junction and Storage Temperature Range
TJ, Tstg
- 55 to 175
°C
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Typical
Maximum
Unit
Maximum Junction-to-Ambienta
t
≤ 10 s
RthJA
33
40
°C/W
Steady State
70
85
Maximum Junction-to-Foot (Drain)
Steady State
RthJF
17
21


Similar Part No. - SI4484EY-T1-GE3

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
SI4484EY-T1-E3 VBSEMI-SI4484EY-T1-E3 Datasheet
621Kb / 9P
   N-Channel 100 V (D-S) MOSFET
More results

Similar Description - SI4484EY-T1-GE3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI2328DS VISHAY-SI2328DS Datasheet
41Kb / 4P
   N-Channel 100-V (D-S) MOSFET
Rev. A, 25-Dec-01
SIR870ADP_1209 VISHAY-SIR870ADP_1209 Datasheet
481Kb / 13P
   N-Channel 100 V (D-S) MOSFET
Rev. A, 28-Nov-11
SIR876DP VISHAY-SIR876DP Datasheet
191Kb / 9P
   N-Channel 100 V (D-S) MOSFET
Rev. B, 22-Nov-10
SIR882ADP VISHAY-SIR882ADP_15 Datasheet
336Kb / 14P
   N-Channel 100 V (D-S) MOSFET
Rev. A, 15-Aug-11
SI7456CDP VISHAY-SI7456CDP Datasheet
132Kb / 7P
   N-Channel 100 V (D-S) MOSFET
Rev. A, 05-Apr-10
logo
Analog Power
AM90N10-07B ANALOGPOWER-AM90N10-07B Datasheet
365Kb / 5P
   N-Channel 100-V (D-S) MOSFET
AM290N10-02FP ANALOGPOWER-AM290N10-02FP Datasheet
317Kb / 5P
   N-Channel 100-V (D-S) MOSFET
logo
Vishay Siliconix
SUM70040M VISHAY-SUM70040M Datasheet
173Kb / 8P
   N-Channel 100 V (D-S) MOSFET
Rev. A, 17-Aug-15
SUA70060E VISHAY-SUA70060E Datasheet
200Kb / 8P
   N-Channel 100 V (D-S) MOSFET
Rev. A, 06-Jun-16
SUD70090E VISHAY-SUD70090E Datasheet
201Kb / 8P
   N-Channel 100 V (D-S) MOSFET
Rev. A, 01-Feb-16
SI2392DS VISHAY-SI2392DS Datasheet
245Kb / 10P
   N-Channel 100 V (D-S) MOSFET
Rev. A, 15-Apr-13
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com