Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPP3481BST6RGB Datasheet(PDF) 3 Page - SYNC POWER Crop.

Part # SPP3481BST6RGB
Description  P-Channel Enhancement Mode MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNC-POWER [SYNC POWER Crop.]
Direct Link  http://www.syncpower.com
Logo SYNC-POWER - SYNC POWER Crop.

SPP3481BST6RGB Datasheet(HTML) 3 Page - SYNC POWER Crop.

  SPP3481BST6RGB Datasheet HTML 1Page - SYNC POWER Crop. SPP3481BST6RGB Datasheet HTML 2Page - SYNC POWER Crop. SPP3481BST6RGB Datasheet HTML 3Page - SYNC POWER Crop. SPP3481BST6RGB Datasheet HTML 4Page - SYNC POWER Crop. SPP3481BST6RGB Datasheet HTML 5Page - SYNC POWER Crop. SPP3481BST6RGB Datasheet HTML 6Page - SYNC POWER Crop. SPP3481BST6RGB Datasheet HTML 7Page - SYNC POWER Crop. SPP3481BST6RGB Datasheet HTML 8Page - SYNC POWER Crop.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
2010 / 03 / 05
Ver.1
Page 3
SPP3481B
P-Channel Enhancement Mode MOSFET
ELECTRICAL CHARACTERISTICS
(TA=25
Unless otherwise noted)
Parameter
Symbol
Conditions
Min.
Typ
Max.
Unit
Static
Drain-Source Breakdown Voltage
V(BR)DSS VGS=0V,ID=-250uA
-30
Gate Threshold Voltage
VGS(th) VDS=VGS,ID=-250uA
-0.8
-2.5
V
Gate Leakage Current
IGSS
VDS=0V,VGS=±20V
±100
nA
VDS=-30V,VGS=0V
-1
Zero Gate Voltage Drain Current
IDSS
VDS=-30V,VGS=0V
TJ=55℃
-10
uA
On-State Drain Current
ID(on)
VDS≦-5V,VGS=-10V
-10
A
VGS=- 10V,ID=-5.2A
0.052
0.060
Drain-Source On-Resistance
RDS(on)
VGS=-4.5V,ID=-4.2A
0.082
0.088
Forward Transconductance
gfs
VDS=-5.0V,ID=-4.0A
10
S
Diode Forward Voltage
VSD
IS=-1.0A,VGS=0V
-0.8
-1.2
V
Dynamic
Total Gate Charge
Qg
10
18
Gate-Source Charge
Qgs
1.6
Gate-Drain Charge
Qgd
VDS=-15V,VGS=-10V
ID= -3.5A
3.0
nC
Input Capacitance
Ciss
450
Output Capacitance
Coss
95
Reverse Transfer Capacitance
Crss
VDS=-15V,VGS=0V
f=1MHz
55
pF
td(on)
8
18
Turn-On Time
tr
8
18
td(off)
25
50
Turn-Off Time
tf
VDD=-15V,RL=15Ω
ID≡-1.0A,VGEN=-10V
RG=6Ω
25
35
nS


Similar Part No. - SPP3481BST6RGB

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
SPP3481BST6RGB VBSEMI-SPP3481BST6RGB Datasheet
457Kb / 9P
   P-Channel 30-V (D-S) MOSFET
More results

Similar Description - SPP3481BST6RGB

ManufacturerPart #DatasheetDescription
logo
AUK corp
STJ828SF AUK-STJ828SF Datasheet
300Kb / 4P
   P-Channel Enhancement-Mode MOSFET
logo
List of Unclassifed Man...
SI9405DY ETC1-SI9405DY Datasheet
156Kb / 4P
   P-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPP2095 SYNC-POWER-SPP2095 Datasheet
200Kb / 8P
   P-Channel Enhancement Mode MOSFET
SPP1433 SYNC-POWER-SPP1433 Datasheet
203Kb / 8P
   P-Channel Enhancement Mode MOSFET
logo
Anpec Electronics Corop...
APM2095P ANPEC-APM2095P Datasheet
201Kb / 9P
   P-Channel Enhancement Mode MOSFET
APM3095P ANPEC-APM3095P Datasheet
140Kb / 9P
   P-Channel Enhancement Mode MOSFET
APM4461 ANPEC-APM4461 Datasheet
568Kb / 9P
   P-Channel Enhancement Mode MOSFET
APM3095PU ANPEC-APM3095PU Datasheet
185Kb / 10P
   P-Channel Enhancement Mode MOSFET
APM3195PU ANPEC-APM3195PU Datasheet
185Kb / 10P
   P-Channel Enhancement Mode MOSFET
APM4425K ANPEC-APM4425K Datasheet
119Kb / 10P
   P-Channel Enhancement Mode MOSFET
APM4435K ANPEC-APM4435K Datasheet
191Kb / 10P
   P-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com