Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISG1215A Datasheet(PDF) 1 Page - XP Power Limited

Part # ISG1215A
Description  ISG Series
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

ISG1215A Datasheet(HTML) 1 Page - XP Power Limited

  ISG1215A Datasheet HTML 1Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
21-Jan-11
Specification
1 Watt
Regulated Single Output
SMD Package
Industry Standard Pinout
1000 VDC Isolation
Short Circuit Protection
MTBF >3.5 MHrs
3 Year Warranty
ISG Series
Input
Input Voltage Range
• Nominal ±5%
Input Reverse Voltage
• None
Protection
Output
Output Voltage
See table
Minimum Load
• 10%(2)
Line Regulation
• ±0.25%
Load Regulation
• ±1%, 10-100% load change
Setpoint Accuracy
• ±3% at 100% load
Ripple & Noise
• 100 mV pk-pk 20 MHz bandwidth
Temperature Coefficient
• 0.03%/°C
Short Circuit Protection
• Continuous
General
Efficiency
• See table
Isolation Voltage
• 1000 VDC
Isolation Resistance
• 109
Ω
Switching Frequency
• 100 kHz typical at nominal input, full load
MTBF
• >3.5 MHrs to MIL-HDBK-217F at 25 °C, GB
Environmental
Operating Temperature
• -40 °C to +85 °C, derate from 100% load
at 70 °C to 60% load at 85 °C
Storage Temperature
• -55 °C to +125 °C
Case Temperature
• 100 °C max
Cooling
• Convection-cooled
Lead Temperature
• 260 °C, 0.06 in (1.5 mm) from case, 10 s
xppower.com
Input
Voltage
Output
Voltage
Output Current
Efficiency (typical)
Model Number(1)
5 VDC
5 V
150 mA
68%
ISG0505A
12 V
83 mA
69%
ISG0512A
15 V
67 mA
69%
ISG0515A
12 VDC
5 V
150 mA
68%
ISG1205A
12 V
83 mA
69%
ISG1212A
15 V
67 mA
70%
ISG1215A
Mechanical Details
Top View
Side View
A
0.44
(11.2)
0.24 (6.2)
0.29
(7.5)
0.25
(6.5)
0.01
(0.2)
0.05
(1.3)
0.01
(0.2)
0.60 (15.2)
0.40 (10.1)
0.26
(6.7)
0.07
(1.8)
0.28
(7.1)
0.01
(0.3)
A
5.00 º
0.10 ± 0.004
(2.5 ± 0.10)
0.02 ± 0.002
(0.6 ± 0.05)
Standard
Optional ‘-X’
0.07
(2.0)
0.03
(1.0)
12
4 5
7
10
V
12 3 4 5
8 76
9
10
Pin
Standard
‘-X’ Version
1
GND
GND
2
Vin
Vin
4
0 V
0 V
7
+Vo
+Vo
3, 6, 8, 9
N.C.
No Pin
5, 10
N.C.
N.C.
N.C. Not connected
1. For optional ‘-X’ pin configuration,
add suffix ‘-X’ to part number.
2. Operation at no load will not
damage device but may not meet all
specifications.
3. All dimensions in inches (mm)
4. Tolerance: ±0.010 (±0.25)
5. Weight: 0.003 lbs (1.7 g)
6. Pin tolerance: ±0.004 (±0.10 mm)
Notes
Recommended footprint
Top view grid: 0.1 x 0.1 in (2.54 x 2.54 mm)


Similar Part No. - ISG1215A

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
ISG2004 ISC-ISG2004 Datasheet
328Kb / 3P
   IGBT
ISG2010 ISC-ISG2010 Datasheet
334Kb / 4P
   Trench gate Field-Stop IGBT
2023-10-09
ISG2011 ISC-ISG2011 Datasheet
355Kb / 3P
   IGBT
ISG2012 ISC-ISG2012 Datasheet
358Kb / 3P
   Trench gate Field-Stop IGBT
2023-10-16
ISG2014 ISC-ISG2014 Datasheet
377Kb / 4P
   IGBT
More results

Similar Description - ISG1215A

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2905579 PHOENIX-2905579 Datasheet
131Kb / 9P
   Spark gap - FLT-ISG-100-EX
09/12/2020
logo
Riedon Powertron
101-500RB RIEDON-101-500RB Datasheet
318Kb / 2P
   100 Series / SM Series / PC Series
logo
Fairchild Semiconductor
FOD617CSD FAIRCHILD-FOD617CSD Datasheet
723Kb / 12P
   FOD814 Series, FOD817 Series FOD814 Series, FOD817 Series Phototransistor Optocouplers
logo
Littelfuse
SPFR LITTELFUSE-SPFR Datasheet
547Kb / 1P
   SPFR Series and SPFRHV Series
Rev: 071013
logo
Hamamatsu Corporation
C10507-11_ETC_KACC1142E07 HAMAMATSU-C10507-11_ETC_KACC1142E07 Datasheet
898Kb / 9P
   C10507-11 series C10751 series
logo
Texas Instruments
BQ40Z50 TI1-BQ40Z50 Datasheet
943Kb / 30P
[Old version datasheet]   1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
logo
List of Unclassifed Man...
F-CBS-F2 ETC2-F-CBS-F2 Datasheet
45Kb / 1P
   Heat sink is prepared in TUNS100 series, CBS series, DHS200 series and DHS250 series.
logo
Texas Instruments
BQ40Z50-R2 TI1-BQ40Z50-R2 Datasheet
1Mb / 51P
[Old version datasheet]   1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
BQ29330DBTRG4 TI-BQ29330DBTRG4 Datasheet
1Mb / 29P
[Old version datasheet]   2-SERIES, 3-SERIES, AND 4-SERIES CELL LITHIUM-ION
logo
Extech Instruments Corp...
MA435T EXTECH-MA435T Datasheet
364Kb / 1P
   MA430 Series 400A MA430 Series 400A
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com