Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP1216D133R2G Datasheet(PDF) 4 Page - ON Semiconductor

Part # NCP1216D133R2G
Description  PWM Current-Mode Controller for High-Power Universal Off-Line Supplies
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1216D133R2G Datasheet(HTML) 4 Page - ON Semiconductor

  NCP1216D133R2G Datasheet HTML 1Page - ON Semiconductor NCP1216D133R2G Datasheet HTML 2Page - ON Semiconductor NCP1216D133R2G Datasheet HTML 3Page - ON Semiconductor NCP1216D133R2G Datasheet HTML 4Page - ON Semiconductor NCP1216D133R2G Datasheet HTML 5Page - ON Semiconductor NCP1216D133R2G Datasheet HTML 6Page - ON Semiconductor NCP1216D133R2G Datasheet HTML 7Page - ON Semiconductor NCP1216D133R2G Datasheet HTML 8Page - ON Semiconductor NCP1216D133R2G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
NCP1216, NCP1216A
http://onsemi.com
4
ELECTRICAL CHARACTERISTICS (For typical values TJ = 25°C, for min/max values TJ = 0°C to +125°C, Maximum TJ = 150°C,
VCC = 11 V unless otherwise noted.)
Characteristic
Pin
Symbol
Min
Typ
Max
Unit
DYNAMIC SELF−SUPPLY
VCC Increasing Level at which the Current Source Turns Off
6
VCCOFF
11.2
12.2
13.4
(Note 1)
V
VCC Decreasing Level at which the Current Source Turns On
6
VCCON
9.2
10.0
11.0
(Note 1)
V
VCC Decreasing Level at which the Latchoff Phase Ends
6
VCClatch
5.6
V
Internal IC Consumption, No Output Load on Pin 5, FSW = 65 kHz
6
ICC1
990
1110
(Note 2)
mA
Internal IC Consumption, No Output Load on Pin 5, FSW = 100 kHz
6
ICC1
1025
1180
(Note 2)
mA
Internal IC Consumption, No Output Load on Pin 5, FSW = 133 kHz
6
ICC1
1060
1200
(Note 2)
mA
Internal IC Consumption, 1.0 nF Output Load on Pin 5, FSW = 65 kHz
6
ICC2
1.7
2.0
(Note 2)
mA
Internal IC Consumption, 1.0 nF Output Load on Pin 5, FSW = 100 kHz
6
ICC2
2.1
2.4
(Note 2)
mA
Internal IC Consumption, 1.0 nF Output Load on Pin 5, FSW = 133 kHz
6
ICC2
2.4
2.9
(Note 2)
mA
Internal IC Consumption, Latchoff Phase, VCC = 6.0 V
NCP1216
NCP1216A
6
ICC3
250
320
mA
INTERNAL STARTUP CURRENT SOURCE (TJ > 0°C)
High−voltage Current Source, VCC = 10 V
8
IC1
4.9
(Note 3)
8.0
11
mA
High−voltage Current Source, VCC = 0 V
8
IC2
9.0
mA
DRIVE OUTPUT
Output Voltage Rise−time @ CL = 1.0 nF, 10−90% of a 12 V Output Signal
5
Tr
60
ns
Output Voltage Fall−time @ CL = 1.0 nF, 10−90% of a 12 V Output Signal
5
Tf
20
ns
Source Resistance
5
ROH
15
20
35
W
Sink Resistance
5
ROL
5.0
10
18
W
CURRENT COMPARATOR (Pin 5 Unloaded)
Input Bias Current @ 1.0 V Input Level on Pin 3
3
IIB
0.02
mA
Maximum Internal Current Setpoint
3
ILimit
0.93
1.08
1.14
V
Default Internal Current Setpoint for Skip Cycle Operation
3
ILskip
330
mV
Propagation Delay from Current Detection to Gate OFF State
3
TDEL
80
130
ns
Leading Edge Blanking Duration
3
TLEB
220
ns
1. VCCOFF and VCCON min−max always ensure an hysteresis of 2.0 V.
2. Maximum value at TJ = 0°C.
3. Minimum value for TJ = 125°C.


Similar Part No. - NCP1216D133R2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1216D133R2G ONSEMI-NCP1216D133R2G Datasheet
276Kb / 18P
   PWM Current-Mode Controller for High-Power Universal Off-Line Supplies
December, 2010 ??Rev. 13
NCP1216D133R2G ONSEMI-NCP1216D133R2G Datasheet
397Kb / 18P
   PWM Current-Mode Controller
May, 2016 ??Rev. 16
More results

Similar Description - NCP1216D133R2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
DAP011 ONSEMI-DAP011 Datasheet
827Kb / 24P
   PWM Current−Mode Controller for High−Power Universal Off−Line Supplies
November, 2005 - Rev. 2
DAP018A ONSEMI-DAP018A Datasheet
792Kb / 28P
   PWM Current-Mode Controller for High-Power Universal Off-Line Supplies
July, 2009 - Rev. 0
NCP1216 ONSEMI-NCP1216 Datasheet
182Kb / 18P
   PWM Current-Mode Controller for High-Power Universal Off-Line Supplies
September, 2004 ??Rev. 8
NCP1216 ONSEMI-NCP1216_10 Datasheet
276Kb / 18P
   PWM Current-Mode Controller for High-Power Universal Off-Line Supplies
December, 2010 ??Rev. 13
NCP1216AP100G ONSEMI-NCP1216AP100G Datasheet
276Kb / 18P
   PWM Current-Mode Controller for High-Power Universal Off-Line Supplies
December, 2010 ??Rev. 13
NCP1217 ONSEMI-NCP1217 Datasheet
195Kb / 18P
   Enhanced PWM Current-Mode Controller for High-Power Universal Off-Line Supplies
July, 2004 ??Rev. 3
NCP1217 ONSEMI-NCP1217_10 Datasheet
413Kb / 19P
   Enhanced PWM Current--Mode Controller for High--Power Universal Off--Line Supplies
December, 2010 -- Rev. 7
NCP1217A ONSEMI-NCP1217A_15 Datasheet
305Kb / 19P
   Enhanced PWM Current-Mode Controller for High-Power Universal Off-Line Supplies
April, 2015 ??Rev. 9
NCP1217D65 ONSEMI-NCP1217D65 Datasheet
413Kb / 19P
   Enhanced PWM Current--Mode Controller for High--Power Universal Off--Line Supplies
December, 2010 -- Rev. 7
NCP1200 ONSEMI-NCP1200_15 Datasheet
287Kb / 16P
   PWM Current-Mode Controller for Low-Power Universal Off-Line Supplies
April, 2015 ??Rev. 19
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com