Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP1937 Datasheet(PDF) 9 Page - ON Semiconductor

Part # NCP1937
Description  Combination Power Factor Correction and Quasi- Resonant Flyback Controllers for Adapters
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1937 Datasheet(HTML) 9 Page - ON Semiconductor

Back Button NCP1937 Datasheet HTML 5Page - ON Semiconductor NCP1937 Datasheet HTML 6Page - ON Semiconductor NCP1937 Datasheet HTML 7Page - ON Semiconductor NCP1937 Datasheet HTML 8Page - ON Semiconductor NCP1937 Datasheet HTML 9Page - ON Semiconductor NCP1937 Datasheet HTML 10Page - ON Semiconductor NCP1937 Datasheet HTML 11Page - ON Semiconductor NCP1937 Datasheet HTML 12Page - ON Semiconductor NCP1937 Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 38 page
background image
NCP1937
http://onsemi.com
9
Table 4. ELECTRICAL CHARACTERISTICS: (VCC = 12 V, VBO/X2 = 120 V, VHV/X2 = 120 V, VFault = open, VRPFBHV = 20 V,
VPFBLV = 2.4 V, VPControl = 4 V, VPCS/PZCD = 0 V, VQFB = 3 V, VPONOFF = 4 V, VQCS = 0 V, VQZCD = 0 V, VPSTimer = 0 V, RPFBHV = 200 kW,
CVCC = 100 nF , CQCT = 220 pF, CPDRV = 1 nF, CQDRV = 1 nF, for typical values TJ = 25_C, for min/max values, TJ is – 40_C to 125_C,
unless otherwise noted)
Characteristics
Unit
Max
Typ
Min
Symbol
Pin
Conditions
PFC REGULATION BLOCK
EA Output Control Voltage Range
VPControl(MAX) -
VPControl(MIN)
5
DVPControl
3.8
4.0
4.2
V
Delta Between Minimum Control Voltage and
Lower Clamp PControl Voltages
VPControl(MIN)
VPClamp(lower)
5
DVPClamp(lower)
−125
−100
−75
mV
Ratio between the Vout Low Detect Threshold
and the Regulation Level
VPFBLV decreasing,
VBOOST / VPREF(HL)
VPFBLV decreasing,
VBOOST / VPREF(LL)
18
KLOW(PFCHL)
KLOW(PFCLL)
0.940
0.940
0.945
0.945
0.950
0.950
Ratio between the Vout Low Exit Threshold
and the Regulation Level
VPFBLV increasing
18
KLOW(HYSHL)
KLOW(HYSLL)
0.950
0.950
0.960
0.960
0.965
0.965
Source Current During Vout Low Detect
5
IPControl(boost)
190
240
290
mA
PFC In Regulation Threshold
VPControl increasing
5
IIn_Regulation
−6.5
0
mA
Resistance of Internal Pull Down Switch
IPControl = 5 mA
5
RPControl
4
25
50
W
PFC SKIP MODE
Delta Between Skip Level and Lower Clamp
PControl Voltages
VPControl decreasing,
measured from
VPClamp(lower)
5
DVPSKIP
5
25
50
mV
PFC Skip Hysteresis
VPControl increasing
5
VPSKIP(HYS)
25
50
75
mV
Delay Exiting Skip Mode
Apply 1 V step from
VPClamp(lower)
5
tdelay(PSKIP)
50
60
ms
PFC FAULT PROTECTION
Ratio between the Hard Overvoltage Pro-
tection Threshold and Regulation Level
VPFBLV increasing
KPOVP(LL) =
VPFBLV/VPREF(LL)
KPOVP(HL) =
VPFBLV/VPREF(HL)
18
KPOVP(LL)
KPOVP(HL)
1.06
1.05
1.08
1.06
1.10
1.08
Soft Overvoltage Protection Threshold
VPSOVP(LL) = soft
overvoltage level
DPOVP(LL) = KPOVP *
VPREF(LL) − VPSOVP(LL)
DPOVP(HL) = KPOVP *
VPREF(HL) − VPSOVP(HL)
18
DPOVP(LL)
DPOVP(HL)
20
20
55
55
mV
PFC Feedback Pin Disable Threshold
VPFBLV decreasing
18
VPFB(disable)
0.225
0.30
0.35
V
PFC Feedback Pin Enable Threshold
VPFBLV increasing
18
VPFB(enable)
0.275
0.35
0.40
V
PFC Feedback Pin Hysteresis
VPFBLV increasing
18
VPFB(HYS)
25
50
mV
PFC Feedback Disable Delay
18
tdelay(PFB)
30
ms
PFC ON TIME CONTROL
PFC Maximum On Time
VPControl = VPControl(MAX),
VBO/X2 = 163 V
VBO/X2 = 325 V
15
ton1a
ton1b
12.5
4.25
15
5.00
17.5
5.75
ms
Minimum On−Time
VPControl = VPControl(MIN)
15
tP(on−time)
200
ns
PFC Frequency Clamp
(See Table 2 for device options)
15
fclamp(PFC)
112
215
131
250
150
285
kHz


Similar Part No. - NCP1937

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1937 ONSEMI-NCP1937 Datasheet
1Mb / 40P
   Combination Power Factor Correction and Quasi-Resonant Flyback Controllers for Adapters
May, 2022 - Rev. 7
NCP1937A1DR2G ONSEMI-NCP1937A1DR2G Datasheet
970Kb / 38P
   Combination Power Factor Correction and Quasi-Resonant Flyback Controllers for Adapters
June, 2015 ??Rev. 4
NCP1937A1DR2G ONSEMI-NCP1937A1DR2G Datasheet
1Mb / 40P
   Combination Power Factor Correction and Quasi-Resonant Flyback Controllers for Adapters
May, 2022 - Rev. 7
NCP1937A2DR2G ONSEMI-NCP1937A2DR2G Datasheet
970Kb / 38P
   Combination Power Factor Correction and Quasi-Resonant Flyback Controllers for Adapters
June, 2015 ??Rev. 4
NCP1937A2DR2G ONSEMI-NCP1937A2DR2G Datasheet
1Mb / 40P
   Combination Power Factor Correction and Quasi-Resonant Flyback Controllers for Adapters
May, 2022 - Rev. 7
More results

Similar Description - NCP1937

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1937 ONSEMI-NCP1937_V01 Datasheet
1Mb / 40P
   Combination Power Factor Correction and Quasi-Resonant Flyback Controllers for Adapters
May, 2022 - Rev. 7
NCP1937 ONSEMI-NCP1937_15 Datasheet
970Kb / 38P
   Combination Power Factor Correction and Quasi-Resonant Flyback Controllers for Adapters
June, 2015 ??Rev. 4
NCP1927 ONSEMI-NCP1927 Datasheet
537Kb / 24P
   Combination Power Factor Correction Controller and Flyback Controller for Flat
June, 2011 ??Rev. 0
logo
Rohm
BM1C001F ROHM-BM1C001F Datasheet
1Mb / 35P
   Power Factor Correction and Quasi-Resonant DC/DC converter IC
BM1C101F ROHM-BM1C101F Datasheet
1Mb / 40P
   Power Factor Correction and Quasi-Resonant DC/DC converter IC
BM1C102F ROHM-BM1C102F Datasheet
1Mb / 39P
   Power Factor Correction and Quasi-Resonant DC/DC converter IC
logo
Intersil Corporation
ISL6730 INTERSIL-ISL6730 Datasheet
420Kb / 19P
   Power Factor Correction Controllers
August 8, 2013
ISL6730A INTERSIL-ISL6730A Datasheet
632Kb / 20P
   Power Factor Correction Controllers
ISL6731AFBZ INTERSIL-ISL6731AFBZ Datasheet
542Kb / 20P
   Power Factor Correction Controllers
February 13, 2015
logo
Renesas Technology Corp
ISL6730A RENESAS-ISL6730A Datasheet
950Kb / 19P
   Power Factor Correction Controllers
August 8, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com