Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP4353A Datasheet(PDF) 4 Page - ON Semiconductor

Part # NCP4353A
Description  Secondary Side SMPS OFF Mode Controller for Low Standby Power
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP4353A Datasheet(HTML) 4 Page - ON Semiconductor

  NCP4353A Datasheet HTML 1Page - ON Semiconductor NCP4353A Datasheet HTML 2Page - ON Semiconductor NCP4353A Datasheet HTML 3Page - ON Semiconductor NCP4353A Datasheet HTML 4Page - ON Semiconductor NCP4353A Datasheet HTML 5Page - ON Semiconductor NCP4353A Datasheet HTML 6Page - ON Semiconductor NCP4353A Datasheet HTML 7Page - ON Semiconductor NCP4353A Datasheet HTML 8Page - ON Semiconductor NCP4353A Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
NCP4353, NCP4354
http://onsemi.com
4
PIN FUNCTION DESCRIPTION
NCP4353A
NCP4353B
NCP4354A
NCP4354B
Pin Name
Description
1
1
8
8
VCC
Supply voltage pin
2
2
7
7
GND
Ground
6
6
1
1
VSNS
Output voltage sensing pin, connected to output
voltage divider
5
5
2
2
OFFDET
OFF mode detection input. Voltage divider
provides adjustable off mode detection threshold
4
3
3
VMIN
Minimum output voltage adjustment
4
4
ISNS
Current sensing input for output current regulation,
connect it to shunt resistor in ground branch.
5
4
LED
PWM LED driver output. Connected to LED cath-
ode with current define by external serial resist-
ance
6
FBC
Output of current sinking OTA amplifier or amplifi-
ers driving feedback optocoupler’s LED. Connect
here compensation network (networks) as well.
5
ON/OFF
OFF mode current sink. This output keeps primary
control pin at low level in off mode.
3
3
6
DRIVE
Combination of FBC and ON/OFF pins
ABSOLUTE MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Input Voltage
VCC
−0.3 to 40
V
DRIVE, ON/OFF, FBC, LED Voltage
VDRIVE, VONOFF,
VFBC, VLED
−0.3 to VCC + 0.3
V
VSNS, ISNS, OFFDET, VMIN Voltage
VSNS, VISNS,
VOFFDET, VMIN
−0.3 to 10
V
LED Current
ILED
10
mA
Thermal Resistance − Junction−to−Air (Note 1)
NCP4353A
NCP4353B
NCP4354A
NCP4354B
RqJA
315
324
260
277
°C/W
Junction Temperature
TJ
−40 to 150
°C
Storage Temperature
TSTG
−60 to 150
°C
ESD Capability, Human Body Model (Note 2)
ESDHBM
2000
V
ESD Capability, Machine Model (Note 2)
ESDMM
250
V
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
1. 50 mm2, 1.0 oz. Copper spreader.
2. This device series incorporates ESD protection and is tested by the following methods:
ESD Human Body Model tested per JESD22−A114F
ESD Machine Model tested per JESD22−A115C
Latchup Current Maximum Rating tested per JEDEC standard: JESD78D.


Similar Part No. - NCP4353A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP4353A ONSEMI-NCP4353A Datasheet
321Kb / 17P
   Secondary Side SMPS OFF Mode Controller for Low Standby Power
August, 2013 ??Rev. 3
NCP4353ASNT1G ONSEMI-NCP4353ASNT1G Datasheet
274Kb / 17P
   Secondary Side SMPS OFF Mode Controller
April, 2015 ??Rev. 4
More results

Similar Description - NCP4353A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP4353 ONSEMI-NCP4353_12 Datasheet
310Kb / 17P
   Secondary Side SMPS OFF Mode Controller for Low Standby Power
October, 2012 ??Rev. 2
NCP4354BDR2G ONSEMI-NCP4354BDR2G Datasheet
321Kb / 17P
   Secondary Side SMPS OFF Mode Controller for Low Standby Power
August, 2013 ??Rev. 3
NCP4355 ONSEMI-NCP4355_12 Datasheet
190Kb / 17P
   Secondary Side SMPS OFF Mode Controller for Low Standby Power
October, 2012 ??Rev. 0
NCP4353 ONSEMI-NCP4353_15 Datasheet
274Kb / 17P
   Secondary Side SMPS OFF Mode Controller
April, 2015 ??Rev. 4
NCP4355 ONSEMI-NCP4355 Datasheet
203Kb / 17P
   Secondary Side SMPS OFF Mode Controller
August, 2013 ??Rev. 1
NCP4352 ONSEMI-NCP4352 Datasheet
98Kb / 10P
   Secondary Side SMPS ECO Mode Controller
August, 2015 ??Rev. 0
NCP1225 ONSEMI-NCP1225 Datasheet
44Kb / 6P
   Low Standby Power SMPS Controller
November, 2003 ??Rev. P0
NCP1200A ONSEMI-NCP1200A Datasheet
136Kb / 16P
   PWM Current-Mode Controller for Universal Off-Line Supplies Featuring Low Standby Power
October, 2004??Rev. 5
logo
NXP Semiconductors
TEA1721AT PHILIPS-TEA1721AT Datasheet
142Kb / 14P
   Ultra-low standby SMPS controller with integrated power switch
Rev. 1-24 January 2012
logo
Infineon Technologies A...
ICE2AS01 INFINEON-ICE2AS01_06 Datasheet
1Mb / 24P
   Off-Line SMPS Current Mode Controller
Version 2.1, 30 Jun 2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com