Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP4620DSN33T1G Datasheet(PDF) 1 Page - ON Semiconductor

Part # NCP4620DSN33T1G
Description  150 mA, 10 V, Low Dropout Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP4620DSN33T1G Datasheet(HTML) 1 Page - ON Semiconductor

  NCP4620DSN33T1G Datasheet HTML 1Page - ON Semiconductor NCP4620DSN33T1G Datasheet HTML 2Page - ON Semiconductor NCP4620DSN33T1G Datasheet HTML 3Page - ON Semiconductor NCP4620DSN33T1G Datasheet HTML 4Page - ON Semiconductor NCP4620DSN33T1G Datasheet HTML 5Page - ON Semiconductor NCP4620DSN33T1G Datasheet HTML 6Page - ON Semiconductor NCP4620DSN33T1G Datasheet HTML 7Page - ON Semiconductor NCP4620DSN33T1G Datasheet HTML 8Page - ON Semiconductor NCP4620DSN33T1G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
© Semiconductor Components Industries, LLC, 2012
May, 2012 − Rev. 4
1
Publication Order Number:
NCP4620/D
NCP4620
150 mA, 10 V, Low Dropout
Regulator
The NCP4620 is a CMOS Linear voltage regulator with 150 mA
output current capability. The device is capable of operating with input
voltages up to 10 V, with high output voltage accuracy and low
temperature−drift coefficient. The NCP4620 is easy to use, with
output current fold−back protection and a thermal shutdown circuit
included. A Chip Enable function is included to save power by
lowering supply current.
Features
Operating Input Voltage Range: 2.6 V to 10 V
Output Voltage Range: 1.2 V to 6.0 V (available in 0.1 V steps)
Output Voltage Accuracy: ±1.0%
Low Supply Current: 23 mA
Low Dropout: 165 mV (IOUT = 100 mA, VOUT = 3.3 V)
400 mV (IOUT = 150 mA, VOUT = 2.8 V)
High PSRR: 70 dB at 1 kHz
Line Regulation 0.02%/V Typ
Current Fold Back Protection
Thermal Shutdown Protection
Stable with Ceramic Capacitors
Available in SC−70 and SOT23 Packages
These are Pb−Free Devices*
Typical Applications
Battery products powered by 2 Lithium Ion cells
Networking and Communication Equipment
Cameras, DVRs, STB and Camcorders
Toys, industrial applications
VIN
VOUT
CE
GND
C1
C 2
1 m
1 m
VIN
VOUT
NCP4620x
Figure 1. Typical Application Schematic
*For additional information on our Pb−Free strategy and soldering details, please
download the ON Semiconductor Soldering and Mounting Techniques
Reference Manual, SOLDERRM/D.
http://onsemi.com
See detailed ordering and shipping information in the package
dimensions section on page 14 of this data sheet.
ORDERING INFORMATION
SC−70
CASE 419A
XXXX, XXX= Specific Device Code
MM
= Date Code
MARKING
DIAGRAMS
XXX
XMM
SOT−23−5
CASE 1212
1
XXXMM
1


Similar Part No. - NCP4620DSN33T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP4620DSN33T1G ONSEMI-NCP4620DSN33T1G Datasheet
376Kb / 16P
   150 mA, 10 V, Low Dropout Regulator
May, 2012 ??Rev. 4
More results

Similar Description - NCP4620DSN33T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP4620HSN33T1G ONSEMI-NCP4620HSN33T1G Datasheet
376Kb / 16P
   150 mA, 10 V, Low Dropout Regulator
May, 2012 ??Rev. 4
NCP4620 ONSEMI-NCP4620 Datasheet
332Kb / 16P
   150 mA, 10 V, Low Dropout Regulator
December, 2010 ??Rev. P0
logo
Microchip Technology
MIC5201 MICROCHIP-MIC5201 Datasheet
1Mb / 22P
   150 mA Low Dropout Regulator
09/14/21
logo
ON Semiconductor
NCV4299AD233R2G ONSEMI-NCV4299AD233R2G Datasheet
196Kb / 20P
   150 mA Low-Dropout Voltage Regulator
December, 2013 ??Rev. 3
NCV4264 ONSEMI-NCV4264 Datasheet
115Kb / 8P
   150 mA Low Dropout Linear Regulator
December, 2006 ??Rev. P0
NCV4299C ONSEMI-NCV4299C Datasheet
146Kb / 19P
   150 mA Low-Dropout Voltage Regulator
November, 2014 ??Rev. 0
NCP103 ONSEMI-NCP103 Datasheet
677Kb / 15P
   150 mA CMOS Low Dropout Regulator
May, 2015 ??Rev. 9
NCP4625HSN18T1G ONSEMI-NCP4625HSN18T1G Datasheet
535Kb / 17P
   300 mA, 10 V, Low Dropout Regulator
February, 2012 ??Rev. 2
NCP4625 ONSEMI-NCP4625 Datasheet
535Kb / 17P
   300 mA, 10 V, Low Dropout Regulator
February, 2012 ??Rev. 2
logo
Sipex Corporation
SPX2930 SIPEX-SPX2930 Datasheet
138Kb / 4P
   150 mA Low Dropout Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com