Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCS36000DG Datasheet(PDF) 3 Page - ON Semiconductor

Part # NCS36000DG
Description  Passive Infrared (PIR) Detector Controller
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCS36000DG Datasheet(HTML) 3 Page - ON Semiconductor

  NCS36000DG Datasheet HTML 1Page - ON Semiconductor NCS36000DG Datasheet HTML 2Page - ON Semiconductor NCS36000DG Datasheet HTML 3Page - ON Semiconductor NCS36000DG Datasheet HTML 4Page - ON Semiconductor NCS36000DG Datasheet HTML 5Page - ON Semiconductor NCS36000DG Datasheet HTML 6Page - ON Semiconductor NCS36000DG Datasheet HTML 7Page - ON Semiconductor NCS36000DG Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
NCS36000
http://onsemi.com
3
OPERATING RANGES (Note 6)
Rating
Symbol
Min
Typ
Max
Unit
Analog Power Supply
VDD
3.0
5.0
5.75
V
Analog Ground Reference
VSS
0.0
0.1
V
Supply Current (Standby, No Loads)
IDD
170m
A
Digital Inputs (MODE)
Vih
0.7 *
VDD
VDD
VDD +
0.3
V
Vil
VSS
VDD *
0.28
Digital Output (OUT, LED)
Push−Pull Output (10 mA Load)
Voh
0.67 *
VDD
VDD
V
Vol
VSS
VDD *
0.3
OP1_P (Sensor Input) (Note 7)
AMP 1 IN
0.1
VDD
1.1
V
Ambient Temperature
TA
−40
85
°C
6. Refer to ELECTRICAL CHARACTERISTICS and APPLICATION INFORMATION for Safe Operating Area.
7. Guaranteed By Design (Non−tested parameter).
ELECTRICAL CHARACTERISTICS Vin = 1 V, Cin = 100 nF, Cout = 100 nF, for typical values TA = 25°C; unless otherwise noted.
Parameter
Test Conditions
Symbol
Min
Typ
Max
Unit
LDO Voltage Reference
Output Voltage
VDD = 3.0 V to 5.75 V
VREF
2.6
2.7
2.8
V
Supply Current
VDD = 3.0 V to 5.75V
IREF
20
50
mA
Comparator High Trip Level
Vh
2.413
2.5
2.588
V
Comparator Low Trip Level
Vl
1.641
1.7
1.760
V
Reference voltage for non−inverting input of
second amplifier
Vm
2.007
2.1
2.174
V
System Oscillator
Oscillator Frequency
VDD = 5.0 V
R3 = 220 kW
C2 = 100 nF
OSC
62.5
Hz
Window Comparator
Lower Trip Threshold
See Vl above
Higher Trip Threshold
See Vh above
Differential Amplifiers (Amplifier Circuit)
DC Gain
VDD = 5.0 V (Note 8)
Av
80
dB
Common−mode Input Range
VDD = 5.0 V (Note 8)
CMIR
0.1
VDD
1.1
V
Power Supply Rejection Ratio
VDD = 5.0 V (Note 8)
PSRR
60
dB
Output Drive Current
VDD = 5.0 V (Note 8)
Iout1
25
mA
POR
POR Release Voltage
VPOR
1.35
2.85
V
8. Guaranteed By Design (Non−tested parameter).


Similar Part No. - NCS36000DG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCS36000DG ONSEMI-NCS36000DG Datasheet
211Kb / 8P
   Passive Infrared (PIR) Detector Controller
January, 2013 ??Rev. 1
NCS36000DG ONSEMI-NCS36000DG Datasheet
147Kb / 8P
   Passive Infrared (PIR) Detector Controller
December, 2015 ??Rev. 3
More results

Similar Description - NCS36000DG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCS36000DG ONSEMI-NCS36000DG Datasheet
211Kb / 8P
   Passive Infrared (PIR) Detector Controller
January, 2013 ??Rev. 1
NCS36000 ONSEMI-NCS36000_15 Datasheet
147Kb / 8P
   Passive Infrared (PIR) Detector Controller
December, 2015 ??Rev. 3
logo
List of Unclassifed Man...
WT8076 ETC-WT8076 Datasheet
48Kb / 8P
   Passive Infrared (PIR) Controller
logo
LSI Computer Systems
LS6501LP LSI-LS6501LP Datasheet
76Kb / 8P
   PIR MOTION DETECTOR
logo
List of Unclassifed Man...
M2006C ETC-M2006C Datasheet
197Kb / 5P
   PIR Motion Detector
HC-SR501 ETC2-HC-SR501 Datasheet
859Kb / 3P
   PIR MOTION DETECTOR
WT8072 ETC-WT8072 Datasheet
53Kb / 5P
   PIR CONTROLLER
M7610 ETC-M7610 Datasheet
106Kb / 3P
   PIR CONTROLLER
logo
Holtek Semiconductor In...
HT7M2126 HOLTEK-HT7M2126 Datasheet
4Mb / 25P
   PIR Detector Miniaturized Module
logo
Silvan Chip Electronics...
BISS0001 SILVAN-BISS0001 Datasheet
168Kb / 2P
   PIR CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com