Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSCMANT030PASA3 Datasheet(PDF) 11 Page - Honeywell Accelerometers

Part # HSCMANT030PASA3
Description  TRUSTABILITY SILICON PRESSURE SENSORS HSC SERIES-HIGH ACCURACY
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL-ACC [Honeywell Accelerometers]
Direct Link  http://www.inertialsensor.com
Logo HONEYWELL-ACC - Honeywell Accelerometers

HSCMANT030PASA3 Datasheet(HTML) 11 Page - Honeywell Accelerometers

Back Button HSCMANT030PASA3 Datasheet HTML 4Page - Honeywell Accelerometers HSCMANT030PASA3 Datasheet HTML 5Page - Honeywell Accelerometers HSCMANT030PASA3 Datasheet HTML 6Page - Honeywell Accelerometers HSCMANT030PASA3 Datasheet HTML 7Page - Honeywell Accelerometers HSCMANT030PASA3 Datasheet HTML 8Page - Honeywell Accelerometers HSCMANT030PASA3 Datasheet HTML 9Page - Honeywell Accelerometers HSCMANT030PASA3 Datasheet HTML 10Page - Honeywell Accelerometers HSCMANT030PASA3 Datasheet HTML 11Page - Honeywell Accelerometers HSCMANT030PASA3 Datasheet HTML 12Page - Honeywell Accelerometers  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
Honeywell Sensing and Control
11
Figure 6. SIP Package Dimensional Drawings (continued)
SIP DR: Dual radial barbed ports, opposite side
0,25
[0.010]
2,54 TYP.
[0.100]
PORT 1
PORT 2
1
2
3
4
10,0
[0.39]
10,0
[0.39]
15,2
[0.60]
6,16
[0.243]
2X 4.93 DIA.
[0.194]
15,8
[0.62]
4X 0,51
[0.020]
SIP HH: Fastener mount, dual radial barbed ports, same side
0,25
[0.010]
1 2 3 4
28,96
[1.140]
2,54 TYP.
[0.100]
PORT 1
PORT 2
29,62
[1.166]
23,12
[0.910]
11,27
[0.444]
6,64
[0.261]
10,58
[0.416]
4X 0,51
[0.020]
PORT 1
PORT 2
SIP HN: Fastener mount, single radial barbed port
28,96
[1.140]
11,27
[0.444]
23,12
[0.910]
0,25
[0.010]
2,54 TYP.
[0.100]
1 2 3 4
2X 3,94 DIA.
[0.155]
7,97
[0.314]
4,78 DIA.
[0.188]
4X 0,51
[0.020]
PORT 1
PORT 2
SIP MN: Manifold mount, outer diameter seal
2,54 TYP.
[0.100]
0,25
[0.010]
1 2 3 4
PORT 1
PORT 2
15,24 DIA.
[0.600]
12,5
[0.49]
5,36
[0.211]
4X 0,51
[0.020]
SIP SN: Manifold mount, inner diameter seal
2,54 TYP.
[0.100]
1
2
3
4
13,11
[0.516]
12,57
[0.495]
15,6
[0.61]
5,1
[0.20]
4X 0,51
[0.020]
PORT 1
PORT 2


Similar Part No. - HSCMANT030PASA3

ManufacturerPart #DatasheetDescription
logo
Honeywell Accelerometer...
HSCMANT150PG2A3 HONEYWELL-ACC-HSCMANT150PG2A3 Datasheet
4Mb / 33P
   TruStability® Board Mount Pressure Sensors
August 2014
HSCMANT150PG2A5 HONEYWELL-ACC-HSCMANT150PG2A5 Datasheet
4Mb / 33P
   TruStability® Board Mount Pressure Sensors
August 2014
HSCMANT150PG2B3 HONEYWELL-ACC-HSCMANT150PG2B3 Datasheet
4Mb / 33P
   TruStability® Board Mount Pressure Sensors
August 2014
HSCMANT150PG2C3 HONEYWELL-ACC-HSCMANT150PG2C3 Datasheet
4Mb / 33P
   TruStability® Board Mount Pressure Sensors
August 2014
HSCMANT150PG2F3 HONEYWELL-ACC-HSCMANT150PG2F3 Datasheet
4Mb / 33P
   TruStability® Board Mount Pressure Sensors
August 2014
More results

Similar Description - HSCMANT030PASA3

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
HSC HONEYWELL-HSC_2 Datasheet
1Mb / 12P
   TruStability silicon Pressure Sensors: HSC Series-High Accuracy -1% total Error band,Analog output,SIP,1 psi to 150 psi
HSC HONEYWELL-HSC_1 Datasheet
1Mb / 12P
   TruStability silicon Pressure Sensors: HSC Series-High Accuracy -1% total Error band,Analog output,SIP,60 mbar to,10 bar
HSC HONEYWELL-HSC_3 Datasheet
1Mb / 12P
   TruStability silicon Pressure Sensors: HSC Series-High Accuracy -1% total Error band,Analog output,SIP,60 mbar to,10 bar
HSC HONEYWELL-HSC Datasheet
1Mb / 12P
   TruStability silicon Pressure Sensors: HSC Series-High Accuracy -1% total Error band,Analog output,SIP,1 psi to 150 psi
HSCDRRN010MD2A3 HONEYWELL-HSCDRRN010MD2A3 Datasheet
1Mb / 14P
   TruStability짰 Board Mount Pressure Sensors: HSC Series?밐igh Accuracy
HSC HONEYWELL-HSC_4 Datasheet
1Mb / 12P
   TruStability silicon Pressure Sensors: HSC Series-High Accuracy -1% total Error band,Analog output,SMT and DIP,1 psi to 150 psi
HSC HONEYWELL-HSC_5 Datasheet
1Mb / 12P
   TruStability silicon Pressure Sensors: HSC Series-High Accuracy -1% total Error band,Analog output,SMT and DIP,60 mbar to 10 bar
HSC HONEYWELL-HSC_6 Datasheet
1Mb / 12P
   TruStability silicon Pressure Sensors: HSC Series-High Accuracy -1% total Error band,Digital output,SMT and DIP,1 psi to 150 psi
HSC HONEYWELL-HSC_7 Datasheet
1Mb / 12P
   TruStability silicon Pressure Sensors: HSC Series-High Accuracy -1% total Error band,Digital output,SMT and DIP,60 mbar to 10 bar
logo
Honeywell Accelerometer...
HSC HONEYWELL-ACC-HSC Datasheet
4Mb / 33P
   TruStability® Board Mount Pressure Sensors
August 2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com