Electronic Components Datasheet Search |
|
HSCDNNN060PASA3 Datasheet(PDF) 2 Page - Honeywell Accelerometers |
|
HSCDNNN060PASA3 Datasheet(HTML) 2 Page - Honeywell Accelerometers |
2 / 12 page 2 www.honeywell.com/sensing POTENTIAL APPLICATIONS Medical: - Airflow monitors - Anesthesia machines - Blood analysis machines - Gas chromatography - Gas flow instrumentation - Kidney dialysis machines - Oxygen concentrators - Pneumatic controls - Respiratory machines - Sleep apnea equipment - Ventilators Industrial: - Barometry - Flow calibrators - Gas chromatography - Gas flow instrumentation - HVAC - Life sciences - Pneumatic controls Table 1. Absolute Maximum Ratings 1 Parameter Min. Max. Unit Supply voltage (Vsupply) -0.3 6.0 Vdc Voltage on any pin -0.3 Vsupply + 0.3 V Digital interface clock frequency: I 2C SPI 100 50 400 800 kHz ESD susceptibility (human body model) 3 kV Storage temperature -40 [-40] 85 [185] C [ F] Soldering time and temperature: Lead solder temperature (SIP, DIP) Peak reflow temperature (SMT) 4 s max. at 250 °C [482 °F] 15 s max. at 250 °C [482 °F] Table 2. Operating Specifications Parameter Min. Typ. Max. Unit Supply voltage (Vsupply) 2: 3.3 Vdc 5.0 Vdc Sensors are either 3.3 Vdc or 5.0 Vdc based on listing selected. 3.0 4.75 3.3 3 5.0 3 3.6 5.25 Vdc Supply current: 3.3 Vdc supply 5.0 Vdc supply - 1.6 2 2.1 3 mA Compensated temperature range 4 0 [32] 50 [122] C [ F] Operating temperature range 5 -20 [-4] 85 [185] C [ F] Startup time (power up to data ready) 2.8 7.3 ms Response time 0.46 ms I 2C voltage level low - - 0.2 Vsupply I 2C voltage level high 0.8 - - Vsupply Pull up on SDA and SCL 1 - - kOhm Accuracy 6 0.25 %FSS BFSL Total error band 7 1 %FSS 8 Output resolution 12 bits |
Similar Part No. - HSCDNNN060PASA3 |
|
Similar Description - HSCDNNN060PASA3 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |