Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC1602LRS-LWA-B Datasheet(PDF) 9 Page - Powertip Technology

Part # PC1602LRS-LWA-B
Description  PRECAUTION RELATING PRODUCT HANDLING
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERTIP [Powertip Technology]
Direct Link  http://www.powertip.com.tw
Logo POWERTIP - Powertip Technology

PC1602LRS-LWA-B Datasheet(HTML) 9 Page - Powertip Technology

Back Button PC1602LRS-LWA-B Datasheet HTML 5Page - Powertip Technology PC1602LRS-LWA-B Datasheet HTML 6Page - Powertip Technology PC1602LRS-LWA-B Datasheet HTML 7Page - Powertip Technology PC1602LRS-LWA-B Datasheet HTML 8Page - Powertip Technology PC1602LRS-LWA-B Datasheet HTML 9Page - Powertip Technology PC1602LRS-LWA-B Datasheet HTML 10Page - Powertip Technology PC1602LRS-LWA-B Datasheet HTML 11Page - Powertip Technology PC1602LRS-LWA-B Datasheet HTML 12Page - Powertip Technology PC1602LRS-LWA-B Datasheet HTML 13Page - Powertip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
PC1602LRS-LWA-H-YM
Ver.0 (DK)
Page9
2.2 Interface Pin Description
Pin No.
Symbol
Signal Description
1
VSS
Power Supply (VSS=0)
2
VDD
Power Supply (VDD>VSS)
3
VO
NC.
4
RS
Register Selection input
High = Data register
Low = Instruction register (for write)
Busy flag address counter (for read)
5
R/W
Read/Write signal input is used to select the read/write
mode
High = Read mode,
Low = Write mode
6
E
Start enable signal to read or write the data
7~10
DB0 ~ DB3
Four low order bi-directional three-state data bus lines. Use
for data transfer between the MPU and the LCD module.
These four are not used during 4-bit operation.
11~14
DB4 ~ DB7
Four high order bi-directional three-state data bus lines.
Used for data transfer between the MPU and the LCD
module.
DB7 can be used as a busy flag.
A
Power supply for LED B/L(+)
K
Power supply for LED B/L(-)
Backlight Controll
LCD MODULE
4.2V
A
K


Similar Part No. - PC1602LRS-LWA-B

ManufacturerPart #DatasheetDescription
logo
Powertip Technology
PC1602LRS-LWA-H-YM POWERTIP-PC1602LRS-LWA-H-YM Datasheet
566Kb / 20P
   PC1602LRS-LWA-H-YM
More results

Similar Description - PC1602LRS-LWA-B

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WAN-0164 WOLFSON-WAN-0164 Datasheet
93Kb / 5P
   Safe Handling and Packaging of Tray Product to be Returned
logo
List of Unclassifed Man...
CXD5602PWBCAM1 ETC-CXD5602PWBCAM1 Datasheet
507Kb / 3P
   Handling Manual
logo
Wolfson Microelectronic...
WAN-0165 WOLFSON-WAN-0165 Datasheet
80Kb / 4P
   Safe Handling and Packaging of Tape and Reel Product to be Returned
logo
Samsung semiconductor
SLD65018 SAMSUNG-SLD65018 Datasheet
2Mb / 29P
   General handling precautions
logo
Micross Components
HMC130 MICROSS-HMC130 Datasheet
842Kb / 9P
   Die handling consultancy
logo
National Semiconductor ...
AN-2029 NSC-AN-2029 Datasheet
189Kb / 6P
   Handling & Process Recommendations
logo
Analog Devices
ADRF5040 AD-ADRF5040 Datasheet
281Kb / 14P
   High power handling
logo
Pasternack Enterprises,...
PE80L2002 PASTERNACK-PE80L2002 Datasheet
460Kb / 7P
   High Power Handling
PE80L4000 PASTERNACK-PE80L4000 Datasheet
440Kb / 7P
   High Power Handling
logo
Ohmite Mfg. Co.
RES-IS OHMITE-RES-IS Datasheet
398Kb / 2P
   Pulse handling capability
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com