Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N4148WS-RR Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # 1N4148WS-RR
Description  200mW High Speed SMD Switching Diode
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

1N4148WS-RR Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  1N4148WS-RR Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd 1N4148WS-RR Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd 1N4148WS-RR Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
1N4148WS/1N4448WS/1N914BWS
200mW High Speed SMD Switching Diode
Small Signal Diode
Electrical Characteristics
IR=
IR=
1N4448WS, 1N914BWS
IF=
1N4148WS
IF=
1N4448WS, 1N914BWS
IF=
VR=
VR=
Junction Capacitance
Tape & Reel specification
Carrier depth
Sprocket hole
Reel outside diameter
Reel inner diameter
Feed hole width
Sprocke hole position
Punch hole position
Sprocke hole pitch
Embossment center
Overall tape thickness
Note 1: A0, B0, and K0 are determined by component size. The clearance between the components and the cavity must be
within 0.05 mm min. to 0.5 mm max. The component cannot rote more than 10° within the determined cavity.
Note 2: If B1 exceeds 4.2 mm(0.165'') for 8 mm embossed tape, the tape may not feed through all tape feeders.
W
8.30 Max.
Reel width
W1
14.4 Max
P0
4.00 ±0.10
P1
2.00 ±0.10
0.6 Max.
13.0 ± 0.5
E
1.75 ±0.10
D2
D1
D
Tape width
T
50 Min.
F
3.50 ±0.05
Item
Symbol
Dimension(mm)
A
178 ± 1
2.40 Max.
K
Min
1.5 ± 0.1
75
-
Units
Max
ns
4.0
Symbol
5.0
-
-
100
-
25
-
Reverse Recovery Time
IF=10mA, IR=60mA, RL=100Ω, IRR=1mA
Trr
pF
4.0
V
100.0mA
0.72
1.0
1.0
-
10.0mA
VR=0, f=1.0MHz
V
CJ
0.62
-
μA
-
VF
IR
V(BR)
nA
User Direction of Feed
Reverse Breakdown Voltage
Reverse Leakage Current
Type Number
100uA
5uA
Forward Voltage
20V
75V
5.0mA
Top Cover Tape
Carieer Tape
Any Additional Label (If Required)
TSC label
W1
D1
D2
A
Version : F12


Similar Part No. - 1N4148WS-RR

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
1N4148WS-13-F DIODES-1N4148WS-13-F Datasheet
85Kb / 4P
   SURFACE MOUNT FAST SWITCHING DIODE
DS30097 Rev. 18 - 2
1N4148WS-13-F DIODES-1N4148WS-13-F Datasheet
95Kb / 4P
   SURFACE MOUNT FAST SWITCHING DIODE
1N4148WS-13-F DIODES-1N4148WS-13-F Datasheet
84Kb / 4P
   SURFACE MOUNT FAST SWITCHING DIODE
1N4148WS-13-F DIODES-1N4148WS-13-F Datasheet
84Kb / 4P
   SURFACE MOUNT FAST SWITCHING DIODE
1N4148WS-13-F DIODES-1N4148WS-13-F Datasheet
135Kb / 5P
   SURFACE MOUNT FAST SWITCHING DIODE
More results

Similar Description - 1N4148WS-RR

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
1N4148WS TSC-1N4148WS_10 Datasheet
171Kb / 3P
   200mW High Speed SMD Switching Diode
1SS355 TSC-1SS355_14 Datasheet
163Kb / 3P
   200mW High Speed SMD Switching Diode
TS4148C TSC-TS4148C_14 Datasheet
206Kb / 4P
   200mW High Speed SMD Switching Diode
1SS400 TSC-1SS400 Datasheet
349Kb / 3P
   200mW, SMD High Speed Switching Diode
TS4148CRZG TSC-TS4148CRZG Datasheet
130Kb / 2P
   200mW High Speed SMD Switching Diode
1N914BWS TSC-1N914BWS Datasheet
100Kb / 2P
   200mW High Speed SMD Switching Diode
1N4148WS TSC-1N4148WS_15 Datasheet
186Kb / 4P
   200mW High Speed SMD Switching Diode
BAS316WS TSC-BAS316WS_15 Datasheet
201Kb / 4P
   200mW High-Speed Switching SMD Diode
BAS316WS TSC-BAS316WS Datasheet
95Kb / 3P
   200mW, High-speed switching SMD Diode
logo
Micro Commercial Compon...
1N4148WX MCC-1N4148WX_13 Datasheet
189Kb / 3P
   High Speed Switching Diode 200mW
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com