Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAT54AD-G Datasheet(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

Part # BAT54AD-G
Description  200mW Surface Mount Schottky Barrier Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

BAT54AD-G Datasheet(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  BAT54AD-G Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd BAT54AD-G Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd BAT54AD-G Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd BAT54AD-G Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Ordering information (Detail, example)
BAT54T-G
SOT-363
RF
RFG
BAT54T-G
SOT-363
RF
RFG
Tape & Reel specification
Item
Symbol
Carrier width
A
Carrier length
B
Carrier depth
C
Sprocket hole
d
Reel outside diameter
D
Reel inner diameter
D1
Feed hole width
D2
Sprocket hole position
E
Punch hole position
F
Sprocket hole pitch
P0
Embossment center
P1
Overall tape thickness
T
Tape width
W
Reel width
W1
Version : A13
Small Signal Product
Packing code
Packing code
(Green)
Part No.
Package
12.30 ±0.20
2.00 ±0.05
0.229 ±0.013
Packing
Manufacture code
Note 2: Manufacture special control, if empty means no special control requirement.
8.10 ±0.20
3.15 ±0.10
2.77 ±0.10
1.22 ±0.10
1.50 ± 0.10
55 Min
178 ± 1
13.0 ± 0.20
3.50 ±0.05
4.00 ±0.10
1.75 ±0.10
D0
Dimension(mm)
BAT54xx-G
(Note 1)
SOT-363
RF
3K / 7" Reel
RFG
(Note 2)
Note 1:"xx" is Device Code from "T" thru "BR"
3K / 7" Reel
3K / 7" Reel


Similar Part No. - BAT54AD-G

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
BAT54AD TSC-BAT54AD Datasheet
155Kb / 5P
   200mW Surface Mount Schottky Barrier Diode
logo
Shenzhen Luguang Electr...
BAT54ADW LUGUANG-BAT54ADW Datasheet
276Kb / 2P
   Surface Mount Schottky Barrier Diode Arrays
logo
Diodes Incorporated
BAT54ADW DIODES-BAT54ADW Datasheet
83Kb / 4P
   Sub-miniature Schottky Diodes & Arrays in
logo
SHENZHEN YONGERJIA INDU...
BAT54ADW WINNERJOIN-BAT54ADW Datasheet
102Kb / 1P
   SCHOTTKY DIODE
logo
Diodes Incorporated
BAT54ADW DIODES-BAT54ADW Datasheet
47Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE ARRAYS
DS30152 Rev. 7 - 2
More results

Similar Description - BAT54AD-G

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
BAT42W TSC-BAT42W_08 Datasheet
162Kb / 2P
   200mW Surface Mount Schottky Barrier Diode
logo
Micro Commercial Compon...
BAS70WX MCC-BAS70WX Datasheet
175Kb / 2P
   Surface Mount Schottky Barrier Diode 200mW
logo
Taiwan Semiconductor Co...
BAT54T TSC-BAT54T_14 Datasheet
155Kb / 5P
   200mW Surface Mount Schottky Barrier Diode
logo
Shenzhen Luguang Electr...
BAS70 LUGUANG-BAS70 Datasheet
159Kb / 2P
   200mW Surface Mount Schottky Barrier Diode
BAT54 LUGUANG-BAT54 Datasheet
187Kb / 2P
   200mW Surface Mount Schottky Barrier Diode
logo
Taiwan Semiconductor Co...
BAT54W TSC-BAT54W_14 Datasheet
130Kb / 5P
   200mW Surface Mount Schottky Barrier Diode
logo
Micro Commercial Compon...
BAS70WX MCC-BAS70WX_13 Datasheet
206Kb / 2P
   Surface Mount Schottky Barrier Diode 200mW
logo
Taiwan Semiconductor Co...
BAT43W TSC-BAT43W Datasheet
162Kb / 2P
   200mW Surface Mount Schottky Barrier Diode
logo
Shanghai Shunye Electro...
RB521S-30 SHUNYE-RB521S-30 Datasheet
355Kb / 3P
   200mW SOD-523 SURFACE MOUNT Schottky Barrier Diode
logo
Micro Commercial Compon...
BAS70TW MCC-BAS70TW Datasheet
196Kb / 3P
   200mW SCHOTTKY BARRIER Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com