Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5492B Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # 5492B
Description  True RMS Bench Multimeter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

5492B Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  5492B Datasheet HTML 1Page - List of Unclassifed Manufacturers 5492B Datasheet HTML 2Page - List of Unclassifed Manufacturers 5492B Datasheet HTML 3Page - List of Unclassifed Manufacturers 5492B Datasheet HTML 4Page - List of Unclassifed Manufacturers 5492B Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4
w w w.bk prec ision.c om
True RMS Bench Multimeter
Model 5492B
Resistance (2-Wire and 4-Wire)
Continuity
Specifications (cont.)
Resolution, Full Scale Reading and Accuracy ± (% of reading + % of range), 23 °C ± 5 °C
Range
Re solution
Full Scale
Readi ng
Bu rden Vol tage(1)
& Shunt Res istor
Accu racy (1 year)(3)
10-20 Hz
20-50 Hz
50-2 kHz
2-20 kHz
12.0000 mA
0.1 µA
11.9999
<0.15 V / 10.1 Ω
1.0+0.080
0.50+0.080
0.25+0.080
2.0+0.080
1.20000 A
10 µA
1.19999
<0.3 V / 0.1 Ω
1.0+0.080
0.50+0.080
0.25+0.080
2.0+0.080
12.0000 A
(2)
100 µA
11.9999
<0.15 V / 10 mΩ
1.0+0.080
0.50+0.080
0.25+0.080
2.0+0.080
(1) Typical voltage across the input terminals at full scale reading
(2) In 12 A range,>10-12 A AC is readable for 20 seconds maximum
(3) Specifications are for sine wave inputs >5% of range
AC Current (True RMS, AC Coupled)
Resolution, Full Scale Reading and Accuracy ± (% of reading + % of range), 23 °C ± 5 °C
Ran ge(1)
Re solution
Full Scale Re ading
T est Curren t
A ccu racy
(1 year)
120.000 Ω
1 mΩ
119.999
1 mA
0.05 +0.008
(2)
1.20000 kΩ
10 mΩ
1.19999
1 mA
0.03 +0.004
(2)
12.0000 kΩ
100 mΩ
11.9999
100 µA
0.03 +0.004
(2)
120.000 kΩ
1 Ω
119.999
10 µA
0.03 +0.004
1.20000 MΩ
10 Ω
1.19999
10 µA
0.03 +0.004
12.0000 MΩ
100 Ω
11.9999
7.0/(10M+Rx) µA
0.10 +0.004
120.000 MΩ
1 kΩ
119.999
7.0/(10M+Rx) µA
0.50 +0.008
(1) In order to eliminate the noise interference, which might be induced to the test leads, it is recommended to use a
shielded test cable for measuring resistance above 120 kΩ
(2) Using REL function
Resolution, Full Scale Reading and Accuracy ± (% of reading + % of range), 23 °C ± 5 °C
Range
Re solution
Full Scale
Reading
T est Curren t
A ccu racy
(1 year)
1 kΩ
100 mΩ
999.9
1 mA
0.1%+0.02%
Diode
Resolution, Full Scale Reading and Accuracy ± (% of reading + % of range), 23 °C ± 5 °C
R ange
Res ol ution
Fu ll Scale
R eadin g
Te st Cu rrent
Accuracy
(1 year)
3.0000 V
100 µV
2.9999
1 mA
0.030+0.020
10.0000 V
100 µV
10.0000
100 µA
0.030+0.020
10.0000 V
100 µV
10.0000
10 µA
0.030+0.020
Measurement method: AC coupled true RMS, measuring the AC component only
Input protection: Externally accessible 2 A / 250 V fuse protecting the low input current terminal (LO). Internally accessible 20 A / 250 V fuse protecting the
high current input terminal (10A)
Max. crest factor: 3.0 at full scale
Input protection: 1000 Vdc or 750 Vac for all ranges
Note: Rx is the measured resistance value
For 0.1 PLC (Fast)
Input protection: 1000 Vdc or 750 Vac
For 1 PLC (Medium)
Input protection: 1000 Vdc or 750 Vac for all ranges


Similar Part No. - 5492B

ManufacturerPart #DatasheetDescription
logo
B&K Precision Corporati...
5492B BK-5492B Datasheet
2Mb / 5P
   True RMS Bench Multimeter
More results

Similar Description - 5492B

ManufacturerPart #DatasheetDescription
logo
B&K Precision Corporati...
5492B BK-5492B Datasheet
2Mb / 5P
   True RMS Bench Multimeter
logo
Fluke Corporation
8060A FLUKE-8060A Datasheet
5Mb / 140P
   True-rms Multimeter
logo
List of Unclassifed Man...
AM-530 ETC2-AM-530 Datasheet
621Kb / 2P
   True-rms Electrical True-rms Contractor Multimeter
logo
B&K Precision Corporati...
2831E BK-2831E Datasheet
2Mb / 5P
   True RMS Bench Multimeters
logo
Extech Instruments Corp...
380900 EXTECH-380900 Datasheet
243Kb / 1P
   Dual Channel, Datalogging, True RMS MultiMeter
EX570 EXTECH-EX570 Datasheet
551Kb / 18P
   True RMS Multimeter with IR Thermometer
GX900 EXTECH-GX900 Datasheet
235Kb / 2P
   GX900 True RMS Graphical MultiMeter for Android
logo
List of Unclassifed Man...
FLUKE-87-5 ETC2-FLUKE-87-5 Datasheet
937Kb / 2P
   80 Series V Industrial True-RMS Multimeter with Temperature
logo
Extech Instruments Corp...
EX205T EXTECH-EX205T Datasheet
215Kb / 1P
   True RMS MultiMeters
logo
List of Unclassifed Man...
DBX2252 ETC-DBX2252 Datasheet
175Kb / 2P
   TRUE RMS LEVEL DETECTOR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com