Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CA01COM-F18-1PW-B-01 Datasheet(PDF) 5 Page - ITT Industries

Part # CA01COM-F18-1PW-B-01
Description  Industrial Connectors CA-COM
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

CA01COM-F18-1PW-B-01 Datasheet(HTML) 5 Page - ITT Industries

  CA01COM-F18-1PW-B-01 Datasheet HTML 1Page - ITT Industries CA01COM-F18-1PW-B-01 Datasheet HTML 2Page - ITT Industries CA01COM-F18-1PW-B-01 Datasheet HTML 3Page - ITT Industries CA01COM-F18-1PW-B-01 Datasheet HTML 4Page - ITT Industries CA01COM-F18-1PW-B-01 Datasheet HTML 5Page - ITT Industries CA01COM-F18-1PW-B-01 Datasheet HTML 6Page - ITT Industries CA01COM-F18-1PW-B-01 Datasheet HTML 7Page - ITT Industries CA01COM-F18-1PW-B-01 Datasheet HTML 8Page - ITT Industries CA01COM-F18-1PW-B-01 Datasheet HTML 9Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 42 page
background image
5
CA-COM
Shell size
Contact
Number of
Contact size
Wire size
Service rating
arrangement
contacts
metric
mm2
nach IEC
10SL
10SL-3
3
15S
0,75 – 1,5
A
10SL-4
2
15S
0,75 – 1,5
A
12S
12SA10
4
15S
0,75 – 1,5
A
14S
14S-2
4
15S
0,75 – 1,5
Inst.
14S-5
5
15S
0,75 – 1,5
Inst.
14S-6
6
15S
0,75 – 1,5
Inst.
14SA7
7
15S
0,75 – 1,5
Inst.
16
16-10
3
25
2,0 – 3,0
A
16S
16S-1
7
15S
0,75 – 1,5
A
18
18-1
10
15
0,75 – 1,5
A (B, C, F, G)
Inst. (all others)
18-8
7 + 1
15 + 25
1 – 1,5 + 2,5
A
18-10
4
25
2,0 – 3,0
A
18-11
5
25
2,0 – 3,0
A
18-12
6
15
0,75 – 1,5
A
20
20-15
7
25
2,0 – 3,0
A
20-17
1
15
0,75 – 1,5
A
5
25
2,0 – 3,0
A
20-19
3
100
10
A
20-27
14
15
0,75 – 1,5
A
20-29
17
15
0,75 – 1,5
A
22
22-14
19
15
0,75 – 1,5
A
22-19
14
15
0,75 – 1,5
A
22-23
8
25
2,0 – 3,0
D (H)
24
24-28
24
15
0,75 – 1,5
Inst.
28
28-15
35
15
0,75 – 1,5
A
Additional contact arrangements (per MIL-C-5015 and VG95234) upon request.
Wire selection
Contact size
Wire sizes for crimp and solder contacts
Metric
Metric
Conductor
mm2
∅ mm2
15S
0,75 – 1,5
1,6 – 3,3
15
0,75 – 1,5
1,6 – 3,3
25
2,0 – 3,0
2,9 – 4,3
100
10,0
4,2 – 6,5
Stripping lengths of wires
Strip wires carefully. Do not damage conductors and insulation.
For solder connections, wires have to be pretinned. Do not twist conductors used in
crimp contacts, otherwise no perfect crimp connection will be achieved. Do not touch
conductors before crimping. Film of grease or lubricants on the strands will cause poor
crimp quality.
Stripping length for contacts sizes 15S, 15 and 25 is 6,2 mm.
On pages 6 – 8 the contact arrangements are shown by shell sizes. The table below
gives an overview on the number of contacts, recommended contact and wire sizes and
the service rating class. Other contact arrangements acc. to MIL-C-5015 and VG 95234
upon request.
Contact arrangements
#1171_CA-COM_englisch_250900
18.10.2000, 8:20 Uhr
5


Similar Part No. - CA01COM-F18-1PW-B-01

ManufacturerPart #DatasheetDescription
logo
ITT Industries
CA01COM-F18-1PW-B-01 ITT-CA01COM-F18-1PW-B-01 Datasheet
1Mb / 42P
   Industrial Connectors CA-COM
More results

Similar Description - CA01COM-F18-1PW-B-01

ManufacturerPart #DatasheetDescription
logo
ITT Industries
CA02COME14S-5PB ITT-CA02COME14S-5PB Datasheet
1Mb / 42P
   Industrial Connectors CA-COM
logo
Advantech Co., Ltd.
ADAM-4500 ADVANTECH-ADAM-4500 Datasheet
388Kb / 1P
   PC-based Com mu ni ca tion Controller
logo
Littelfuse
V321CA40PS LITTELFUSE-V321CA40PS Datasheet
252Kb / 5P
   High Energy Industrial Disc Varistors > CA Series
V251CA60 LITTELFUSE-V251CA60 Datasheet
181Kb / 5P
   High Energy Industrial Disc Varistors > CA Series
logo
ITT Industries
CA06COM-E18-1PWXX ITT-CA06COM-E18-1PWXX Datasheet
1Mb / 42P
   Industrial Connectors
logo
AAEON Technology
BOXER-6638U-A2M-1010 AAEON-BOXER-6638U-A2M-1010 Datasheet
293Kb / 2P
   Good for Industrial Use with 4 COM Ports
logo
PHOENIX CONTACT
1607689 PHOENIX-1607689 Datasheet
17Mb / 64P
   Industrial Circular Connectors
logo
Omron Electronics LLC
XS5H-T421-BM0-K OMRON-XS5H-T421-BM0-K Datasheet
1Mb / 8P
   Industrial Ethernet Connectors
logo
ITT Industries
012-8554-000 ITT-012-8554-000 Datasheet
1Mb / 56P
   cannon ca-bayonet connectors in accordance with vg95234
logo
Red Lion Controls. Inc
EB-RJ45 REDLION-EB-RJ45 Datasheet
325Kb / 2P
   Industrial IP67 Waterproof Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com