Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC104S021CIMM Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # ADC104S021CIMM
Description  4 Channel, 200 kSPS, 10-Bit A/D Converter
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC104S021CIMM Datasheet(HTML) 1 Page - National Semiconductor (TI)

  ADC104S021CIMM Datasheet HTML 1Page - National Semiconductor (TI) ADC104S021CIMM Datasheet HTML 2Page - National Semiconductor (TI) ADC104S021CIMM Datasheet HTML 3Page - National Semiconductor (TI) ADC104S021CIMM Datasheet HTML 4Page - National Semiconductor (TI) ADC104S021CIMM Datasheet HTML 5Page - National Semiconductor (TI) ADC104S021CIMM Datasheet HTML 6Page - National Semiconductor (TI) ADC104S021CIMM Datasheet HTML 7Page - National Semiconductor (TI) ADC104S021CIMM Datasheet HTML 8Page - National Semiconductor (TI) ADC104S021CIMM Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
ADC104S021
4 Channel, 200 kSPS, 10-Bit A/D Converter
General Description
The ADC104S021 is a low-power, four-channel CMOS 10-bit
analog-to-digital converter with a high-speed serial interface.
Unlike the conventional practice of specifying performance
at a single sample rate only, the ADC104S021 is fully speci-
fied over a sample rate range of 50 kSPS to 200 kSPS. The
converter is based on a successive-approximation register
architecture with an internal track-and-hold circuit. It can be
configured to accept up to four input signals at inputs IN1
through IN4.
The output serial data is straight binary, and is compatible
with several standards, such as SPI, QSPI, MICROW-
IRE, and many common DSP serial interfaces.
The ADC104S021 operates with a single supply, that can
range from +2.7V to +5.25V. Normal power consumption
using a +3V or +5V supply is 1.94 mW and 6.9 mW, respec-
tively. The power-down feature reduces the power consump-
tion to just 0.12 µW using a +3V supply, or 0.47 µW using a
+5V supply.
The ADC104S021 is packaged in a 10-lead MSOP package.
Operation over the industrial temperature range of −40˚C to
+85˚C is guaranteed.
Features
n
Specified over a range of sample rates.
n
Four input channels
n
Variable power management
n
Single power supply with 2.7V - 5.25V range
Key Specifications
n
DNL
± 0.13 LSB (typ)
n
INL
± 0.13 LSB (typ)
n
SNR
61.8 dB (typ)
n
Power Consumption
— 3V Supply
1.94 mW (typ)
— 5V Supply
6.9 mW (typ)
Applications
n
Portable Systems
n
Remote Data Acquisition
n
Instrumentation and Control Systems
Pin-Compatible Alternatives by Resolution and Speed
All devices are fully pin and function compatible.
Resolution
Specified for Sample Rate Range of:
50 to 200 kSPS
200 to 500 kSPS
500 kSPS to 1 MSPS
12-bit
ADC124S021
ADC124S051
ADC124S101
10-bit
ADC104S021
ADC104S051
ADC104S101
8-bit
ADC084S021
ADC084S051
ADC084S101
Connection Diagram
20124405
TRI-STATE® is a trademark of National Semiconductor Corporation
QSPIand SPIare trademarks of Motorola, Inc.
May 2005
© 2005 National Semiconductor Corporation
DS201244
www.national.com


Similar Part No. - ADC104S021CIMM

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC104S021CIMM/NOPB TI1-ADC104S021CIMM/NOPB Datasheet
1Mb / 27P
[Old version datasheet]   4-Channel, 50 ksps to 200 ksps, 10-Bit A/D Converter
ADC104S021CIMMX/NOPB TI1-ADC104S021CIMMX/NOPB Datasheet
1Mb / 27P
[Old version datasheet]   4-Channel, 50 ksps to 200 ksps, 10-Bit A/D Converter
More results

Similar Description - ADC104S021CIMM

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC104S021 TI1-ADC104S021 Datasheet
1Mb / 27P
[Old version datasheet]   4-Channel, 50 ksps to 200 ksps, 10-Bit A/D Converter
ADC104S051CIMM TI1-ADC104S051CIMM Datasheet
1Mb / 25P
[Old version datasheet]   ADC104S051 4 Channel, 200 ksps to 500 ksps, 10-Bit A/D Converter
logo
National Semiconductor ...
ADC124S021 NSC-ADC124S021 Datasheet
909Kb / 19P
   4 Channel, 200 kSPS, 12-Bit A/D Converter
ADC108S022 NSC-ADC108S022 Datasheet
842Kb / 17P
   8-Channel, 50 kSPS to 200 kSPS, 10-Bit A/D Converter
ADC108S052 NSC-ADC108S052 Datasheet
839Kb / 17P
   8-Channel, 200 kSPS to 500 kSPS, 10-Bit A/D Converter
logo
Texas Instruments
ADC108S022 TI1-ADC108S022_15 Datasheet
1Mb / 25P
[Old version datasheet]   8-Channel, 50 ksps to 200 ksps, 10-Bit A/D Converter
ADC108S052 TI1-ADC108S052 Datasheet
1Mb / 27P
[Old version datasheet]   8-Channel, 200 ksps to 500 ksps, 10-Bit A/D Converter
ADC102S051 TI1-ADC102S051_15 Datasheet
1Mb / 29P
[Old version datasheet]   2 Channel, 200 ksps to 500 ksps, 10-Bit A/D Converter
ADC124S021 TI1-ADC124S021 Datasheet
1Mb / 27P
[Old version datasheet]   4-Channel, 50 ksps to 200 ksps, 12-Bit A/D Converter
ADC102S051 TI1-ADC102S051_14 Datasheet
1Mb / 28P
[Old version datasheet]   ADC102S051 2 Channel, 200 ksps to 500 ksps, 10-Bit A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com