Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC104S021CIMMX Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # ADC104S021CIMMX
Description  4 Channel, 200 kSPS, 10-Bit A/D Converter
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC104S021CIMMX Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button ADC104S021CIMMX Datasheet HTML 3Page - National Semiconductor (TI) ADC104S021CIMMX Datasheet HTML 4Page - National Semiconductor (TI) ADC104S021CIMMX Datasheet HTML 5Page - National Semiconductor (TI) ADC104S021CIMMX Datasheet HTML 6Page - National Semiconductor (TI) ADC104S021CIMMX Datasheet HTML 7Page - National Semiconductor (TI) ADC104S021CIMMX Datasheet HTML 8Page - National Semiconductor (TI) ADC104S021CIMMX Datasheet HTML 9Page - National Semiconductor (TI) ADC104S021CIMMX Datasheet HTML 10Page - National Semiconductor (TI) ADC104S021CIMMX Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
Specification Definitions
ACQUISITION TIME is the time required to acquire the input
voltage. That is, it is time required for the hold capacitor to
charge up to the input voltage.
APERTURE DELAY is the time between the fourth falling
SCLK edge of a conversion and the time when the input
signal is acquired or held for conversion.
CONVERSION TIME is the time required, after the input
voltage is acquired, for the ADC to convert the input voltage
to a digital word.
CROSSTALK is the coupling of energy from one channel
into the other channel, or the amount of signal energy from
one analog input that appears at the measured analog input.
DIFFERENTIAL NON-LINEARITY (DNL) is the measure of
the maximum deviation from the ideal step size of 1 LSB.
DUTY CYCLE is the ratio of the time that a repetitive digital
waveform is high to the total time of one period. The speci-
fication here refers to the SCLK.
EFFECTIVE NUMBER OF BITS (ENOB, or EFFECTIVE
BITS) is another method of specifying Signal-to-Noise and
Distortion
or
SINAD.
ENOB
is
defined
as
(SINAD − 1.76) / 6.02 and says that the converter is equiva-
lent to a perfect ADC of this (ENOB) number of bits.
FULL POWER BANDWIDTH is a measure of the frequency
at which the reconstructed output fundamental drops 3 dB
below its low frequency value for a full scale input.
GAIN ERROR is the deviation of the last code transition
(111...110) to (111...111) from the ideal (V
REF − 1.5 LSB),
after adjusting for offset error.
INTEGRAL NON-LINEARITY (INL) is a measure of the
deviation of each individual code from a line drawn from
negative full scale (12 LSB below the first code transition)
through positive full scale (12 LSB above the last code
transition). The deviation of any given code from this straight
line is measured from the center of that code value.
INTERMODULATION DISTORTION (IMD) is the creation of
additional spectral components as a result of two sinusoidal
frequencies being applied to the ADC input at the same time.
It is defined as the ratio of the power in the second and third
order intermodulation products to the sum of the power in
both of the original frequencies. IMD is usually expressed in
dB.
MISSING CODES are those output codes that will never
appear at the ADC outputs. The ADC104S021 is guaranteed
not to have any missing codes.
OFFSET ERROR is the deviation of the first code transition
(000...000) to (000...001) from the ideal (i.e. GND + 0.5
LSB).
SIGNAL TO NOISE RATIO (SNR) is the ratio, expressed in
dB, of the rms value of the input signal to the rms value of the
sum of all other spectral components below one-half the
sampling frequency, not including harmonics or d.c.
SIGNAL TO NOISE PLUS DISTORTION (S/N+D or SINAD)
Is the ratio, expressed in dB, of the rms value of the input
signal to the rms value of all of the other spectral compo-
nents below half the clock frequency, including harmonics
but excluding d.c.
SPURIOUS FREE DYNAMIC RANGE (SFDR) is the differ-
ence, expressed in dB, between the rms values of the input
signal and the peak spurious signal where a spurious signal
is any signal present in the output spectrum that is not
present at the input, excluding d.c.
TOTAL HARMONIC DISTORTION (THD) is the ratio, ex-
pressed in dB or dBc, of the rms total of the first five
harmonic components at the output to the rms level of the
input signal frequency as seen at the output. THD is calcu-
lated as
where A
f1 is the RMS power of the input frequency at the
output and A
f2 through Af6 are the RMS power in the first 5
harmonic frequencies.
THROUGHPUT TIME is the minimum time required between
the start of two successive conversion. It is the acquisition
time plus the conversion time. In the case of the
ADC104S021, this is 16 SCLK periods.
www.national.com
7


Similar Part No. - ADC104S021CIMMX

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC104S021CIMMX/NOPB TI1-ADC104S021CIMMX/NOPB Datasheet
1Mb / 27P
[Old version datasheet]   4-Channel, 50 ksps to 200 ksps, 10-Bit A/D Converter
More results

Similar Description - ADC104S021CIMMX

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC104S021 TI1-ADC104S021 Datasheet
1Mb / 27P
[Old version datasheet]   4-Channel, 50 ksps to 200 ksps, 10-Bit A/D Converter
ADC104S051CIMM TI1-ADC104S051CIMM Datasheet
1Mb / 25P
[Old version datasheet]   ADC104S051 4 Channel, 200 ksps to 500 ksps, 10-Bit A/D Converter
logo
National Semiconductor ...
ADC124S021 NSC-ADC124S021 Datasheet
909Kb / 19P
   4 Channel, 200 kSPS, 12-Bit A/D Converter
ADC108S022 NSC-ADC108S022 Datasheet
842Kb / 17P
   8-Channel, 50 kSPS to 200 kSPS, 10-Bit A/D Converter
ADC108S052 NSC-ADC108S052 Datasheet
839Kb / 17P
   8-Channel, 200 kSPS to 500 kSPS, 10-Bit A/D Converter
logo
Texas Instruments
ADC108S022 TI1-ADC108S022_15 Datasheet
1Mb / 25P
[Old version datasheet]   8-Channel, 50 ksps to 200 ksps, 10-Bit A/D Converter
ADC108S052 TI1-ADC108S052 Datasheet
1Mb / 27P
[Old version datasheet]   8-Channel, 200 ksps to 500 ksps, 10-Bit A/D Converter
ADC102S051 TI1-ADC102S051_15 Datasheet
1Mb / 29P
[Old version datasheet]   2 Channel, 200 ksps to 500 ksps, 10-Bit A/D Converter
ADC124S021 TI1-ADC124S021 Datasheet
1Mb / 27P
[Old version datasheet]   4-Channel, 50 ksps to 200 ksps, 12-Bit A/D Converter
ADC102S051 TI1-ADC102S051_14 Datasheet
1Mb / 28P
[Old version datasheet]   ADC102S051 2 Channel, 200 ksps to 500 ksps, 10-Bit A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com