Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAR3102A18-8P Datasheet(PDF) 34 Page - ITT Industries

Part # CAR3102A18-8P
Description  CA/MS A and B
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

CAR3102A18-8P Datasheet(HTML) 34 Page - ITT Industries

Back Button CAR3102A18-8P Datasheet HTML 26Page - ITT Industries CAR3102A18-8P Datasheet HTML 27Page - ITT Industries CAR3102A18-8P Datasheet HTML 28Page - ITT Industries CAR3102A18-8P Datasheet HTML 29Page - ITT Industries CAR3102A18-8P Datasheet HTML 30Page - ITT Industries CAR3102A18-8P Datasheet HTML 31Page - ITT Industries CAR3102A18-8P Datasheet HTML 32Page - ITT Industries CAR3102A18-8P Datasheet HTML 33Page - ITT Industries CAR3102A18-8P Datasheet HTML 34Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 34 / 34 page
background image
A-105
www.ittcannon.com
Dimensions shown in inches (mm)
Specifications and dimensions subject to change
A
MIL-DTL-5015 Connectors
Accessories
F80 Assembly Instructions
ITT Cannon provides a complete line of crimp insertion and extraction tooling to be used
with CA-F80 contacts as follows.
Contact
Hand Crimp
Power Crimp
Crimp
Size
Tool*
Locator
Tool*
Head
Locator
Gauge
16
M-2252/1-01
TH-70-1
CBT-530
12
M-2252/1-01
TP567
CBT-600/600B
CCH-12-7 CCHP-12-2
-
8
-
-
CBT-600/600B
CCH-8-1
CCHP-8-1
CCH-8-1
4
-
-
CBT-600/600B
CCH-4-1
CCHP-4-1
CCH-4-1
0
-
-
CBT-600B
CCH-0-1
CCHP-0-9
CCH-0
*The M-22520/1-01 is the MIL standard crimp tool for #12 thru #20 contacts and when
used with crimp #12, 16 and 20 contacts for the CA-F80.
**The CBT-600 is recommended for crimping of #4 thru #12 contacts. The CBT-600B for
#0 thru #8. The appropriate locators and crimp heads are available as shown above.
Crimp Tool
Crimping Contacts
1. Check the crimp tool to be sure that the proper crimp
head locator is used.
2. Cycle to tool to be sure the indentors are open.
3. Place the contact, mating end first, into the tool.
4. Insert the stripped wire into the hollow end of the
contact. Be sure the wire is inserted as far as it will
go.
5. Close the tool completely to crimp. Unless the tool is
closed completely, the tool will not release the
contact.
6. Remove the crimped contact from the tool. Check the
inspection hole to verify that the wire is fully inserted.
Insertion/Extraction Tools
Insertion and extraction tools used for these connectors
are available for contact sizes 16 thru 0 as shown.
Contact
Insertion
Extraction
Handle
Size
Tools
Tools
Color
16
CIT-16
CET-16-4
Blue
(038895-0000)
(038888-0004)
12
CIT-12
CET-12-2
Yellow
(038896-0000)
(038890-0002)
8
CIT-8
CET-8
Red
4
CIT-4
CET-4
Blue
0
CIT-0
CET-0
Yellow
Insertion of Contacts
1. Before inserting the contacts, remove the endbell,
grommets, and ferrule from the receptacle. Remove
the endbell, grommet, ferrule, and coupling nut from
the plug. Slide the hardware over the wire bundle in
the proper order for reassembly after all the contacts
are inserted.
2. To assist insertion of contacts, lubricate insert cavities
with isopropyl alcohol. Alcohol will evaporate and
will not leave a conductive film. Caution: Never use
any lubricant other than isopropyl alcohol. Hold the
plug or receptacle body firmly and insert the wired
contacts as far as possible by hand. Starting at one
side of the insulator, work progressively from contact
to contact across the layout. When inserting socket
contacts, be sure to provide fixture space below the
front face to permit length of guide pins for #16 and
#12 contacts to clear insulator face.
3. Place the correct insertion tool on the contact so that
the wire runs along the groove in the tool. (Tool tip
will butt against the shoulder.)
4. Beginning with a cavity on the outer edge of the plug,
apply a slow, even pressure perpendicular to the
insulator face until the contact snaps into position. If
contacts are not inserted all the way prior to
removing insertion tool, do not try to reinsert the
insertion tool. Instead, using the extraction tool, push
the contact back to the position it was in when the
insertion tool was originally placed over the contact
for push-in; otherwise the inside of contact cavity
may be damaged by reinserting the insertion tool.
5. Inspect the front end of the insulator to assure that
the contacts are inserted to the proper depth.
Completion
After all the cavities have been filled, slide the hardware
back into position on the barrel. Tighten the endbell
until the ferrule and endbell are flush. Compression of
the grommet in this manner results in maximum sealing
characteristics of the plug.
Extraction of Contacts
1. Select the appropriate tool. (Tool tips are reversible for
either pin or socket.) Place the extraction tool over the
pin or into the socket.
2. Apply a slow, even pressure to push the contact out
of the rear of the insulator.
Recommended Wire Stripping
Contacts
Contact Part Numbers
F80
Contact Size
Pin
Socket
16S
330-0345-016
031-0554-161
16
330-0351-016
031-0560-161
12
330-0351-012
031-0560-121
8
330-0351-008
031-0560-081
4
330-0351-004
031-0560-041
0
330-0351-000
031-0560-001
Guide Pins
Guide pins are used to assist insertion of socket contact
Sizes #16 and #12. Larger sizes do not require guide
pins.
Contact
Guide Pin
#16
226-1017-000
#12
226-1018-000
Wire Hole Fillers
Wire
ITT Cannon
Size AWG
Part Number
Color
20
225-1000-000
Red
16/16S
225-0017-000
Blue
12
225-0018-000
Yellow
8
225-0019-000
White
4
225-8502-000
Green
0
225-8503-000
Black
0
3
5
/
0
2
5
-
T
B
C
0
0
6
-
T
B
C
SIZE 16
SIZE 8
SIZE 0
SIZE 4
SIZE 12
1/4"
1/4"
7/16"
11/16"
5/8"
ca_A1-A163.qxd:Layout 1
2/9/11
7:50 PM
Page 105


Similar Part No. - CAR3102A18-8P

ManufacturerPart #DatasheetDescription
logo
ITT Industries
CAR3102A18-8P ITT-CAR3102A18-8P Datasheet
4Mb / 34P
   CA/MS A and B
More results

Similar Description - CAR3102A18-8P

ManufacturerPart #DatasheetDescription
logo
ITT Industries
CA3106E2821PF80 ITT-CA3106E2821PF80 Datasheet
4Mb / 34P
   CA/MS A and B
logo
PHOENIX CONTACT
2702307 PHOENIX-2702307 Datasheet
55Kb / 3P
   Power cable - PLD E 608-CA-MS/0,6/FS/UL
logo
List of Unclassifed Man...
ACM-8RF ETC1-ACM-8RF Datasheet
447Kb / 2P
   RELAY MODULE FOR USE WITH MS-9200 MS-9200UD MS-9600 AND MS-5210UD
logo
PHOENIX CONTACT
1647815 PHOENIX-1647815 Datasheet
46Kb / 2P
   Single locking latch - HC-B 10-LBUEGEL-MS
1458541 PHOENIX-1458541 Datasheet
65Kb / 5P
   Valve connectors - SAC-3P-MS/B-1L-Z SCO
logo
Schneider Electric
TM5SDC1FS SCHNEIDER-TM5SDC1FS Datasheet
125Kb / 3P
   Counter module, Modicon TM5, Mod. FS channel, 7 kHz, 24VDC, A A, B B, A A-B B
Apr 8, 2022
logo
HARTING Technology Grou...
33-50-410-0306-100 HARTING-33-50-410-0306-100 Datasheet
497Kb / 2P
   Han FB CA 17D 0,5mm짼 m/- st/- PUR 10,0m
2021-12-08
33-50-410-0306-050 HARTING-33-50-410-0306-050 Datasheet
497Kb / 2P
   Han FB CA 17D 0,5mm짼 m/- st/- PUR 5,0m
2021-12-08
33-50-420-0306-075 HARTING-33-50-420-0306-075 Datasheet
505Kb / 2P
   Han FB CA 17D 0,5mm짼 f/- st/- PUR 7,5m
2021-12-08
33-50-420-0306-100 HARTING-33-50-420-0306-100 Datasheet
505Kb / 2P
   Han FB CA 17D 0,5mm짼 f/- st/- PUR 10,0m
2021-12-08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com