Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BKAD3A234MAB40001FO Datasheet(PDF) 3 Page - ITT Industries

Part # BKAD3A234MAB40001FO
Description  Military/Aerospace
Download  386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

BKAD3A234MAB40001FO Datasheet(HTML) 3 Page - ITT Industries

  BKAD3A234MAB40001FO Datasheet HTML 1Page - ITT Industries BKAD3A234MAB40001FO Datasheet HTML 2Page - ITT Industries BKAD3A234MAB40001FO Datasheet HTML 3Page - ITT Industries BKAD3A234MAB40001FO Datasheet HTML 4Page - ITT Industries BKAD3A234MAB40001FO Datasheet HTML 5Page - ITT Industries BKAD3A234MAB40001FO Datasheet HTML 6Page - ITT Industries BKAD3A234MAB40001FO Datasheet HTML 7Page - ITT Industries BKAD3A234MAB40001FO Datasheet HTML 8Page - ITT Industries BKAD3A234MAB40001FO Datasheet HTML 9Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 386 page
background image
* = For Polarizing Position greater then 99, add third digit.
www.ittcannon.com
3
Dimensions are shown in inches (millimeters).
Dimensions subject to change.
ARINC 600
BKAD/E/F
CONNECTOR SERIES
CLASS
SHELL SIZE
CONNECTOR LAYOUT DESCRIPTION
SIZE 1 COAX INSERT MODIFIER
BOEING COAX MODIFIER
SHELL STYLE
CONNECTOR MOUNTING MODIFIER
POLARIZING POSITION
MODIFIER (Contact, Finish, Material)
How to Order
BKA
D
2
A234
M
*
3
00
01 *
F0
CONNECTOR SERIES
BOEING COAX MODIFIER
SHELL STYLE
CONNECTOR MOUNTING MODIFIER
CLASS
Non-environmental (rear release, crimp
contacts)
Environmental (rear release, crimp con-
tacts)
Non-environmental (front release, solder
and wrap post
#22 contact, rear release
all others)
Same as E, except uses
BKAD shells, and
Less
0 rings on plug side.
Environmental (0-ring is used to seal
between connector shell and insulators)
with rear release, crimp contacts.
Non-environmental connector using fil-
tered contacts (reference Cannon Phoe-
nix)
Max. contact capacity -
125
Max. contact capacity -
400
Max. contact capacity -
800
Connector contains modified
71W1 or
2W2 insert (four MTG screw hole loca-
tions and coaxial contact used in this
insert are interchangeable between dif-
ferent manufacturers
Plug (rack side)
Receptacle (box side)
Standard design, .148 dia. holes
With #6-32 ESNA (#12 NCFMA2-62) clinch
nuts (see chart)
Size 1 receptacle only - less 3 printed circuit
board mounting lugs
With #4-40 ESNA (#22 NCFMA2-40) clinch
nuts (see chart)
Size 2 and 3 plug and receptacle only - with
#4-40 ESNA (#22 NCFMA2-40) clinch nuts
(all mounting holes)
Size 2 and 3 plug and receptacle only - with
#6-32 ESNA (#12 NCFMA2-62) clinch nuts
(all mounting holes)
Same as - 00 mounting modification except
with nickel finished shells .0008 - .0012 thick
with EMI grounding spring for plug shells and
supplied with non-environmental inserts.
Same as - 00 mounting modification except
with nickel finished shells .0008 - .0012 thick
with EMI grounding spring for plug shells and
supplied with environmental inserts not potted
into shell.
With floating eyelets (.048 min. radial float)
4 corner holes per connector.
Consult factory if other modifications are required
SHELL SIZE
CONNECTOR LAYOUT DESCRIPTION
SIZE 1 COAX INSERT MODIFIER
NOTE: A dash must be inserted whenever code does not apply.
D
BKA (Per ARINC 600)
E
F
C
S
T
3 -
4 -
00 -
01 -
02 -
03 -
08 -
09 -
16 -
17 -
23 -
M
1
2
3
(See page 4)
-
-
-
-
-
-
-
-
-
-
Boeing
Coax
Code
Connector
Size
1
2
3
4
4
8
4
6
10
Number of Clinch Nuts
Plug
Receptacle
ITTC
Code
Plug Connector
Receptacle Connector
ITTC Coax Contacts Supplied
AA
AB
AC
AD
AE
AF
Blank
B
C
D
E
F
No Coax Supplied
349-0013-000
349-0015-000
349-0013-000
349-0017-000
349-0015-000
349-0018-000
349-0015-000
349-0017-000
No Coax Supplied
349-0014-000
349-0016-000
349-0014-000
349-0002-000
349-0016-000
349-0004-000
349-0016-000
349-0002-000


Similar Part No. - BKAD3A234MAB40001FO

ManufacturerPart #DatasheetDescription
logo
ITT Industries
BKAD3A234MAB40001F0 ITT-BKAD3A234MAB40001F0 Datasheet
866Kb / 19P
   ARINC 600
BKAD3A234MAB40001F00 ITT-BKAD3A234MAB40001F00 Datasheet
866Kb / 19P
   ARINC 600
More results

Similar Description - BKAD3A234MAB40001FO

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
T-330SCT PULSE-T-330SCT Datasheet
377Kb / 4P
   MILITARY/AEROSPACE
logo
Littelfuse
M83530 LITTELFUSE-M83530 Datasheet
78Kb / 10P
   Varistor Products - Aerospace and Military
logo
Tyco Electronics
HFW1130K06 MACOM-HFW1130K06 Datasheet
122Kb / 2P
   Military/Aerospace High Performance Relays
logo
List of Unclassifed Man...
FCA-210 ETC2-FCA-210 Datasheet
144Kb / 4P
   Mid-Range Military/Aerospace Relays
logo
Tyco Electronics
HFW1201K00 MACOM-HFW1201K00 Datasheet
92Kb / 2P
   Military Aerospace High Performance Relays
FCA-325 MACOM-FCA-325 Datasheet
82Kb / 4P
   Mid-Range Military/Aerospace Relays
logo
ITT Industries
M83723 ITT-M83723 Datasheet
69Kb / 1P
   Circular; Aerospace Commercial Industrial Military
logo
Amphenol Corporation
T3-4120-10P AMPHENOL-T3-4120-10P Datasheet
3Mb / 39P
   environmental connectors for military/aerospace applications
logo
List of Unclassifed Man...
FCA-125 ETC2-FCA-125 Datasheet
112Kb / 4P
   Tyco Electronics Mid-Range Military/Aerospace Relays
logo
C&K Components
M837319-311 CK-COMPONENTS-M837319-311 Datasheet
367Kb / 5P
   Military/Aerospace/HI-REL MIL-S-83731 Toggle Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com