Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAR3100A18-8S Datasheet(PDF) 25 Page - ITT Industries

Part # CAR3100A18-8S
Description  CA/MS A and B
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

CAR3100A18-8S Datasheet(HTML) 25 Page - ITT Industries

Back Button CAR3100A18-8S Datasheet HTML 21Page - ITT Industries CAR3100A18-8S Datasheet HTML 22Page - ITT Industries CAR3100A18-8S Datasheet HTML 23Page - ITT Industries CAR3100A18-8S Datasheet HTML 24Page - ITT Industries CAR3100A18-8S Datasheet HTML 25Page - ITT Industries CAR3100A18-8S Datasheet HTML 26Page - ITT Industries CAR3100A18-8S Datasheet HTML 27Page - ITT Industries CAR3100A18-8S Datasheet HTML 28Page - ITT Industries CAR3100A18-8S Datasheet HTML 29Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 34 page
background image
A-96
www.ittcannon.com
Dimensions shown in inches (mm)
Specifications and dimensions subject to change
A
MIL-DTL-5015 Connectors
MS-E/F/R
Shell
Size
8S
10S
10SL
12S
14S
16S
12
14
16
18
20
22
24
28
32
36
L
Max.
1.531 (38.89)
1.531 (38.89)
1.531 (38.89)
1.531 (38.89)
1.531 (38.89)
1.531 (38.89)
1.968 (49.99)
1.968 (49.99)
1.968 (49.99)
1.968 (49.99)
2.188 (55.58)
2.188 (55.58)
2.188 (55.58)
2.188 (55.58)
2.188 (55.58)
2.188 (55.58)
R
± .005 (±0.13)
.594 (15.09)
.719 (18.26)
.719 (18.26)
.812 (20.62)
.906 (23.01)
.969 (24.61)
.812 (20.62)
.906 (23.01)
.969 (24.61)
1.062 (26.97)
1.156 (29.36)
1.250 (31.75)
1.375 (34.93)
1.562 (39.67)
1.750 (44.45)
1.938 (49.23)
S
Max.
.906 (23.01)
1.031 (26.19)
1.031 (26.19)
1.125 (28.58)
1.219 (30.96)
1.312 (33.32)
1.125 (28.58)
1.219 (30.96)
1.312 (33.32)
1.406 (35.71)
1.531 (38.89)
1.656 (42.06)
1.781 (45.24)
2.031 (51.59)
2.281 (57.94)
2.531 (64.29)
R
+.010 (+0.25)
-.005 (-.031)
.120 (3.05)
.120 (3.05)
.120 (3.05)
.120 (3.05)
.120 (3.05)
.120 (3.05)
.120 (3.05)
.120 (3.05)
.120 (3.05)
.120 (3.05)
.120 (3.05)
.120 (3.05)
.147 (3.73)
.147 (3.73)
.173 (4.39)
.173 (4.39)
A
Thread
1/2-28UNEF-2A
5/8-24NEF-2A
5/8-24NEF-2A
3/4-20UNEF-2A
7/8-20UNEF-2A
1-20UNEF-2A
3/4-20UNEF-2A
3/4-20UNEF-2A
1-20UNEF-2A
1-1/8-180NEF-2A
1-1/4-18NEF-2A
1-3/8-18NEF-2A
1-1/2-18NEF-2A
1-3/4-18NS-2A
2-18NS-2A
2-1/4-16UN-2A
MS 25183 -
18 - 10
P
MS 3103
-
18 - 10
P
CA 3100 ER
18 - 10
P
PREFIX
SHELL STYLE
CLASS
SHELL SIZE
CONTACT ARRANGEMENTS
CONTACT TYPE
PREFIX
CA - ITT Cannon prefix indicating special
application or variation of MS
SHELL STYLE
3100 - Wall mounting receptacle (MS3103)
3106 - Straight Plug (MS325183)
3108 - 90° angle plug
CLASS
ER - Resilient insulator, nylon potting cup and
thread attachment ring
No class designator for MS types.
How To Order
Wall Mounting Receptacle
SHELL STYLE
Coupling thread diameter figured in sixteenths
of an inch
CONTACT ARRANGEMENTS
See pages A-85 – A-89
CONTACT TYPE
P - Pin
S - Socket
MS type potting connectors are available with nylon cups. 00 and 06 shell
styles with plastic cups and resilient insulators meet the requirements of
MS3103 and MS25183. Also available is the 08 plug with resilient
insulator and 90° angle nylon potting cup.
ITT Cannon provides for a 1/4" clearance for potting on all contact sizes.
The CA3100ER receptacle (MS3103) is supplied with a resilient insulator and nylon potting cup with a
threaded attachment ring. This receptacle mates with 3106 and 3108 plugs.
Performance Specifications - Page XXX
Contact, Ceiling Plugs, Assembly Tools - Page XXX
Contact Arrangements - Page XXX
MS3103
Nylon Potting Cup
Threaded Attachment Ring
CA3100ER
S
R
Polarizing
Boss
T Dia.
4 Mtg. Holes
A Thd.
L
Performance Specifications - Page A-84
Contact, Ceiling Plugs, Assembly Tools - Page A-105
Contact Arrangements - Page A-85 – A-89
ca_A1-A163.qxd:Layout 1
2/9/11
7:50 PM
Page 96


Similar Part No. - CAR3100A18-8S

ManufacturerPart #DatasheetDescription
logo
ITT Industries
CAR3100A18-8S ITT-CAR3100A18-8S Datasheet
4Mb / 34P
   CA/MS A and B
More results

Similar Description - CAR3100A18-8S

ManufacturerPart #DatasheetDescription
logo
ITT Industries
CA3106F24-10SF80 ITT-CA3106F24-10SF80 Datasheet
4Mb / 34P
   CA/MS A and B
logo
PHOENIX CONTACT
2702307 PHOENIX-2702307 Datasheet
55Kb / 3P
   Power cable - PLD E 608-CA-MS/0,6/FS/UL
logo
List of Unclassifed Man...
ACM-8RF ETC1-ACM-8RF Datasheet
447Kb / 2P
   RELAY MODULE FOR USE WITH MS-9200 MS-9200UD MS-9600 AND MS-5210UD
logo
PHOENIX CONTACT
1647815 PHOENIX-1647815 Datasheet
46Kb / 2P
   Single locking latch - HC-B 10-LBUEGEL-MS
1458541 PHOENIX-1458541 Datasheet
65Kb / 5P
   Valve connectors - SAC-3P-MS/B-1L-Z SCO
logo
Schneider Electric
TM5SDC1FS SCHNEIDER-TM5SDC1FS Datasheet
125Kb / 3P
   Counter module, Modicon TM5, Mod. FS channel, 7 kHz, 24VDC, A A, B B, A A-B B
Apr 8, 2022
logo
HARTING Technology Grou...
33-50-410-0306-100 HARTING-33-50-410-0306-100 Datasheet
497Kb / 2P
   Han FB CA 17D 0,5mm짼 m/- st/- PUR 10,0m
2021-12-08
33-50-410-0306-050 HARTING-33-50-410-0306-050 Datasheet
497Kb / 2P
   Han FB CA 17D 0,5mm짼 m/- st/- PUR 5,0m
2021-12-08
33-50-420-0306-075 HARTING-33-50-420-0306-075 Datasheet
505Kb / 2P
   Han FB CA 17D 0,5mm짼 f/- st/- PUR 7,5m
2021-12-08
33-50-420-0306-100 HARTING-33-50-420-0306-100 Datasheet
505Kb / 2P
   Han FB CA 17D 0,5mm짼 f/- st/- PUR 10,0m
2021-12-08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com