Electronic Components Datasheet Search |
|
CAR3100A18-8S Datasheet(PDF) 33 Page - ITT Industries |
|
CAR3100A18-8S Datasheet(HTML) 33 Page - ITT Industries |
33 / 34 page A-104 www.ittcannon.com Dimensions shown in inches (mm) Specifications and dimensions subject to change A MIL-DTL-5015 Connectors Accessories Plastic Protective Caps Protective dust caps are designed to cover the coupling and conduit ends of MS connectors where there is a possibility of foreign matter accumulating on the interior of the connector or of damage to the threaded parts. Material is red polyethylene. Plastic dust caps can be reused, but are not intended to replace the standard aluminum dust caps shown in preceding pages. MS3106/MS3108 MS3100F,R MS3102F,R MS-F (only) F,R Part Coupling Solder Coupling Solder Solder Coupling Solder Number End Pot End End Pot End Pot End End Pot End ) 1 9 . 1 1 ( 9 6 4 . S 8 S 8 0 0 0 - 8 5 4 0 - 5 2 0 025-0459-000 8S 8S, 10S 8S 8S, 10S 025-0460-000 10S, 10SL 10SL, 12S, 12 10S, 10SL 10SL, 12S, 12 025-0462-000 12S, 12 14S, 14 12S, 12 14S, 14 025-0463-000 14S, 14 16S, 16 14S, 14 16S, 16 8 1 0 0 0 - 6 6 4 0 - 5 2 0 0 2 0 0 0 - 7 6 4 0 - 5 2 0 2 2 0 2 0 2 0 0 0 - 8 6 4 0 - 5 2 0 4 2 2 2 2 2 0 0 0 - 9 6 4 0 - 5 2 0 8 2 0 0 0 - 0 7 4 0 - 5 2 0 2 3 0 0 0 - 1 7 4 0 - 5 2 0 6 3 0 0 0 - 2 7 4 0 - 5 2 0 0 4 0 0 0 - 3 7 4 0 - 5 2 0 4 4 0 0 0 - 4 7 4 0 - 5 2 0 8 4 0 0 0 - 5 7 4 0 - 5 2 0 025-0477-000 10S, 10SL 025-0478-000 12S, 12 025-0479-000 14S, 14 025-0480-000 16S, 16 025-0484-000 18 025-0486-000 22 025-0487-000 24 025-0488-000 28 025-0489-000 32 025-0490-000 36 025-0491-000 40 025-0492-000 44 025-0493-000 48 8 1 8 4 6 1 , S 6 1 8 1 6 1 , S 6 1 0 0 0 - 8 9 4 0 - 5 2 0 2 2 , 0 2 2 2 6 3 2 2 , 0 2 0 0 0 - 9 9 4 0 - 5 2 0 8 2 , 4 2 0 4 4 2 , 4 2 0 0 0 - 0 0 5 0 - 5 2 0 2 3 4 4 8 2 2 3 8 2 0 0 0 - 1 0 5 0 - 5 2 0 6 3 2 3 2 3 6 3 2 3 0 0 0 - 2 0 5 0 - 5 2 0 0 4 8 2 , 4 2 6 3 0 4 6 3 0 0 0 - 3 0 5 0 - 5 2 0 4 4 2 2 , 0 2 0 4 4 4 0 4 0 0 0 - 4 0 5 0 - 5 2 0 8 4 8 1 8 4 8 4 0 0 0 - 5 0 5 0 - 5 2 0 0 2 8 1 8 1 0 0 0 - 7 0 5 0 - 5 2 0 4 2 4 2 0 0 0 - 0 1 5 0 - 5 2 0 025-0511-000 44 48 44 S 8 0 0 0 - 8 0 6 0 - 5 2 0 2 1 , S 2 1 , L S 0 1 0 0 0 - 9 0 6 0 - 5 2 0 4 1 , S 4 1 0 0 0 - 0 1 6 0 - 5 2 0 6 1 , S 6 1 0 0 0 - 1 1 6 0 - 5 2 0 8 2 0 0 0 - 2 1 6 0 - 5 2 0 2 3 0 0 0 - 3 1 6 0 - 5 2 0 6 3 0 0 0 - 4 1 6 0 - 5 2 0 A Max. .673 .734 .848 .973 1.098 1.209 1.396 1.500 1.625 1.870 2.120 2.370 2.501 2.872 3.122 .802 .911 1.036 1.161 1.290 1.540 1.665 1.907 2.157 2.412 2.672 2.922 3.172 1.240 1.427 1.677 1.985 2.245 2.495 2.742 3.257 1.365 1.740 3.007 .643 .829 .954 1.079 1.839 2.089 2.376 B Max. .440 .440 .700 .700 .700 .700 .700 .700 .700 .700 .700 .700 .700 .700 .700 .491 .571 .571 .571 .576 .576 .576 .576 .576 .576 .576 .576 .576 .700 .700 .700 .700 .700 .700 .700 .700 .700 .700 .700 .440 .700 .700 .700 .700 .700 .700 C Max. .430 .490 .600 .730 .850 .950 1.150 1.240 1.360 1.610 1.860 2.110 2.310 2.590 2.840 .550 .669 .794 .919 1.028 1.278 1.403 1.645 1.895 2.140 2.390 2.640 2.890 .990 1.117 1.420 1.730 1.980 2.230 2.480 2.980 1.110 1.490 2.730 .400 .580 .710 .830 1.570 1.820 2.010 D Max. .486 .546 .656 .786 .908 1.016 1.216 1.306 1.426 1.676 1.926 2.176 2.380 2.660 2.910 .616 .725 .850 .975 1.094 1.344 1.469 1.711 1.961 2.216 2.466 2.716 2.966 1.056 1.183 1.486 1.796 2.046 2.296 2.546 3.046 1.176 1.556 2.796 .456 .636 .766 .886 1.626 1.876 2.066 E Max. .583 .644 .758 .883 1.008 1.119 1.308 1.405 1.530 1.775 2.025 2.275 2.491 2.772 30.22 .712 .821 .946 1.071 1.195 1.445 1.570 1.812 2.062 2.317 2.572 2.822 3.072 1.150 1.337 1.587 1.895 2.155 2.400 2.652 3.157 1.275 1.650 2.907 .553 .739 .864 .989 1.744 1.994 2.231 Wt. Lb. .0012 .0014 .0022 .0028 .0033 .0042 .0054 .0060 .0067 .0087 .0103 .0141 .0164 .0186 .0222 .0017 .0022 .0027 .0033 .0044 .0058 .0066 .0084 .0102 .0132 .0163 .0186 .0213 .0044 .0055 .0072 .0095 .0114 .0134 .0186 .0233 .0050 .0077 .0220 .0011 .0021 .0028 .0032 .0088 .0100 .0132 Dimensions 025-XXXX-000 A B CD E .06 .13 ca_A1-A163.qxd:Layout 1 2/9/11 7:50 PM Page 104 |
Similar Part No. - CAR3100A18-8S |
|
Similar Description - CAR3100A18-8S |