Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BCP54 Datasheet(PDF) 10 Page - EPCOS

Part # BCP54
Description  45 V, 1 A NPN medium power transistors
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

BCP54 Datasheet(HTML) 10 Page - EPCOS

Back Button BCP54 Datasheet HTML 6Page - EPCOS BCP54 Datasheet HTML 7Page - EPCOS BCP54 Datasheet HTML 8Page - EPCOS BCP54 Datasheet HTML 9Page - EPCOS BCP54 Datasheet HTML 10Page - EPCOS BCP54 Datasheet HTML 11Page - EPCOS BCP54 Datasheet HTML 12Page - EPCOS BCP54 Datasheet HTML 13Page - EPCOS BCP54 Datasheet HTML 14Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
18
04/00
The following table shows the most important standards in the field of immunity to interference.
The IEC 1000 or EN 61000 series of standards are planned as central EMC standards into which
all EMC regulations (e.g. IEC 801, IEC 555) are to be integrated in the next few years.
2.5
Propagation of conducted interference
In order to be able to choose suitable interference suppression components, the way in which con-
ducted interference is propagated needs to be known (fig. 8).
Fig. 8
Common-mode and differential-mode interference
Standard
Test characteristics
Phenomena
Conducted interference
EN 61000-4-4
IEC 61000-4-4
5/50 ns (single impulse)
15 kHz burst
Burst
Cause: switching processes
EN 61000-4-5
IEC 61000-4-5
1,2 / 50 ms (open-circuit voltage)
8 / 20 ms (short-circuit current)
Surge (high-energy transients)
Cause: lightning strikes mains
lines, switching processes
EN 61000-4-6 (ENV 50141)
IEC 801-6
1 V, 3 V, 10 V
150 kHz … 80 MHz
High-frequency coupling
Narrow-band interference
Radiated interference
EN 61000-4-3 (ENV 50140)
IEC 801-3
3 V/m, 10 V/m
80 … 1000 MHz
High-frequency
interference fields
Electrostatic discharge (ESD)
EN 61000-4-2
IEC 61000-4-2
Up to 8 kV
5 / 50 ns
Electrostatic discharge
Voltage dips, short interruptions and variations
EN 61000-4-11
IEC 61000-4-11
0,4
VR
1 … 50 ms
0,7
VR
optional
VR = 0
10 ms
Electrostatic discharge
Cp: Parasitic capacitance
R: Resistance
Common-mode
interference current
Differential-mode
interference current
Interference
source
Disturbed
equipment
General Technical Information


Similar Part No. - BCP54

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BCP54 PHILIPS-BCP54 Datasheet
43Kb / 8P
   NPN medium power transistors
1999 Apr 08
BCP54 NXP-BCP54 Datasheet
160Kb / 15P
   45 V, 1 A NPN medium power transistors
Rev. 07-4 June 2007
logo
Nexperia B.V. All right...
BCP54 NEXPERIA-BCP54 Datasheet
249Kb / 12P
   45 V, 1 A NPN medium power transistors
Rev. 9 - 6 January 2023
logo
Siemens Semiconductor G...
BCP54 SIEMENS-BCP54 Datasheet
131Kb / 5P
   NPN Silicon AF Transistors (For AF driver and output stages High collector current)
logo
Infineon Technologies A...
BCP54 INFINEON-BCP54 Datasheet
827Kb / 7P
   NPN Silicon AF Transistors
2011-10-13
More results

Similar Description - BCP54

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BC635 NXP-BC635 Datasheet
152Kb / 15P
   45 V, 1 A NPN medium power transistors
Rev. 07 - 4 June 2007
BC635 NXP-BC635_13 Datasheet
160Kb / 15P
   45 V, 1 A NPN medium power transistors
Rev. 07-4 June 2007
BCP54 PHILIPS-BCP54_15 Datasheet
1Mb / 22P
   45 V, 1 A NPN medium power transistors
Rev. 8-21 October 2011
logo
Nexperia B.V. All right...
BCP54-Q_SER NEXPERIA-BCP54-Q_SER Datasheet
239Kb / 12P
   45 V, 1 A NPN medium power transistors
Rev. 1 - 2 May 2022
BCP54_SER NEXPERIA-BCP54_SER Datasheet
249Kb / 12P
   45 V, 1 A NPN medium power transistors
Rev. 9 - 6 January 2023
logo
NXP Semiconductors
BC54PA NXP-BC54PA Datasheet
1Mb / 22P
   45 V, 1 A NPN medium power transistors
Rev. 8-21 October 2011
logo
Nexperia B.V. All right...
BCX54_SER NEXPERIA-BCX54_SER Datasheet
230Kb / 12P
   45 V, 1 A NPN medium power transistors
Rev. 10 - 1 April 2023
BCX54-Q_SER NEXPERIA-BCX54-Q_SER Datasheet
230Kb / 12P
   45 V, 1 A NPN medium power transistors
Rev. 2 - 30 March 2022
BCP54T_SER NEXPERIA-BCP54T_SER Datasheet
274Kb / 14P
   45 V, 1 A NPN medium power transistors
Rev. 1 - 29 April 2019
BC54PA-Q_SER NEXPERIA-BC54PA-Q_SER Datasheet
241Kb / 13P
   45 V, 1 A NPN medium power transistors
Rev. 1 - 2 May 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com