Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT29C512-70 Datasheet(PDF) 11 Page - ATMEL Corporation

Part # AT29C512-70
Description  512K 64K x 8 5-volt Only CMOS Flash Memory
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT29C512-70 Datasheet(HTML) 11 Page - ATMEL Corporation

Back Button AT29C512-70 Datasheet HTML 4Page - ATMEL Corporation AT29C512-70 Datasheet HTML 5Page - ATMEL Corporation AT29C512-70 Datasheet HTML 6Page - ATMEL Corporation AT29C512-70 Datasheet HTML 7Page - ATMEL Corporation AT29C512-70 Datasheet HTML 8Page - ATMEL Corporation AT29C512-70 Datasheet HTML 9Page - ATMEL Corporation AT29C512-70 Datasheet HTML 10Page - ATMEL Corporation AT29C512-70 Datasheet HTML 11Page - ATMEL Corporation AT29C512-70 Datasheet HTML 12Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
11
0456H–FLASH–2/05
AT29C512
18. Software Data Protection
Enable Algorithm(1)
Notes:
1. Data Format: I/O7 - I/O0 (Hex);Address Format: A14
- A0 (Hex).
2. Data Protect state will be activated at end of program
cycle.
3. Data Protect state will be deactivated at end of pro-
gram period.
4. 128 bytes of data MUST BE loaded.
LOAD DATA AA
TO
ADDRESS 5555
LOAD DATA 55
TO
ADDRESS 2AAA
LOAD DATA A0
TO
ADDRESS 5555
LOAD DATA
TO
PAGE (128 BYTES)(4)
WRITES ENABLED
ENTER DATA
PROTECT STATE(2)
19. Software Data Protection
Disable Algorithm(1)
LOAD DATA AA
TO
ADDRESS 5555
LOAD DATA 55
TO
ADDRESS 2AAA
LOAD DATA 80
TO
ADDRESS 5555
LOAD DATA AA
TO
ADDRESS 5555
LOAD DATA 55
TO
ADDRESS 2AAA
LOAD DATA 20
TO
ADDRESS 5555
LOAD DATA
TO
PAGE (128 BYTES)(4)
EXIT DATA
PROTECT STATE(3)
20. Software Protected Program Cycle Waveform
(1)(2)(3)
Notes:
1. A7 through A15 must specify the page address during each high-to-low transition of WE (or CE) after the software code has
been entered.
2. OE must be high when WE and CE are both low.
3. All bytes that are not loaded within the sector being programmed will be indeterminate.
OE
(1)
CE
WE
DATA
(3)
BYTE 0
BYTE 126
BYTE 127
t
DH
t
BLC
t
DS
t
WP
t
WPH
t
AH
A0-A6
A7-A15
(2)
t
WC
5555
2AAA
5555
AA
55
A0
t
AS
SECTOR ADDRESS
BYTE ADDRESS


Similar Part No. - AT29C512-70

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT29C512-70JC ATMEL-AT29C512-70JC Datasheet
284Kb / 18P
   512K (64K x 8) 5-volt Only Flash Memory
AT29C512-70JI ATMEL-AT29C512-70JI Datasheet
284Kb / 18P
   512K (64K x 8) 5-volt Only Flash Memory
AT29C512-70JU ATMEL-AT29C512-70JU Datasheet
284Kb / 18P
   512K (64K x 8) 5-volt Only Flash Memory
AT29C512-70JU ATMEL-AT29C512-70JU Datasheet
333Kb / 18P
   512K (64K x 8) 5-volt Only Flash Memory
AT29C512-70TC ATMEL-AT29C512-70TC Datasheet
284Kb / 18P
   512K (64K x 8) 5-volt Only Flash Memory
More results

Similar Description - AT29C512-70

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT49F512 ATMEL-AT49F512 Datasheet
178Kb / 11P
   512K 64K x 8 5-volt Only Flash Memory
AT29C512 ATMEL-AT29C512_08 Datasheet
333Kb / 18P
   512K (64K x 8) 5-volt Only Flash Memory
AT29C512 ATMEL-AT29C512 Datasheet
284Kb / 18P
   512K (64K x 8) 5-volt Only Flash Memory
AT29LV512 ATMEL-AT29LV512 Datasheet
456Kb / 10P
   512K 64K x 8 3-volt Only CMOS Flash Memory
AT29C512-20PC ATMEL-AT29C512-20PC Datasheet
897Kb / 17P
   512K (64K x 8) 5-Volt Only CMOS Flash PEROM
AT29LV512 ATMEL-AT29LV512_08 Datasheet
341Kb / 15P
   512K (64K x 8) 3-volt Only Flash Memory
AT49F040 ATMEL-AT49F040 Datasheet
229Kb / 10P
   4-Megabit 512K x 8 5-volt Only CMOS Flash Memory
AT49F8192 ATMEL-AT49F8192 Datasheet
241Kb / 11P
   8-Megabit 512K x 16 5-volt Only CMOS Flash Memory
AT49F040 ATMEL-AT49F040 Datasheet
245Kb / 10P
   4 Megabit 512K x 8 5-volt Only CMOS Flash Memory
AT49F040T ATMEL-AT49F040T Datasheet
232Kb / 12P
   4-Megabit (512K x 8) 5-volt Only CMOS Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com