Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TN0L16-1219S2B01 Datasheet(PDF) 8 Page - ITT Industries

Part # TN0L16-1219S2B01
Description  Cannon Trident Series
Download  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

TN0L16-1219S2B01 Datasheet(HTML) 8 Page - ITT Industries

Back Button TN0L16-1219S2B01 Datasheet HTML 4Page - ITT Industries TN0L16-1219S2B01 Datasheet HTML 5Page - ITT Industries TN0L16-1219S2B01 Datasheet HTML 6Page - ITT Industries TN0L16-1219S2B01 Datasheet HTML 7Page - ITT Industries TN0L16-1219S2B01 Datasheet HTML 8Page - ITT Industries TN0L16-1219S2B01 Datasheet HTML 9Page - ITT Industries TN0L16-1219S2B01 Datasheet HTML 10Page - ITT Industries TN0L16-1219S2B01 Datasheet HTML 11Page - ITT Industries TN0L16-1219S2B01 Datasheet HTML 12Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 96 page
background image
Typical Nomenclature:
TST
02
PA
0
0
*
Series
TST = Trident Snap Together
Number of Contacts
02
03
04
06
12
24
36
Plating Style
T= Tin
Y
= Gold
Z
= Gold Flash
*= None (no contacts)
Contact Type
0= No Contacts (Standard for Plug and Panel
Mounted Receptacle)
1= Machined Solder Tail Pin
2= Machined Solder Tail Socket
5= Formed Stamped Solder Tail Pin
6= Formed Stamped Solder Tail Socket
Color of Moulding
0= Black
Cannon Trident Connectors
Snap Together - Rectangular
Test
Method
Criteria of Acceptance
Dielectric Withstanding Voltage
2000 V ac
No breakdown
Thermal Shock
-55°C to +125°C (-67°F to +257°F), 5 cycles
No physical damage
Physical Shock
50 g’s peak, 3 axes,
No physical damage.
11 millisecond duration half-sine pulse
No loss of continuity >1 sec
Vibration
10 g’s peak,
No physical damage,
10-500 Hz, 9 hours
No loss of continuity >1 sec
Durability
500 cycles of mating and unmating,
No mechanical or
500 mating cycles max
electrical defects
Salt Spray
48 hours
Shall be capable of mating and unmating
and meet contact resistance requirements
High Temperature Endurance
1000 hours at 125°C (+257°F)
Insulation Resistance > 100 MΩ
Humidy Steady State
RH 90-95%, 40°C (+104°F), 504 hours
Insulation Resistance > 100 MΩ
Moisture Resistance
10 Cycles
Insulation Resistance > 100 MΩ
The table below summarizes the results of key tests. Data is applicable to standard connectors with standard contacts.
Variations may affect this data, so please consult factory for further information on your requirements.
Test Specifications
How to Order
Dimensions shown in mm (inch)
Specifications and dimensions subject to change
www.ittcannon.com
8
Type
PA
Plug; Free
RB
Receptacle; For PCB, with Mounting Lugs
RA
Receptacle; Panel Mounting
(delivered without any contacts)
RR
Receptacle, For PCB, 90
° Right Angle Mounting
(only for 12 position connectors with machined contacts)
AS
Accessory; Receptacle Shroud
AH
Accessory; Plug Strain Relief Hood


Similar Part No. - TN0L16-1219S2B01

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TN0018 STMICROELECTRONICS-TN0018 Datasheet
224Kb / 9P
   Surface mounting guidelines for MEMS sensors
logo
Bothhand USA, LP.
TN0023 BOTHHAND-TN0023 Datasheet
176Kb / 1P
   10/100 BASE -T MAGNETICS MODULES
logo
STMicroelectronics
TN0023 STMICROELECTRONICS-TN0023 Datasheet
70Kb / 7P
   Discontinuous flyback transformer
TN0024 STMICROELECTRONICS-TN0024 Datasheet
140Kb / 11P
   Power supply HOLD-UP time
TN0025 STMICROELECTRONICS-TN0025 Datasheet
94Kb / 7P
   LED balancing circuit with power limit
More results

Similar Description - TN0L16-1219S2B01

ManufacturerPart #DatasheetDescription
logo
ITT Industries
TNM6S10-0004P1L ITT-TNM6S10-0004P1L Datasheet
5Mb / 96P
   CANNON TRIDENT SERIES
121586-5236 ITT-121586-5236 Datasheet
5Mb / 96P
   Cannon Trident Series
192993-0106 ITT-192993-0106 Datasheet
5Mb / 96P
   Cannon Trident Series
031-8717-021 ITT-031-8717-021 Datasheet
5Mb / 96P
   Cannon Trident Series
192990-0350 ITT-192990-0350 Datasheet
291Kb / 6P
   Cannon Trident Connector System Snap Together-Rectangular
192900-0014 ITT-192900-0014 Datasheet
457Kb / 10P
   Cannon Trident Connector System Neptune Circular Connectors
192990-0960 ITT-192990-0960 Datasheet
173Kb / 4P
   Cannon Trident Connector System Snap Together-Slimline
DEU-9S-A197-F0 ITT-DEU-9S-A197-F0 Datasheet
42Kb / 1P
   Cannon
120220-0210 ITT-120220-0210 Datasheet
414Kb / 4P
   CANNON UNIVERSAL CONTACT SERIES
DBSFY-25P-A190-K87 ITT-DBSFY-25P-A190-K87 Datasheet
295Kb / 6P
   Cannon Speedy D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com