Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DBMG13C3SNF225 Datasheet(PDF) 8 Page - ITT Industries

Part # DBMG13C3SNF225
Description  A Historical Achievement of Technology Leadership
Download  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

DBMG13C3SNF225 Datasheet(HTML) 8 Page - ITT Industries

Back Button DBMG13C3SNF225 Datasheet HTML 4Page - ITT Industries DBMG13C3SNF225 Datasheet HTML 5Page - ITT Industries DBMG13C3SNF225 Datasheet HTML 6Page - ITT Industries DBMG13C3SNF225 Datasheet HTML 7Page - ITT Industries DBMG13C3SNF225 Datasheet HTML 8Page - ITT Industries DBMG13C3SNF225 Datasheet HTML 9Page - ITT Industries DBMG13C3SNF225 Datasheet HTML 10Page - ITT Industries DBMG13C3SNF225 Datasheet HTML 11Page - ITT Industries DBMG13C3SNF225 Datasheet HTML 12Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 103 page
background image
Cannon Combo D®
8
www.ittcannon.com
Dimensions shown in mm
Specifications and dimensions subject to change
EuropeanOrderingInformationDesignatorSelection
Combo D European Versions
Typical Part Number: DBM E- 9C4 P-P00-1A5N-A191-K87-146
Product Family Designator
D*M = Combo D
= shell size E, A, B, C and D
Hardware Modifier
without code = 3,05mm” (.120 in.) Through Hole
E= 4-40 Clinchnut, solder cup, solder pin straight and 1A0N
N= 7.66 mm (.300 in.) with 4-40 post and pushfit, only OL4
Q= 7.66 mm (.300 in.) M3 with pushfit, only OL4
T= 7.66 mm (.300 in.) M3 standoff, only OL4
U= 7.66 mm (.300 in.) M3 post and pushfit, only OL4
V= 7.66 mm (.300 in.) 4-40 with pushfit, only OL4
X= M-3 Clinchnut, solder cup, solder pin straight and 1A0N
Y= Dual Float Mount, only solder cup
Z= .7.66 mm (.300 in.) 4-40 with pushfit, only OL4
Layout (Total # of contacts + # of Size 8 Cavities)
without code = Non Combo (9, 15, 25, 37, 50)
W = Empty size 8 Cavities
C = 75 Ohm Coax installed (straight or 90°)
X = 50 Ohm Coax installed (straight or 90°)
H = High power installed (straight)
P = High power installed (Euro, 90° only)
V = High voltage installed (available in straight PC only
G = Guide pin or guide socket installed
Gender
P = Male (plug, pin)
S = Female (receptacle, socket)
Code only applicable for Pressfit High power #8 contacts
P00 = Pessfit High power PCB dia 2,9 mm
P01 = Pessfit High power PCB dia 3,1 mm
P02 = Pessfit High power PCB dia 3,5 mm
PCB Mounting Method
146 = Pushfit for PCB hold diameter 3.0, 90° version only
162
= Pushfit for PCB hold diameter 3.2, 90° version only
Plating Modification
without code = Tellow chromate over zinc on shells
A197 = Tin on shells
K87
= Tin with dimples on shells (pin only)
Contact Finishes
without code = performance class 3 (50 mating cycles)
A191 = performance class 2 (200 mating cycles) Euro standard
A190 = performance class 1 (500 mating cycles)
Tail Modifier
[OL2] =
No standard, please call factory
=
Solder cup (size 8 contacts not loaded on these
versions)
OL4 =
Solder pin straight
1A0N =
without mouting bracket, hole dia. 3.05 mm
1A5N =
plastic bracket with bushing dia. 3.05 mm
1A6N =
plastic bracket with post 4-40
1A7N =
metal bracket and captive nut 4-40
1A8N =
metal bracket with post 4-40
1A9N =
metal bracket and captive nut M3
1ADN =
plastic bracket with grounding bracket and bushing
dia. 3.05 mm
1AFN =
metal bracket with bushing dia. 3.05 mm
1AGN =
plastic bracket with grounding bracket and post M3
1AHN =
metal bracket with post M3
1AJN =
plastic bracket with grounding bracket and post
4-40
1APN =
plastic bracket with post M3
1ATN =
plastic bracket and captive nut M3
1AUN =
plastic bracket and captive nut 4-40
1AVN =
plastic bracket with grounding bracket and captive
nut M3
1AWN =
plastic bracket with grounding bracket and captive
nut 4-40
1AEN =
90° low profile metal bracket captive nut M3
1AAN =
90° low profile metal bracket captive nut 4-40
1ABN =
90° low profile metal bracket post M3
1ACN =
low profile metal bracket post 4-40
1ALN =
low profile metal bracket with buhing dia. 3.05 mm


Similar Part No. - DBMG13C3SNF225

ManufacturerPart #DatasheetDescription
logo
ITT Industries
DBMG13C3SNF225 ITT-DBMG13C3SNF225 Datasheet
8Mb / 103P
   A Historical Achievement of Technology Leadership
DBMG13C3SNF225 ITT-DBMG13C3SNF225 Datasheet
8Mb / 103P
   A Historical Achievement of Technology Leadership
More results

Similar Description - DBMG13C3SNF225

ManufacturerPart #DatasheetDescription
logo
ITT Industries
DEMP2C2P-JK87 ITT-DEMP2C2P-JK87 Datasheet
8Mb / 103P
   A Historical Achievement of Technology Leadership
DBMM-9W4P ITT-DBMM-9W4P Datasheet
8Mb / 103P
   A Historical Achievement of Technology Leadership
DCMM8W8P ITT-DCMM8W8P Datasheet
8Mb / 103P
   A Historical Achievement of Technology Leadership
DDMN-50P-N-K87 ITT-DDMN-50P-N-K87 Datasheet
8Mb / 103P
   A Historical Achievement of Technology Leadership
M85049 ITT-M85049 Datasheet
2Mb / 28P
   A Historical Achievement of Technology Leadership
DBMC13C3SJA197 ITT-DBMC13C3SJA197 Datasheet
4Mb / 103P
   A Historical Achievement of Technology Leadership
192990-0350 ITT-192990-0350_11 Datasheet
5Mb / 96P
   A historical Achievement of technology Leadership
DCMM-8W8P ITT-DCMM-8W8P Datasheet
8Mb / 103P
   A Historical Achievement of Technology Leadership
logo
Broadcom Corporation.
SAS3216 BOARDCOM-SAS3216 Datasheet
668Kb / 2P
   Extending RAID and SAS Technology Leadership, Avago Introduces
logo
Microchip Technology
RE46C141S16F MICROCHIP-RE46C141S16F Datasheet
249Kb / 12P
   A Subsidiary of Microchip Technology Inc.
2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com